Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73WL Datasheet(PDF) 1 Page - CTS Corporation

Part # 73WL
Description  Thick Film Construction ??Wide Terminal Configuration
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

73WL Datasheet(HTML) 1 Page - CTS Corporation

  73WL Datasheet HTML 1Page - CTS Corporation 73WL Datasheet HTML 2Page - CTS Corporation 73WL Datasheet HTML 3Page - CTS Corporation 73WL Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document No. 008-0543-0
Page 1 - 4
Rev. B
www.ctscorp.com
Series 73WLx & 73WEx
Current Sensing Resistors
Wide Terminal Chip Type
FEATURES
 Thick Film Construction – Wide Terminal Configuration
 Power Rating @ +70°C, Options 0.75 – 2 Watts
 Resistance Range, 5 – 910 milliohms
 Operating Temperature to +155°C
 EIA Standard Package Sizes
 Terminal Finish – Tin (e3)
 Reflow capable per JEDEC J-STD-020, 260°C maximum
 Tape and Reel Packaging
 Lead-Free Design – 73WEx
 RoHS Compliant in Accordance with EU Directive 2011/65/EU – 73WLx
- Lead-Free Termination Finish
- Exemption 7(c)-I, Electrical and electronic components containing lead [Pb] in glass
APPLICATIONS
Ideal for applications such as current detection and limiting, regulated battery circuits, motor control, power supply,
hard disk drives, inverter/converter, industrial equipment and automotive.
ORDERING INFORMATION
Notes:
1. No dashes or spaces to appear in part number.
2. Example Part Numbers:
73WL4R100F
[1206 pkg., 0.100 Ohms, ±1%]
73WL6R024J [2010 pkg., 0.024 Ohms, ±5%]
73WL7R750J [2512 pkg., 0.750 Ohms, ±5%]
73WE4R016F
[1206 pkg., 0.016 Ohms, ±1%]
73WE6R007J [2010 pkg., 0.007 Ohms, ±5%]
73WE7R091F
[2512 pkg., 0.091 Ohms, ±1%]
R
Not all performance combinations and resistor values may be available.
73
WL = 4-Digit Resistor Code
WE = 4-Digit Resistor Code
TYPE
J = ±5%
F = ±1%
TOLERANCE
Ex.
R470 = 0.47 Ohms
R020 = 0.020 Ohms
PACKAGE CODE
4 = 1206 [3216]
6 = 2010 [5025]
7 = 2512 [6432]
RESISTOR CODE
4-Digit Resistor Codes
"R" indicates decimal point.
Contact your local CTS Representative or CTS Customer Service for availability.


Similar Description - 73WL

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HVC TTELEC-HVC Datasheet
435Kb / 3P
   Robust thick film construction
logo
YAGEO Corporation
AC0612DR-071R YAGEO-AC0612DR-071R Datasheet
639Kb / 9P
   THICK FILM WIDE TERMINAL CHIP RESISTORS AUTOMOTIVE GRADE
logo
Rohm
LTR ROHM-LTR_V01 Datasheet
947Kb / 8P
   High Power Thick Film Shunt Resistors / Wide terminal type
2022.12 - Rev.017
LTR ROHM-LTR Datasheet
643Kb / 7P
   High power thick film shunt resistors
2021.06
logo
Bourns Electronic Solut...
4400P BOURNS-4400P Datasheet
247Kb / 2P
   Thick Film Surface Mounted Wide Body
logo
Stackpole Electronics, ...
RMCW SEI-RMCW Datasheet
458Kb / 7P
   Wide Termination Thick Film Chip Resistor
2/16/2022
logo
Bourns Electronic Solut...
4416P-T02-222 BOURNS-4416P-T02-222 Datasheet
235Kb / 2P
   4400P Series - Thick Film Surface Mounted Wide Body
4416P-2-103 BOURNS-4416P-2-103 Datasheet
235Kb / 2P
   4400P Series - Thick Film Surface Mounted Wide Body
logo
Ohmite Mfg. Co.
MOX-1-12 OHMITE-MOX-1-12 Datasheet
293Kb / 2P
   Precision Thick Film Axial Terminal High Voltage
logo
List of Unclassifed Man...
L101S221LF ETC2-L101S221LF Datasheet
169Kb / 5P
   Thick Film
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com