Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73M3BR100F Datasheet(PDF) 2 Page - CTS Corporation

Part # 73M3BR100F
Description  Metal Plate Construction ??Copper Alloy
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

73M3BR100F Datasheet(HTML) 2 Page - CTS Corporation

  73M3BR100F Datasheet HTML 1Page - CTS Corporation 73M3BR100F Datasheet HTML 2Page - CTS Corporation 73M3BR100F Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document No. 008-0542-0
Page 2 - 3
Rev. A
Series 73M1A, 73M2A, 73M3x & 73M5
Current Sense Resistor – up to 5W Power
ELECTRICAL CHARACTERISTICS
DERATING CURVE
Rated wattage is the maximum continuous power applicable at ambient temperature from -55°C to +70°C [73M5: -55°C to +105°C].
For ambient temperature above +70°C [+105°C], power rating is in accordance with Derating Curves below.
MECHANICAL SPECIFICATION
Type
Rated
Wattage
[Watts]
Resistance
[mΩ]
Tolerance
[%]
T.C.R
[ppm/°C]
Rated Ambient
Temperature
Operating
Temperature
Range
R ≥ 0.010Ω: ±50
R < 0.010Ω: ±100
R < 0.010Ω: ±100
R ≥ 0.010Ω: ±50
R ≤ 0.001Ω: ±200
R > 0.001Ω: ±100
R < 0.010Ω: ±100
R ≥ 0.010Ω: ±50
-55°C to +155°C
73M1A
1
1 - 50
±1
+70°C
+70°C
-55°C to +155°C
73M2A
2
1 - 75
±1
±50
-55°C to +155°C
+70°C
-55°C to +155°C
+70°C
+70°C
-55°C to +155°C
73M3A
3
73M3B
3
73M5
5
0.25 - 3
4 - 100
1 - 120
±1
±1
±1
RECOMMENDED LAND PATTERN
Type
Dimensions
[mm]
Resistance
[mΩ]
A
B
C
73M1A
2.1
1.4
1.6
---
73M2A
3.7
2.8
1.9
1.0 - 4.0
2.0
3.5
4.1 - 75
73M3A
7.1
3.8
1.4
0.25 - 1.5
3.4
2.2
2.0
3.2
2.6
2.5
2.9
3.2
3.0
73M3B
7.8
2.7
3.5
---
73M5
7.5
4.8
4.0
1.0 - 5.0
3.4
6.8
5.1 - 120
PACKAGE DRAWING
Dimensions
[mm]
L
W
t
c
Resistance
[mΩ]
73M1A
3.2 ±0.3
1.6 ±0.3
0.6 ±0.3
0.5 ±0.3
---
73M2A
6.3 ±0.3
3.2 ±0.3
0.8 ±0.3
1.9 ±0.3
1.0 - 4.0
0.6 ±0.3
1.1 ±0.3
4.1 - 75
73M3A
6.8 ±0.3
6.5 ±0.3
1.3 Max.
2.2 ±0.3
0.25, 0.50
1.4 Max.
1.0
1.3 Max.
1.5
1.2 Max.
1.8 ±0.3
2.0
1.6 ±0.3
2.5
1.3 ±0.3
3.0
73M3B
6.7 ±0.3
7.2 ±0.3
1.3 Max.
1.1 ±0.3
---
73M5
11.4 ±0.3
6.9 ±0.3
1.8 Max.
3.2 ±0.3
1.0 - 5.0
1.8 ±0.3
5.1 - 120
73M5 Only
NOTES
1. Terminal:
Base Metal - Copper [Cu].
Barrier Plating - Nickel [Ni].
Finish Plating – Matte Tin [Sn].


Similar Part No. - 73M3BR100F

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
73M1 CTS-73M1 Datasheet
141Kb / 2P
   Metal Plate Current Sensing Resistors
logo
Maxim Integrated Produc...
73M1822 MAXIM-73M1822 Datasheet
1Mb / 82P
   73M1822/73M1922 MicroDAA Silicon DAA with Serial Interface
Rev. 1.6
logo
Teridian Semiconductor ...
73M1866-KEYCHAIN TERIDIAN-73M1866-KEYCHAIN Datasheet
345Kb / 18P
   Evaluation Kit User Manual
March 19, 2009 Rev. 1.0
logo
Maxim Integrated Produc...
73M1866B MAXIM-73M1866B Datasheet
277Kb / 13P
   Keychain Demo Board User Manual
logo
Teridian Semiconductor ...
73M1866B TERIDIAN-73M1866B Datasheet
1Mb / 88P
   MicroDAA™ with PCM Highway
April 2010
More results

Similar Description - 73M3BR100F

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
DC20-22S-PKG100 JAE-DC20-22S-PKG100 Datasheet
118Kb / 1P
   COPPER ALLOY
logo
Amphenol Corporation
P-U77-AX11X-XX0X AMPHENOL-P-U77-AX11X-XX0X Datasheet
337Kb / 6P
   COPPER ALLOY
P-U77-AX61M-X071 AMPHENOL-P-U77-AX61M-X071 Datasheet
695Kb / 10P
   COPPER ALLOY
logo
Japan Aviation Electron...
RL01S-P16S-C36BE JAE-RL01S-P16S-C36BE Datasheet
130Kb / 1P
   CONTACT - COPPER ALLOY
RL01-P12S-C4E JAE-RL01-P12S-C4E Datasheet
169Kb / 1P
   CONTACT - COPPER ALLOY
FI-G30S-VF25 JAE-FI-G30S-VF25 Datasheet
132Kb / 1P
   CONTACT COPPER ALLOY
DP1R020JQ1 JAE-DP1R020JQ1 Datasheet
127Kb / 1P
   CONTACT COPPER ALLOY
FI-RE21HL JAE-FI-RE21HL Datasheet
130Kb / 1P
   SHELL COPPER ALLOY
FI-G30C2 JAE-FI-G30C2 Datasheet
116Kb / 1P
   CONTACT COPPER ALLOY
JN1-22-26S-PKG100 JAE-JN1-22-26S-PKG100 Datasheet
108Kb / 1P
   CONTACT COPPER ALLOY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com