Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5112 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM5112
Description  Tiny 7A MOSFET Gate Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5112 Datasheet(HTML) 2 Page - Texas Instruments

  LM5112 Datasheet HTML 1Page - Texas Instruments LM5112 Datasheet HTML 2Page - Texas Instruments LM5112 Datasheet HTML 3Page - Texas Instruments LM5112 Datasheet HTML 4Page - Texas Instruments LM5112 Datasheet HTML 5Page - Texas Instruments LM5112 Datasheet HTML 6Page - Texas Instruments LM5112 Datasheet HTML 7Page - Texas Instruments LM5112 Datasheet HTML 8Page - Texas Instruments LM5112 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1
2
3
4
5
6
IN
OUT
IN_REF
INB
VCC
VEE
INB
VEE
IN
OUT
VCC
N/C
N/C
IN_REF
1
2
3
4
8
7
6
5
LM5112
SNVS234B – SEPTEMBER 2004 – REVISED APRIL 2006
www.ti.com
Pin Configurations
Figure 2. WSON-6
Figure 3. MSOP-PowerPAD-8
PIN DESCRIPTIONS
Pin
Name
Description
Application Information
WSON-6
MSOP-8
1
4
IN
Non-inverting input pin
TTL compatible thresholds. Pull up to VCC when not used.
2
3
VEE
Power ground for driver outputs
Connect to either power ground or a negative gate drive
supply for positive or negative voltage swing.
3
6
VCC
Positive Supply voltage input
Locally decouple to VEE. The decoupling capacitor should
be located close to the chip.
4
7
OUT
Gate drive output
Capable of sourcing 3A and sinking 7A. Voltage swing of
this output is from VEE to VCC.
5
1
IN_REF
Ground reference for control inputs
Connect to power ground (VEE) for standard positive only
output voltage swing. Connect to system logic ground when
VEE is connected to a negative gate drive supply.
6
2
INB
Inverting input pin
TTL compatible thresholds. Connect to IN_REF when not
used.
- - -
5, 8
N/C
Not internally connected
- - -
- - -
Exposed
Exposed Pad, underside of package
Internally bonded to the die substrate. Connect to VEE
Pad
ground pin for low thermal impedance.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2004–2006, Texas Instruments Incorporated
Product Folder Links: LM5112


Similar Part No. - LM5112

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5112 NSC-LM5112 Datasheet
236Kb / 10P
   Tiny 7A MOSFET Gate Driver
logo
Texas Instruments
LM5112 TI-LM5112 Datasheet
935Kb / 16P
[Old version datasheet]   Tiny 7A MOSFET Gate Driver
LM5112-Q1 TI-LM5112-Q1_15 Datasheet
935Kb / 16P
[Old version datasheet]   Tiny 7A MOSFET Gate Driver
logo
National Semiconductor ...
LM5112-SD NSC-LM5112-SD Datasheet
236Kb / 10P
   Tiny 7A MOSFET Gate Driver
LM5112-SDX NSC-LM5112-SDX Datasheet
236Kb / 10P
   Tiny 7A MOSFET Gate Driver
More results

Similar Description - LM5112

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5112 NSC-LM5112 Datasheet
236Kb / 10P
   Tiny 7A MOSFET Gate Driver
logo
Texas Instruments
LM5112SD TI1-LM5112SD Datasheet
940Kb / 16P
[Old version datasheet]   Tiny 7A MOSFET Gate Driver
LM5112-Q1 TI-LM5112-Q1_15 Datasheet
935Kb / 16P
[Old version datasheet]   Tiny 7A MOSFET Gate Driver
SM74101 TI-SM74101 Datasheet
1Mb / 23P
[Old version datasheet]   SM74101 Tiny 7A MOSFET Gate Driver
EMB1412 TI-EMB1412_15 Datasheet
767Kb / 15P
[Old version datasheet]   MOSFET Gate Driver
logo
Holtek Semiconductor In...
HT45B0C HOLTEK-HT45B0C Datasheet
114Kb / 10P
   MOSFET Gate Driver
logo
Microchip Technology
MCP1415 MICROCHIP-MCP1415_16 Datasheet
743Kb / 17P
   Tiny 1.5A, High-Speed Power MOSFET Driver
07/14/15
MCP1415 MICROCHIP-MCP1415 Datasheet
337Kb / 20P
   Tiny 1.5A, High-Speed Power MOSFET Driver
2010
MCP1415 MICROCHIP-MCP1415_10 Datasheet
488Kb / 22P
   Tiny 1.5A, High-Speed Power MOSFET Driver
2010
logo
Maxim Integrated Produc...
MAX25615 MAXIM-MAX25615 Datasheet
808Kb / 9P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Driver
Rev 2; 11/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com