Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3492Q Datasheet(PDF) 8 Page - Texas Instruments

Part # LM3492Q
Description  Two-Channel Individual Dimmable LED Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3492Q Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM3492Q Datasheet HTML 4Page - Texas Instruments LM3492Q Datasheet HTML 5Page - Texas Instruments LM3492Q Datasheet HTML 6Page - Texas Instruments LM3492Q Datasheet HTML 7Page - Texas Instruments LM3492Q Datasheet HTML 8Page - Texas Instruments LM3492Q Datasheet HTML 9Page - Texas Instruments LM3492Q Datasheet HTML 10Page - Texas Instruments LM3492Q Datasheet HTML 11Page - Texas Instruments LM3492Q Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LM3492, LM3492Q
SNVS656C – SEPTEMBER 2010 – REVISED MAY 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified the following conditions apply: TJ = 25°C, VIN = 12V with configuration in typical application circuit
for ILED = 200 mA shown in this datasheet.
1000:1 LED Dimming
300 ns LED Dimming Pulse Width
(ILED = 0.2A, Dimming frequency = 200Hz)
(ILED = 0.2A, Dimming frequency = 3.33 kHz)
Figure 14.
Figure 15.
8
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM3492 LM3492Q


Similar Part No. - LM3492Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3492Q TI-LM3492Q Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492QMH/NOPB TI1-LM3492QMH/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492QMHX/NOPB TI1-LM3492QMHX/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
More results

Similar Description - LM3492Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3492HC-Q1 TI1-LM3492HC-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   Two-Channel, Individual Dimmable LED Driver
LM3492 TI1-LM3492_15 Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492MH TI-LM3492MH Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492HC TI1-LM3492HC Datasheet
317Kb / 17P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
logo
Diodes Incorporated
AL1692-30B DIODES-AL1692-30B Datasheet
320Kb / 14P
   DIMMABLE LED DRIVER
AL1692-10E DIODES-AL1692-10E Datasheet
320Kb / 14P
   DIMMABLE LED DRIVER
AL1698 DIODES-AL1698 Datasheet
748Kb / 15P
   DIMMABLE LED DRIVER
September 2019
logo
Supertex, Inc
HV9801A SUTEX-HV9801A Datasheet
969Kb / 9P
   Switch Dimmable LED Driver
HV9801A SUTEX-HV9801A_12 Datasheet
990Kb / 9P
   Switch Dimmable LED Driver
logo
Diodes Incorporated
AL16937 DIODES-AL16937 Datasheet
327Kb / 15P
   BUCK DIMMABLE LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com