Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM6142AIMX Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM6142AIMX
Description  17 MHz Rail-to-Rail Input-Output Operational Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM6142AIMX Datasheet(HTML) 4 Page - Texas Instruments

  LM6142AIMX Datasheet HTML 1Page - Texas Instruments LM6142AIMX Datasheet HTML 2Page - Texas Instruments LM6142AIMX Datasheet HTML 3Page - Texas Instruments LM6142AIMX Datasheet HTML 4Page - Texas Instruments LM6142AIMX Datasheet HTML 5Page - Texas Instruments LM6142AIMX Datasheet HTML 6Page - Texas Instruments LM6142AIMX Datasheet HTML 7Page - Texas Instruments LM6142AIMX Datasheet HTML 8Page - Texas Instruments LM6142AIMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LM6142, LM6144
SNOS726D – JUNE 2000 – REVISED MARCH 2013
www.ti.com
5.0V AC Electrical Characteristics
(1)
Unless Otherwise Specified, All Limits Guaranteed for TA = 25°C, V
+ = 5.0V, V= 0V, V
CM = VO = V
+/2 and R
L > 1 MΩ to V
+/2.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ(2)
LM6144AI
LM6144BI
Units
LM6142AI
LM6142BI
Limit(3)
Limit(3)
SR
Slew Rate
8 VPP @ V
+ 12V
25
15
13
V/
μs
RS > 1 kΩ
13
11
min
GBW
Gain-Bandwidth Product
f = 50 kHz
17
10
10
MHz
6
6
min
φm
Phase Margin
38
Deg
Amp-to-Amp Isolation
130
dB
en
Input-Referred
f = 1 kHz
nV
16
Voltage Noise
√Hz
in
Input-Referred
f = 1 kHz
pA
0.22
Current Noise
√Hz
T.H.D.
Total Harmonic Distortion
f = 10 kHz, RL = 10 kΩ,
0.003
%
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No guarantee of parametric performance is indicated in the electrical tables under
conditions of the internal self heating where TJ > TA.
(2)
Typical values represent the most likely parametric norm.
(3)
All limits are guaranteed by testing or statistical analysis.
2.7V DC Electrical Characteristics
(1)
Unless Otherwise Specified, All Limits Guaranteed for TA = 25°C, V
+ = 2.7V, V= 0V, V
CM = VO = V
+/2 and R
L > 1 MΩ to V
+/2.
Boldface limits apply at the temperature extreme
Symbol
Parameter
Conditions
Typ(2)
LM6144AI
LM6144BI
Units
LM6142AI
LM6142BI
Limit(3)
Limit(3)
VOS
Input Offset Voltage
0.4
1.8
2.5
mV
4.3
5
max
IB
Input Bias Current
150
250
300
nA
526
526
max
IOS
Input Offset Current
4
30
30
nA
80
80
max
RIN
Input Resistance
128
M
Ω
CMRR
Common Mode
0V
≤ VCM ≤ 1.8V
90
dB
Rejection Ratio
min
0V
≤ VCM ≤ 2.7V
76
PSRR
Power Supply
3V
≤ V+ ≤ 5V
79
Rejection Ratio
VCM
Input Common-Mode
−0.25
0
0
V min
Voltage Range
2.95
2.7
2.7
V max
AV
Large Signal
RL = 10k
55
V/mV
Voltage Gain
min
VO
Output Swing
RL = 100kΩ
0.019
0.08
0.08
V
0.112
0.112
max
2.67
2.66
2.66
V
2.25
2.25
min
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No guarantee of parametric performance is indicated in the electrical tables under
conditions of the internal self heating where TJ > TA.
(2)
Typical values represent the most likely parametric norm.
(3)
All limits are guaranteed by testing or statistical analysis.
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM6142 LM6144


Similar Part No. - LM6142AIMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6142AIM NSC-LM6142AIM Datasheet
404Kb / 15P
   High Speed/Low Power 17 MHz Rail-to-Rail Input-Output Operational Amplifiers
More results

Similar Description - LM6142AIMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM6142BIMX TI-LM6142BIMX Datasheet
1Mb / 26P
[Old version datasheet]   LM6142/LM6144 17 MHz Rail-to-Rail Input-Output Operational Amplifiers
TSV911 TI1-TSV911_17 Datasheet
1Mb / 28P
[Old version datasheet]   Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911 TI1-TSV911 Datasheet
1Mb / 25P
[Old version datasheet]   Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911 TI1-TSV911_19 Datasheet
4Mb / 49P
[Old version datasheet]   Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911 TI1-TSV911_18 Datasheet
2Mb / 36P
[Old version datasheet]   Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911_018 TI1-TSV911_018 Datasheet
3Mb / 41P
[Old version datasheet]   Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
logo
National Semiconductor ...
LM6142 NSC-LM6142 Datasheet
404Kb / 15P
   High Speed/Low Power 17 MHz Rail-to-Rail Input-Output Operational Amplifiers
logo
List of Unclassifed Man...
TSV994AIYPT ETC2-TSV994AIYPT Datasheet
989Kb / 25P
   Rail-to-rail input/output 20 MHz GBP operational amplifiers
logo
STMicroelectronics
TSV991 STMICROELECTRONICS-TSV991_08 Datasheet
515Kb / 18P
   Rail-to-rail input/output 20 MHz GBP operational amplifiers
logo
Texas Instruments
TSV911 TI1-TSV911_V01 Datasheet
4Mb / 52P
[Old version datasheet]   TSV91x Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com