Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM5E400PA-S Datasheet(PDF) 1 Page - ELM Technology Corporation

Part # ELM5E400PA-S
Description  Single N-channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM5E400PA-S Datasheet(HTML) 1 Page - ELM Technology Corporation

  ELM5E400PA-S Datasheet HTML 1Page - ELM Technology Corporation ELM5E400PA-S Datasheet HTML 2Page - ELM Technology Corporation ELM5E400PA-S Datasheet HTML 3Page - ELM Technology Corporation ELM5E400PA-S Datasheet HTML 4Page - ELM Technology Corporation ELM5E400PA-S Datasheet HTML 5Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Ta=25°C. Unless otherwise noted.
5 -
ELM5E400PA-S
■General description
■Features
■Maximum absolute ratings
■Pin configuration
Parameter
Symbol
Limit
Unit
Drain-source voltage
Vds
20
V
Gate-source voltage
Vgs
±12
V
Continuous drain current Tj=150°C
Ta=25°C
Id
0.7
A
Ta=70°C
0.4
Pulsed drain current
Idm
1.0
A
Power dissipation
Tc=25°C
Pd
0.27
W
Tc=70°C
0.16
Junction and storage temperature range
Tj, Tstg
-55 to 150
°C
ELM5E400PA-S uses advanced trench technology to
provide excellent Rds(on), low gate charge and low gate
resistance.
• Vds=20V
• Id=0.7A
• Rds(on) = 360mΩ (Vgs=4.5V)
• Rds(on) = 420mΩ (Vgs=2.5V)
• Rds(on) = 560mΩ (Vgs=1.8V)
Single N-channel MOSFET
■Circuit
Pin No.
Pin name
1
GATE
2
SOURCE
3
DRAIN
S
G
D
1
2
3
SOT-523(TOP VIEW)


Similar Part No. - ELM5E400PA-S

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM5E401PA-S ELM-TECH-ELM5E401PA-S Datasheet
1Mb / 5P
   Single P-channel MOSFET
ELM5E402PA-S ELM-TECH-ELM5E402PA-S Datasheet
1Mb / 5P
   Single N-channel MOSFET
More results

Similar Description - ELM5E400PA-S

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM17412GA-S ELM-TECH-ELM17412GA-S Datasheet
93Kb / 4P
   Single N-channel MOSFET
ELM34404AA-S ELM-TECH-ELM34404AA-S Datasheet
273Kb / 4P
   Single N-channel MOSFET
ELM13400CA-S ELM-TECH-ELM13400CA-S Datasheet
95Kb / 4P
   Single N-channel MOSFET
ELM13402CA ELM-TECH-ELM13402CA Datasheet
93Kb / 4P
   Single N-channel MOSFET
ELM13418CA-S ELM-TECH-ELM13418CA-S Datasheet
96Kb / 4P
   Single N-channel MOSFET
ELM14406AA-N ELM-TECH-ELM14406AA-N Datasheet
96Kb / 4P
   Single N-channel MOSFET
ELM14410AA-N ELM-TECH-ELM14410AA-N Datasheet
94Kb / 4P
   Single N-channel MOSFET
ELM14412AA ELM-TECH-ELM14412AA Datasheet
98Kb / 4P
   Single N-channel MOSFET
ELM14466AA-N ELM-TECH-ELM14466AA-N Datasheet
99Kb / 4P
   Single N-channel MOSFET
ELM16400EA-N ELM-TECH-ELM16400EA-N Datasheet
105Kb / 4P
   Single N-channel MOSFET
ELM32410LA-S ELM-TECH-ELM32410LA-S Datasheet
133Kb / 4P
   Single N-channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com