Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74SSTVF16857VRG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # SN74SSTVF16857VRG4
Description  14 BIT REGISTERED BUFFER WITH SSTL 2 INPUT AND OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74SSTVF16857VRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74SSTVF16857VRG4 Datasheet HTML 4Page - Texas Instruments SN74SSTVF16857VRG4 Datasheet HTML 5Page - Texas Instruments SN74SSTVF16857VRG4 Datasheet HTML 6Page - Texas Instruments SN74SSTVF16857VRG4 Datasheet HTML 7Page - Texas Instruments SN74SSTVF16857VRG4 Datasheet HTML 8Page - Texas Instruments SN74SSTVF16857VRG4 Datasheet HTML 9Page - Texas Instruments SN74SSTVF16857VRG4 Datasheet HTML 10Page - Texas Instruments SN74SSTVF16857VRG4 Datasheet HTML 11Page - Texas Instruments SN74SSTVF16857VRG4 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MECHANICAL DATA
MPDS006C – FEBRUARY 1996 – REVISED AUGUST 2000
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DGV (R-PDSO-G**)
PLASTIC SMALL-OUTLINE
24 PINS SHOWN
14
3,70
3,50
4,90
5,10
20
DIM
PINS **
4073251/E 08/00
1,20 MAX
Seating Plane
0,05
0,15
0,25
0,50
0,75
0,23
0,13
112
24
13
4,30
4,50
0,16 NOM
Gage Plane
A
7,90
7,70
38
24
16
4,90
5,10
3,70
3,50
A MAX
A MIN
6,60
6,20
11,20
11,40
56
9,60
9,80
48
0,08
M
0,07
0,40
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion, not to exceed 0,15 per side.
D. Falls within JEDEC: 24/48 Pins – MO-153
14/16/20/56 Pins – MO-194


Similar Part No. - SN74SSTVF16857VRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74SSTVF16857VR TI-SN74SSTVF16857VR Datasheet
170Kb / 10P
[Old version datasheet]   14 BIT REGISTERED BUFFER WITH SSTL 2 INPUT AND OUTPUTS
More results

Similar Description - SN74SSTVF16857VRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74SSTVF16857 TI-SN74SSTVF16857 Datasheet
170Kb / 10P
[Old version datasheet]   14 BIT REGISTERED BUFFER WITH SSTL 2 INPUT AND OUTPUTS
SN74SSTV16857 TI-SN74SSTV16857 Datasheet
156Kb / 9P
[Old version datasheet]   14-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
logo
Hitachi Semiconductor
HD74SSTV16857 HITACHI-HD74SSTV16857 Datasheet
138Kb / 15P
   1:1 14-bit SSTL-2 Registered Buffer
logo
Integrated Device Techn...
IDT74SSTVF16857 IDT-IDT74SSTVF16857 Datasheet
67Kb / 6P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTVF16857 IDT-IDT74SSTVF16857_07 Datasheet
72Kb / 6P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
logo
Texas Instruments
SN74SSTVF16859 TI1-SN74SSTVF16859_17 Datasheet
897Kb / 16P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTVF16859 TI1-SN74SSTVF16859_16 Datasheet
683Kb / 16P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTV16859 TI1-SN74SSTV16859_16 Datasheet
663Kb / 15P
[Old version datasheet]   3-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
logo
Renesas Technology Corp
IDT74SSTVF16857 RENESAS-IDT74SSTVF16857 Datasheet
246Kb / 7P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
JUNE 2003
logo
Texas Instruments
SN74SSTV16859 TI1-SN74SSTV16859_17 Datasheet
878Kb / 15P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com