Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM604PA Datasheet(PDF) 4 Page - ELM Technology Corporation

Part # ELM604PA
Description  dual PWM step-down converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM604PA Datasheet(HTML) 4 Page - ELM Technology Corporation

  ELM604PA Datasheet HTML 1Page - ELM Technology Corporation ELM604PA Datasheet HTML 2Page - ELM Technology Corporation ELM604PA Datasheet HTML 3Page - ELM Technology Corporation ELM604PA Datasheet HTML 4Page - ELM Technology Corporation ELM604PA Datasheet HTML 5Page - ELM Technology Corporation ELM604PA Datasheet HTML 6Page - ELM Technology Corporation ELM604PA Datasheet HTML 7Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Rev.1.2
TDFN10-3x3
■Marking
abcde
fghijk
lmnop
■Application notes
7 -
Mark
Content
a to p
Assembly lot No.:
0 to 9 & A to Z
ELM604PA has dual independent constant frequency current mode PWM step-down converters.
ELM604PA is optimized for low voltage, Li-ion battery powered applications where high efficiency and
small size are critical. ELM604PA uses external resistor dividers to set two output voltages indepe
ndently from 0.6V to 6V. The device integrates both main switches and synchronous rectifiers, which pro-
vides high efficiency and eliminates the need for an external Schottky diode. ELM604PA can achieve 100% du-
ty cycle. The duty cycle D of each step-down converter is defined as:
D = Ton × Fosc × 100% ≈ (Vout/Vin) × 100%
Where Ton is the main switch on time, Fosc is the oscillator frequency (1.4MHz), Vout is the output voltage
and Vin is the input voltage.
1) Current mode PWM Control
Slope compensated current mode PWM control provides stable switching and cycle-by-cycle current li-
mit for superior load and line response and protection of the internal main switch and synchronous rec
tifier. Each channel switches at a constant frequency (1.4MHz) and regulates the output voltage. Dur-
ing each cycle the PWM comparator modulates the power transferred to the load by changing the induct
or peak current based on the feedback error voltage. During normal operation, the main switch is tur
ned on for a certain time to ramp the inductor current at each rising edge of the internal oscillato
r, and switched off when the peak inductor current is above the error voltage. When the main switch is off, the syn-
chronous rectifier will be turned on immediately and stay on until the next cycle starts.
2) Dropout operation
Each channel of the ELM604PA allows the main switch to remain on for more than one switching cycle a
nd increases the duty cycle while the input voltage is dropping close to the output voltage. When the duty cy-
cle reaches 100%, the main switch is held on continuously to deliver current to the output up to the P MOSFET cur-
rent limit. The output voltage then is the input voltage minus the voltage drop across the main switch and the in-
ductor.
ELM604PA 1.4MHz, 800mA dual PWM step-down converter


Similar Part No. - ELM604PA

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM604PA ELM-ELM604PA Datasheet
969Kb / 7P
   1.4MHz, 800mA dual PWM step-down converter
logo
ELM Technology Corporat...
ELM604PA ELM-TECH-ELM604PA_17 Datasheet
969Kb / 7P
   1.4MHz, 800mA dual PWM step-down converter
More results

Similar Description - ELM604PA

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM604PA ELM-ELM604PA Datasheet
969Kb / 7P
   1.4MHz, 800mA dual PWM step-down converter
logo
ELM Technology Corporat...
ELM604PA ELM-TECH-ELM604PA_17 Datasheet
969Kb / 7P
   1.4MHz, 800mA dual PWM step-down converter
logo
Analog Intergrations Co...
AIC2511 AIC-AIC2511 Datasheet
592Kb / 13P
   3A STEP-DOWN PWM CONVERTER
AIC2510 AIC-AIC2510 Datasheet
344Kb / 11P
   3A STEP-DOWN PWM CONVERTER
logo
National Semiconductor ...
LM2716 NSC-LM2716 Datasheet
563Kb / 17P
   Dual (Step-up and Step-down) PWM DC/DC Converter
LM2716 NSC-LM2716 Datasheet
563Kb / 17P
   Dual (Step-up and Step-down) PWM DC/DC Converter
logo
Diodes Incorporated
AP1604A DIODES-AP1604A Datasheet
235Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1604A Rev. 2
PAM2308 DIODES-PAM2308 Datasheet
552Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2319 DIODES-PAM2319 Datasheet
355Kb / 12P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306 DIODES-PAM2306_V01 Datasheet
861Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 May 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com