Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75ALS085DW Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS085DW
Description  LAN ACCESS UNIT INTERFACE DUAL DRIVER/RECEIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75ALS085DW Datasheet(HTML) 2 Page - Texas Instruments

  SN75ALS085DW Datasheet HTML 1Page - Texas Instruments SN75ALS085DW Datasheet HTML 2Page - Texas Instruments SN75ALS085DW Datasheet HTML 3Page - Texas Instruments SN75ALS085DW Datasheet HTML 4Page - Texas Instruments SN75ALS085DW Datasheet HTML 5Page - Texas Instruments SN75ALS085DW Datasheet HTML 6Page - Texas Instruments SN75ALS085DW Datasheet HTML 7Page - Texas Instruments SN75ALS085DW Datasheet HTML 8Page - Texas Instruments SN75ALS085DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
SN75ALS085
LAN ACCESS UNIT INTERFACE DUAL DRIVER/RECEIVER
SLLS054D – APRIL 1989 – REVISED OCTOBER 2001
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
The purpose of the loop functions is to provide a means by which system data-path verification can be done
to isolate faulty interfaces and assist in network diagnosis. The LOOP pins are TTL compatible and must be
held high for normal operation. When LOOP1 is taken low, the output of driver 1 (TXO1) immediately goes into
the idle state. Also, the input to receiver 1 is ignored, and a path from a transmit input (TXI1) to RXO1 is
established. When LOOP1 is taken back high, driver 1 and receiver 1 revert back to their normal operation.
When LOOP2 is taken low, a similar data path is established between TXI1 and RXO2. TXEN1 must be high
for the loop functions to operate, and TXEN1 can be used to gate the loop function if desired. During loop
operation, the respective RXEN reflects the status of TXEN1.
The SN75ALS085 is characterized for operation from 0
°C to 70°C.
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
PLASTIC
SMALL OUTLINE
(DW)
PLASTIC DIP
(NT)
0
°C to 70°C
SN75ALS085DW
SN75ALS085NT
The DW package is available taped and reeled. Add the suffix R
to device type (e.g., SN75ALS085DWR).
Function Tables
RECEIVER (LOOP = H)
RXI
PREVIOUS
OUTPUTS
RXI
RXEN
RXEN
RXO
VID = 1315 mV to –175 mV,
tw < 25 ns
L
L
H
VID = –275 mV to –1315 mV
tw > 50 ns
X
H
L
VID = 318 mV to 1315 mV,
tw < 142 ns
H
H
H
VID = 318 mV to 1315 mV,
tw > 187 ns
X
L
H
H = high level, L = low level, X = don’t care
DRIVER (LOOP = H)
TXI
TXEN
PREVIOUS
TXO
OUTPUT
TXO
L
L
Idle
Idle
H
L
Idle
Idle
H
Idle
L
L
H
Active
L
H < 260
µs
H
Active
H
H > 8
µs
H
Active
Idle
L
L > 8
µs
Active
Idle
H < 260 ns
L > 8
µs
Active
Idle
H < 260 ns
L < 260 ns
Active
H
H > 8
µs
L < 260 ns
Active
Idle
L
L < 260 ns
Active
L
H = VI ≥ VT max, L = VI ≤ VT min


Similar Part No. - SN75ALS085DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS085DW TI-SN75ALS085DW Datasheet
241Kb / 17P
[Old version datasheet]   LAN ACCESS UNIT INTERFACE DUAL DRIVER/RECEIVER
More results

Similar Description - SN75ALS085DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS085 TI-SN75ALS085 Datasheet
241Kb / 17P
[Old version datasheet]   LAN ACCESS UNIT INTERFACE DUAL DRIVER/RECEIVER
logo
Intel Corporation
82576EB INTEL-82576EB Datasheet
7Mb / 956P
   LAN Access Division
logo
Hitachi Semiconductor
HA12187FP HITACHI-HA12187FP Datasheet
105Kb / 23P
   Bus Interface Driver/Receiver IC
logo
Renesas Technology Corp
CCA1224 RENESAS-CCA1224 Datasheet
972Kb / 13P
   Bus Interface IC (Driver, Receiver)
31-Oct-2019
logo
Dialog Semiconductor
CCA1224 DIALOG-CCA1224 Datasheet
866Kb / 12P
   Bus Interface IC (Driver, Receiver)
logo
Renesas Technology Corp
R2A11210SP RENESAS-R2A11210SP Datasheet
210Kb / 26P
   Bus Interface Driver/Receiver IC
Apr 24, 2008
HA12187FP RENESAS-HA12187FP Datasheet
249Kb / 22P
   Bus Interface Driver/Receiver IC
R2A11210SP RENESAS-R2A11210SP_15 Datasheet
211Kb / 26P
   Bus Interface Driver/Receiver IC
HA12240FP RENESAS-HA12240FP Datasheet
163Kb / 24P
   Bus Interface Driver/Receiver IC
HA12240FP RENESAS-HA12240FP_15 Datasheet
186Kb / 26P
   Bus Interface Driver/Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com