Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM6211MF Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM6211MF
Description  LM6211 Low Noise, RRO Operational Amplifier with CMOS Input and 24V Operation
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM6211MF Datasheet(HTML) 4 Page - Texas Instruments

  LM6211MF Datasheet HTML 1Page - Texas Instruments LM6211MF Datasheet HTML 2Page - Texas Instruments LM6211MF Datasheet HTML 3Page - Texas Instruments LM6211MF Datasheet HTML 4Page - Texas Instruments LM6211MF Datasheet HTML 5Page - Texas Instruments LM6211MF Datasheet HTML 6Page - Texas Instruments LM6211MF Datasheet HTML 7Page - Texas Instruments LM6211MF Datasheet HTML 8Page - Texas Instruments LM6211MF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
VOUT
V
-
IN+
V
+
IN-
+
-
1
2
3
5
4
LM6211
SNOSAH2C – FEBRUARY 2006 – REVISED MARCH 2013
www.ti.com
24V Electrical Characteristics
(1) (continued)
Unless otherwise specified, all limits are ensured for TA = 25°C, V
+ = 24V, V= 0V, V
CM = VO = V
+/2. Boldface limits apply at
the temperature extremes.
Symbol
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
AVOL
Large Signal Voltage Gain
VO = 1.5V to 22.5V, RL = 2 kΩ to V
+/2
82
120
77
dB
VO = 1V to 23V, RL = 10 kΩ to V
+/2
85
120
82
VO
Output Swing High
RL = 2 kΩ to V
+/2
212
400
520
RL = 10 kΩ to V
+/2
48
150
165
mV from
rail
Output Swing Low
RL = 2 kΩ to V
+/2
150
350
420
RL = 10 kΩ to V
+/2
38
150
170
IOUT
Output Short Circuit Current
Sourcing to V+/2
20
25
VID = 100 mV
(7)
15
mA
Sinking to V+/2
30
38
VID = −100 mV
(7)
20
IS
Supply Current
1.05
1.25
mA
1.40
SR
Slew Rate
AV = +1, VO = 18 VPP
5.6
V/
μs
10% to 90%(8)
GBW
Gain Bandwidth Product
20
MHz
en
Input-Referred Voltage Noise
f = 10 kHz
5.5
nV/
√Hz
f = 1 kHz
6.0
in
Input-Referred Current Noise
f = 1 kHz
0.01
pA/
√Hz
THD
Total Harmonic Distortion
AV = 2, RL = 2 kΩ to V
+/2
0.01
%
(7)
The device is short circuit protected and can source or sink its limit currents continuously. However, care should be taken such that
when the output is driving short circuit currents, the inputs do not see more than ±0.3V differential voltage.
(8)
Slew rate is the average of the rising and falling slew rates.
Connection Diagram
Figure 1. 5-Pin SOT-23 - Top View
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM6211


Similar Part No. - LM6211MF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6211MF NSC-LM6211MF Datasheet
1Mb / 19P
   Low Noise, RRO Operational Amplifier with CMOS Input and 24V Operation
LM6211MFX NSC-LM6211MFX Datasheet
1Mb / 19P
   Low Noise, RRO Operational Amplifier with CMOS Input and 24V Operation
More results

Similar Description - LM6211MF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6211 NSC-LM6211 Datasheet
1Mb / 19P
   Low Noise, RRO Operational Amplifier with CMOS Input and 24V Operation
LMV716 NSC-LMV716 Datasheet
949Kb / 15P
   5 MHz, Low Noise, RRO, Dual Operational Amplifier with CMOS Input
logo
Texas Instruments
SM73303 TI1-SM73303 Datasheet
460Kb / 18P
[Old version datasheet]   5 MHz, Low Noise, RRO, Dual Operational Amplifier with CMOS Input
LMV716 TI1-LMV716 Datasheet
1Mb / 25P
[Old version datasheet]   LMV716 5 MHz, Low Noise, RRO, Dual Operational Amplifier with CMOS Input
LMV716 TI-LMV716_15 Datasheet
1Mb / 24P
[Old version datasheet]   LMV716 5 MHz, Low Noise, RRO, Dual Operational Amplifier with CMOS Input
SM73308 TI-SM73308_15 Datasheet
1Mb / 26P
[Old version datasheet]   Low Offset, Low Noise, RRO Operational Amplifier
LMV791-DIE TI-LMV791-DIE Datasheet
71Kb / 5P
[Old version datasheet]   Low Noise, CMOS Input Operational Amplifier with Shutdown
logo
Analog Devices
AD8691 AD-AD8691_13 Datasheet
316Kb / 16P
   Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
AD8692ARMZ-R7 AD-AD8692ARMZ-R7 Datasheet
396Kb / 16P
   Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
Rev. E
logo
Texas Instruments
SM73308 TI1-SM73308 Datasheet
1Mb / 22P
[Old version datasheet]   SM73308 Low Offset, Low Noise, RRO Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com