Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75ALS163N Datasheet(PDF) 4 Page - Texas Instruments

Part # SN75ALS163N
Description  OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75ALS163N Datasheet(HTML) 4 Page - Texas Instruments

  SN75ALS163N Datasheet HTML 1Page - Texas Instruments SN75ALS163N Datasheet HTML 2Page - Texas Instruments SN75ALS163N Datasheet HTML 3Page - Texas Instruments SN75ALS163N Datasheet HTML 4Page - Texas Instruments SN75ALS163N Datasheet HTML 5Page - Texas Instruments SN75ALS163N Datasheet HTML 6Page - Texas Instruments SN75ALS163N Datasheet HTML 7Page - Texas Instruments SN75ALS163N Datasheet HTML 8Page - Texas Instruments SN75ALS163N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SN75ALS163
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SLLS021E – JUNE 1986 – REVISED MAY 1998
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended supply-voltage and operating free-air temperature
ranges (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
Input clamp voltage
II = –18 mA
– 0.8
–1.5
V
Vhys
Hysteresis (VT+ – VT–)
Bus
0.4
0.65
V
VOH
High level output voltage
Terminal
IOH = – 800 µA, TE at 0.8 V
2.7
3.5
V
VOH
High-level output voltage
Bus
IOH = – 5.2 mA,
PE and TE at 2 V
2.5
3.3
V
VOL
Low level output voltage
Terminal
IOL = 16 mA,
TE at 0.8 V
0.3
0.5
V
VOL
Low-level output voltage
Bus
IOL = 48 mA,
TE at 2 V
0.35
0.5
V
IOH
High-level output current
(open-collector mode)
Bus
VO = 5.5 V,
PE at 0.8 V,
D and TE at 2 V
100
µA
IOZ
Off-state output current
Bus
PE at 2 V,
VO = 2.7 V
20
µA
IOZ
(3-state mode)
Bus
TE at 0.8 V
VO = 0.5 V
–100
µA
II
Input current at
maximum input voltage
Terminal
VI = 5.5 V
0.2
100
µA
IIH
High-level input current
Terminal,
VI = 2.7 V
0.1
20
µA
IIL
Low-level input current
,
PE, or TE
VI = 0.5 V
–10
–100
µA
IOS
Short-circuit output
Terminal
–15
–35
–75
mA
IOS
current
Bus
–25
–50
–125
mA
ICC
Supply current
No load
Terminal outputs low
and enabled
42
65
mA
CC
y
Bus outputs low and enabled
52
80
CI/O(bus)
Bus-port capacitance
VCC = 0 to 5 V,
VI/O = 0 to 2 V,
f = 1 MHz
30
pF
† All typical values are at VCC = 5 V, TA = 25°C.
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted), VCC = 5 V
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
tPLH
Propagation delay time,
low-to-high-level output
Terminal
Bus
CL = 30 pF,
7
20
ns
tPHL
Propagation delay time,
high-to-low-level output
Terminal
Bus
L
See Figure 1
8
20
ns
tPLH
Propagation delay time,
low-to-high-level output
Bus
Terminal
CL = 30 pF,
7
14
ns
tPHL
Propagation delay time,
high-to-low-level output
Bus
Terminal
L
,
See Figure 2
9
14
ns
tPZH
Output enable time to high level
19
30
tPHZ
Output disable time from high level
TE
Bus
CL = 15 pF,
5
12
ns
tPZL
Output enable time to low level
TE
Bus
L
,
See Figure 3
16
35
ns
tPLZ
Output disable time from low level
9
20
tPZH
Output enable time to high level
13
30
tPHZ
Output disable time from high level
TE
Terminal
CL = 15 pF,
12
20
ns
tPZL
Output enable time to low level
TE
Terminal
L
,
See Figure 4
12
20
ns
tPLZ
Output disable time from low level
11
20
ten
Output pull-up enable time
PE
Bus
CL = 15 pF,
11
22
ns
tdis
Output pull-up disable time
PE
Bus
L
See Figure 5
6
12
ns
† All typical values are at VCC = 5 V, TA = 25°C.


Similar Part No. - SN75ALS163N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS163 TI-SN75ALS163 Datasheet
143Kb / 10P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75ALS163DW TI-SN75ALS163DW Datasheet
143Kb / 10P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
More results

Similar Description - SN75ALS163N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS164 TI1-SN75ALS164_14 Datasheet
585Kb / 18P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75160B TI1-SN75160B_13 Datasheet
917Kb / 17P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75ALS164 TI-SN75ALS164 Datasheet
198Kb / 13P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75ALS162 TI1-SN75ALS162_14 Datasheet
786Kb / 17P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75ALS163 TI-SN75ALS163 Datasheet
143Kb / 10P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75160B TI-SN75160B Datasheet
194Kb / 11P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75ALS165 TI1-SN75ALS165 Datasheet
193Kb / 11P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75164B TI1-SN75164B Datasheet
230Kb / 12P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75161B TI-SN75161B Datasheet
227Kb / 14P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN55ALS161 TI-SN55ALS161 Datasheet
222Kb / 16P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com