Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7372 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM7372
Description  LM7372 High Speed, High Output Current, Dual Operational Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM7372 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM7372_14 Datasheet HTML 2Page - Texas Instruments LM7372_14 Datasheet HTML 3Page - Texas Instruments LM7372_14 Datasheet HTML 4Page - Texas Instruments LM7372_14 Datasheet HTML 5Page - Texas Instruments LM7372_14 Datasheet HTML 6Page - Texas Instruments LM7372_14 Datasheet HTML 7Page - Texas Instruments LM7372_14 Datasheet HTML 8Page - Texas Instruments LM7372_14 Datasheet HTML 9Page - Texas Instruments LM7372_14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LM7372
SNOS926F – MAY 1999 – REVISED SEPTEMBER 2014
www.ti.com
6.6
±15V AC Electrical Characteristics
Unless otherwise specified, all limits ensured for VCM = 0V and RL = 1kΩ. Boldface apply at the temperature extremes.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
SR
Slew Rate(3)
AV = +2, VIN 13VP-P
3000
V/µs
AV = +2, VIN 10VP-P
2000
Unity Bandwidth Product
120
MHz
−3dB Frequency
AV = +2
220
MHz
φm
Phase Margin
AVOL = 6dB
70
deg
tS
Settling Time (0.1%)
AV = −1, AO = ±5V,
ns
50
RL = 500Ω
tP
Propagation Delay
AV = −2, VIN = ±5V,
ns
6.0
RL = 500Ω
AD
Differential Gain(4)
0.01%
φD
Differential Phase(4)
0.02
deg
hd2
Second Harmonic Distortion
VOUT = 2VP-P, RL = 100Ω
−80
dBc
FIN = 1MHz, AV = +2
VOUT = 16.8VP-P, RL = 100Ω
−73
dBc
hd3
Third Harmonic Distortion
VOUT = 2VP-P, RL = 100Ω
−91
dBc
FIN = 1MHz, AV = +2
VOUT = 16.8VP-P, RL = 100Ω
−67
dBc
IMD
Intermodulation Distortion
Fin 1 = 75kHz,
dBc
Fin 2 = 85kHz
−87
VOUT = 16.8VP-P, RL = 100Ω
en
Input-Referred Voltage Noise
f = 10kHz
14
nV/
√Hz
in
Input-Referred Current Noise
f = 10kHz
1.5
pA/
√Hz
(1)
All limits are specified by testing or statistical analysis.
(2)
Typical values represent the most likely parametic norm.
(3)
Slew Rate is the average of the rising and falling slew rates.
(4)
Differential gain and phase are measured with AV = +2, VIN = 1VPP at 3.58 MHz and output is 150Ω terminated.
6.7
±5V DC Electrical Characteristics
Unless otherwise specified, all limits ensured for VCM = 0V and RL = 1kΩ. Boldface apply at the temperature extremes.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
VOS
Input Offset Voltage
8.0
mV
2.2
10.0
TC VOS
Input Offset Voltage Average Drift
12
µV/°C
IB
Input Bias Current
10
µA
3.3
12
IOS
Input Offset Current
4
µA
0.1
6
RIN
Input Resistance
Common Mode
40
M
Differential Mode
3.3
M
RO
Open Loop Output Resistance
15
CMRR
Common Mode Rejection Ratio
VCM = ±2.5V
70
dB
90
65
PSRR
Power Supply Rejection Ratio
VS = ±15V to ±5V
75
dB
90
70
VCM
Input Common-Mode Voltage Range
CMRR > 60dB
±3
V
AV
Large Signal Voltage Gain(3)
RL = 1kΩ
70
dB
78
65
RL = 100Ω
64
dB
72
60
(1)
All limits are specified by testing or statistical analysis.
(2)
Typical values represent the most likely parametic norm.
(3)
Large signal voltage gain is the total output swing divided by the input signal required to produce that swing. For VS = ±15V, VOUT = ±
10V. For VS = ±5V, VOUT = ±2V
6
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: LM7372


Similar Part No. - LM7372_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM7372 NSC-LM7372_14 Datasheet
1Mb / 26P
   LM7372 High Speed, High Output Current, Dual Operational Amplifier
More results

Similar Description - LM7372_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM7372 NSC-LM7372_14 Datasheet
1Mb / 26P
   LM7372 High Speed, High Output Current, Dual Operational Amplifier
logo
Texas Instruments
LM7372 TI1-LM7372 Datasheet
1Mb / 26P
[Old version datasheet]   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40166 ZARLINK-ZL40166 Datasheet
723Kb / 33P
   High Output Current High Speed Dual Operational Amplifier
ZL40167 ZARLINK-ZL40167 Datasheet
818Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
logo
National Semiconductor ...
LM7372 NSC-LM7372 Datasheet
417Kb / 15P
   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40162 ZARLINK-ZL40162 Datasheet
598Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
logo
ON Semiconductor
MC33076 ONSEMI-MC33076 Datasheet
213Kb / 12P
   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
1996 REV 0
logo
Texas Instruments
TL3414A TI-TL3414A Datasheet
103Kb / 6P
[Old version datasheet]   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_07 Datasheet
420Kb / 12P
[Old version datasheet]   DUAL HIGH-OUTPUT-CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_06 Datasheet
208Kb / 9P
[Old version datasheet]   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com