Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75ALS192 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN75ALS192
Description  QUADRUPLE DIFFERENTIAL LINE DRIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75ALS192 Datasheet(HTML) 4 Page - Texas Instruments

  SN75ALS192_14 Datasheet HTML 1Page - Texas Instruments SN75ALS192_14 Datasheet HTML 2Page - Texas Instruments SN75ALS192_14 Datasheet HTML 3Page - Texas Instruments SN75ALS192_14 Datasheet HTML 4Page - Texas Instruments SN75ALS192_14 Datasheet HTML 5Page - Texas Instruments SN75ALS192_14 Datasheet HTML 6Page - Texas Instruments SN75ALS192_14 Datasheet HTML 7Page - Texas Instruments SN75ALS192_14 Datasheet HTML 8Page - Texas Instruments SN75ALS192_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
SN75ALS192
QUADRUPLE DIFFERENTIAL LINE DRIVER
SLLS007D – JULY 1985 – REVISED APRIL 1998
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
UNIT
VIK
Input clamp voltage
VCC = MIN,
II = –18 mA
–1.5
V
VOH
High-level output voltage
VCC = MIN,
IOH = –20 mA
2.5
V
VOL
Low-level output voltage
VCC = MIN,
IOL = 20 mA
0.5
V
VO
Output voltage
VCC = MAX,
IO = 0
0
6
V
|VOD1|
Differential output voltage
VCC = MIN,
IO = 0
1.5
6
V
|VOD2|
Differential output voltage
RL = 100 Ω,
See Figure 1
1/2 VOD1 or 2§
V
∆|VOD|
Change in magnitude of
differential output voltage¶
RL = 100 Ω,
See Figure 1
±0.2
V
VOC
Common-mode output voltage#
RL = 100 Ω,
See Figure 1
±3
V
∆|VOC|
Change in magnitude of
common-mode output voltage¶
RL = 100 Ω,
See Figure 1
±0.2
V
IO
Output current with power off
VCC =0
VO = 6 V
100
µA
IO
Output current with power off
VCC = 0
VO = –0.25 V
–100
µA
IOZ
Off state (high impedance state) output current
VCC = MAX
VO = 0.5 V
–20
µA
IOZ
Off-state (high-impedance state) output current
VCC = MAX
VO = 2.5 V
20
µA
II
Input current at maximum input voltage
VCC = MAX,
VI = 7 V
100
µA
IIH
High-level input current
VCC = MAX,
VI = 2.7 V
20
µA
IIL
Low-level input current
VCC = MAX,
VI = 0.4 V
–200
µA
IOS
Short-circuit output current||
VCC = MAX
–30
–150
mA
ICC
Supply current (all drivers)
VCC = MAX,
All outputs disabled
26
45
mA
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ All typical values are at VCC = 5 V and TA = 25°C.
§ The minimum VOD2 with a 100-Ω load is either 1/2 VOD1 or 2 V, whichever is greater.
¶ |VOD| and |VOC|arethechangesinmagnitudeofVOD and VOC, respectively, that occur when the input is changed from a high level to a low level.
# In ANSI Standard EIA/TIA-422-B, VOC, which is the average of the two output voltages with respect to ground, is called output offset voltage,
VOS.
|| Not more than one output should be shorted at a time, and duration of the short circuit should not exceed one second.
switching characteristics, VCC = 5 V, TA = 25°C (see Figure 2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high-Ievel output
S1 and S2 open,
CL = 30 pF
6
13
ns
tPHL
Propagation delay time, high-to-low-level output
S1 and S2 open,
CL = 30 pF
9
14
ns
Output-to-output skew
S1 and S2 open,
CL = 30 pF
3
6
ns
tPZH
Output enable time to high level
S1 open and S2 closed
11
15
ns
tPZL
Output enable time to low level
S1 closed and S2 open
16
20
ns
tPHZ
Output disable time from high level
S1 open and S2 closed,
CL = 10 pF
8
15
ns
tPLZ
Output disable time from low level
S1 and S2 closed,
CL = 10 pF
18
20
ns


Similar Part No. - SN75ALS192_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS192D TI-SN75ALS192D Datasheet
156Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS192D TI-SN75ALS192D Datasheet
713Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
REVISED APRIL 1998
SN75ALS192DR TI-SN75ALS192DR Datasheet
713Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
REVISED APRIL 1998
SN75ALS192N TI-SN75ALS192N Datasheet
156Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS192N TI-SN75ALS192N Datasheet
713Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
REVISED APRIL 1998
More results

Similar Description - SN75ALS192_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75174 TI-SN75174 Datasheet
139Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31 TI-AM26C31_10 Datasheet
620Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31-EP TI1-AM26C31-EP Datasheet
178Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487 TI-MC3487_06 Datasheet
392Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS172A TI-SN75ALS172A Datasheet
109Kb / 7P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS192 TI-SN75ALS192 Datasheet
156Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26LS31 TI1-AM26LS31_16 Datasheet
1Mb / 28P
[Old version datasheet]   Quadruple Differential Line Driver
AM26C31 TI-AM26C31_08 Datasheet
633Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174A TI1-SN75ALS174A_18 Datasheet
1Mb / 19P
[Old version datasheet]   Quadruple Differential Line Driver
5962-7802301Q2A TI-5962-7802301Q2A Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174ADWR TI1-SN75ALS174ADWR Datasheet
839Kb / 14P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com