Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75ALS199 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN75ALS199
Description  QUADRUPLE DIFFERENTIAL LINE RECEIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75ALS199 Datasheet(HTML) 2 Page - Texas Instruments

  SN75ALS199_14 Datasheet HTML 1Page - Texas Instruments SN75ALS199_14 Datasheet HTML 2Page - Texas Instruments SN75ALS199_14 Datasheet HTML 3Page - Texas Instruments SN75ALS199_14 Datasheet HTML 4Page - Texas Instruments SN75ALS199_14 Datasheet HTML 5Page - Texas Instruments SN75ALS199_14 Datasheet HTML 6Page - Texas Instruments SN75ALS199_14 Datasheet HTML 7Page - Texas Instruments SN75ALS199_14 Datasheet HTML 8Page - Texas Instruments SN75ALS199_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
SN75ALS199
QUADRUPLE DIFFERENTIAL LINE RECEIVER
SLLS046C – JANUARY 1989 – REVISED MAY 1995
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic symbol
1A
2
1B
1
2A
6
2B
7
3
1Y
5
2Y
4
1, 2EN
EN
1A
2
1B
1
2A
6
2B
7
3
5
4
EN
3A
10
3B
9
4A
14
4B
15
11
3Y
13
4Y
12
3, 4EN
EN
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
12
3, 4EN
2A
6
11
3Y
1Y
3
2
1A
1, 2EN
4
5
2Y
13
4Y
1B
2B
4A
3A
3B
4B
1
7
10
9
14
15
logic diagram
schematics of inputs and outputs
EQUIVALENT OF EACH A OR B INPUT
EQUIVALENT OF EACH ENABLE INPUT
TYPICAL OF ALL OUTPUTS
VCC
Input
VCC
VCC
Input
3 k
18 k
300 k
2 k
VCC (A)
or
GND (B)
22 k
Output
50
40 k
50
5 k
150 k
1.5 k
3 k


Similar Part No. - SN75ALS199_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS199D TI-SN75ALS199D Datasheet
178Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS199N TI-SN75ALS199N Datasheet
178Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results

Similar Description - SN75ALS199_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26C32-EP TI1-AM26C32-EP_16 Datasheet
170Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32 Datasheet
541Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS193 TI-SN75ALS193 Datasheet
162Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32_07 Datasheet
691Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS197NSR TI1-SN75ALS197NSR Datasheet
793Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI1-AM26C32_18 Datasheet
1Mb / 31P
[Old version datasheet]   Quadruple Differential Line Receiver
AM26C32-EP TI1-AM26C32-EP Datasheet
164Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32QDR TI1-AM26C32QDR Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LS32AM-EP TI1-AM26LS32AM-EP Datasheet
157Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS197 TI-SN75ALS197 Datasheet
161Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com