Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM8327 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM8327
Description  LM8327 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM8327 Datasheet(HTML) 1 Page - Texas Instruments

  LM8327_14 Datasheet HTML 1Page - Texas Instruments LM8327_14 Datasheet HTML 2Page - Texas Instruments LM8327_14 Datasheet HTML 3Page - Texas Instruments LM8327_14 Datasheet HTML 4Page - Texas Instruments LM8327_14 Datasheet HTML 5Page - Texas Instruments LM8327_14 Datasheet HTML 6Page - Texas Instruments LM8327_14 Datasheet HTML 7Page - Texas Instruments LM8327_14 Datasheet HTML 8Page - Texas Instruments LM8327_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 65 page
background image
LM8327
www.ti.com
SNLS329A – SEPTEMBER 2011 – REVISED MAY 2013
LM8327 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and
ACCESS.bus Host Interface
Check for Samples: LM8327
1
FEATURES, KEY
FEATURES, KEY DEVICE
2
Internal RC Oscillator, no External Clock
1.8V ± 10% Single-Supply Operation
Required
On-Chip Power-On Reset (POR)
Internal PWM Clock Generation, no External
ESD Glitch Filter on RESETN Pin
Clock Required
Watchdog Timer
Programmable I2C-compatible ACCESS.Bus
Dedicated Slow Clock Input for 32 kHz up to
Address (Default 0x8A)
8MHz
Support for Keypad Matrices of up to of 8 x 12
−40°C to +85°C Temperature Range
Keys, Plus 8 Special Function (SF) Keys, for a
36-pin csBGA Package
Full 104 Key Support
Support for up to 26 Direct Connect Keys
APPLICATIONS:
I2C-Compatible ACCESS.Bus Slave Interface at
Cordless Phones
100 kHz (Standard-Mode) and 400 kHz (Fast-
Smart Handheld Devices
Mode)
Keyboard Applications
Three Host-Programmable PWM Outputs for
Smooth LED Brightness Modulation
DESCRIPTION
Supports General-Purpose I/O Expansion on
The
LM8327
GenI/O-Expander
and
Keypad
Pins not Otherwise Used for Keypad or PWM
Controller is a dedicated device to unburden a host
Output
processor from scanning a matrix-addressed keypad
15-byte Key Event Buffer
and to provide flexible and general purpose, host-
programmable
input/output
functions.
Three
Multiple Key Event Storage
independent PWM timer outputs are provided for
Key Events, Errors, and Dedicated Hardware
dynamic LED brightness modulation.
Interrupts Request Host Service by Asserting
It communicates with a host processor through an
an IRQ Output
I2C-compatible ACCESS.bus serial interface. It can
Automatic HALT Mode for Low Power
communicate in Standard (100 kHz) and Fast-Mode
Operation
(400 kHz) in slave Mode only.
Wake-Up from HALT Mode on any Interface
All available input/output pins can alternately be used
(Rising Edge, Falling Edge or Pulse)
as a direct key input connection, an input or an output
Three PWM Outputs with Dedicated Script
in a keypad matrix, or as a host-programmable
Buffer for up to 32 Commands
general purpose input or output.
Register-Based Command Interpreter with
Any pin programmed as an input can also sense
Auto-Increment Address
hardware interrupts. The interrupt polarity (“high-to-
low”
or
“low-to-high”
transition)
is
thereby
FEATURES, HOST-CONTROLLED
programmable.
PWM Scripting for Three PWM Outputs
The LM8327 follows a predefined register based set
Period of Inactivity that Triggers Entry into
of
commands.
Upon
startup
(power
on)
a
configuration file must be sent from the host to setup
HALT Mode
the hardware of the device.
Debounce Time for Reliable Key Event Polling
Configuration of General Purpose I/O Ports
Various Initialization Options (Keypad Size,
etc.)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM8327_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM8327JGR8 TI1-LM8327JGR8 Datasheet
740Kb / 72P
[Old version datasheet]   LM8327 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8327JGR8X TI1-LM8327JGR8X Datasheet
740Kb / 72P
[Old version datasheet]   LM8327 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
More results

Similar Description - LM8327_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM8327 TI1-LM8327 Datasheet
740Kb / 72P
[Old version datasheet]   LM8327 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8328 TI1-LM8328 Datasheet
666Kb / 60P
[Old version datasheet]   LM8328 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8328 TI1-LM8328_16 Datasheet
1Mb / 56P
[Old version datasheet]   LM8328 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8323 TI1-LM8323 Datasheet
597Kb / 46P
[Old version datasheet]   LM8323 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8323 TI1-LM8323_14 Datasheet
1Mb / 47P
[Old version datasheet]   LM8323 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8325-1 TI1-LM8325-1_13 Datasheet
1Mb / 57P
[Old version datasheet]   LM8325-1 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8325-1 TI1-LM8325-1 Datasheet
674Kb / 60P
[Old version datasheet]   LM8325-1 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
logo
National Semiconductor ...
LM8333 NSC-LM8333_07 Datasheet
620Kb / 18P
   Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8322 NSC-LM8322 Datasheet
897Kb / 42P
   Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
logo
Texas Instruments
LM8333 TI1-LM8333 Datasheet
1Mb / 26P
[Old version datasheet]   Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM and ACCESS.bus Host Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com