Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75C185N Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN75C185N
Description  LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75C185N Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75C185N Datasheet HTML 2Page - Texas Instruments SN75C185N Datasheet HTML 3Page - Texas Instruments SN75C185N Datasheet HTML 4Page - Texas Instruments SN75C185N Datasheet HTML 5Page - Texas Instruments SN75C185N Datasheet HTML 6Page - Texas Instruments SN75C185N Datasheet HTML 7Page - Texas Instruments SN75C185N Datasheet HTML 8Page - Texas Instruments SN75C185N Datasheet HTML 9Page - Texas Instruments SN75C185N Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
SN75C185
LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
SLLS065F – AUGUST 1989 – REVISED JANUARY 2000
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
RECEIVER SECTION
electrical characteristics over operating free-air temperature range, VDD = 12 V, VSS = –12 V,
VCC = 5 V ±10% (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIT+
Positive-going input threshhold
voltage
See Figure 5
1.6
2.1
2.55
V
VIT–
Negative-going input threshhold
voltage
See Figure 5
0.65
1
1.25
V
Vhys
Input hysteresis voltage
(VIT + – VIT–)
600
1100
mV
VI = 0.75 V,
IOH = – 20 µA, See Figure 5 and Note 8
3.5
VOH
High level output voltage
VI = 0.75 V,
VCC = 4.5 V
2.8
4.4
V
VOH
High-level output voltage
VI = 0.75 V,
IOH = – 1 mA, VCC = 5 V
3.8
4.9
V
See Figure 5
VCC = 5.5 V
4.3
5.4
VOL
Low-level output voltage
VI = 3 V,
IOL = 3.2 mA,
See Figure 5
0.17
0.4
V
IIH
High level input current
VI = 3 V
0.43
0.55
1
mA
IIH
High-level input current
VI = 25 V
3.6
4.6
8.3
mA
IIL
Low level input current
VI = – 3 V
– 0.43
– 0.55
–1
mA
IIL
Low-level input current
VI = – 25 V
– 3.6
– 5.0
– 8.3
mA
IOS(H) Short-circuit output at high level
VI = 0.75 V,
VO = 0,
See Figure 4
–8
–15
mA
IOS(L) Short-circuit output at low level
VI = VCC,
VO = VCC,
See Figure 4
13
25
mA
† All typical values are at TA = 25°C.
NOTE 8: If the inputs are left unconnected, the receiver interprets this as an input low, and the receiver outputs remain in the high state.
switching characteristics, VDD = 12 V, VSS = –12 V, VCC = 5 V ±10%, TA = 25°C (unless otherwise
noted) (see Figure 6)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
3
4
µs
tPHL
Propagation delay time, high- to low-level output
RL =5kΩ
CL =50 pF
3
4
µs
tTLH
Transition time, low- to high-level output
RL = 5 kΩ,
CL = 50 pF
300
450
ns
tTHL
Transition time, high- to low-level output
100
300
ns
tw(N)
Duration of longest pulse rejected as noise
(see Note 9)
RL = 5 kΩ,
CL = 50 pF
1
4
µs
NOTE 9: The receiver ignores any postive- or negative-going pulse that is less than the minimum value of tw(N) and accepts any positive- or
negative-going pulse greater than the maximum of tw(N).


Similar Part No. - SN75C185N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C185N TI-SN75C185N Datasheet
141Kb / 10P
[Old version datasheet]   LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
SN75C185N TI-SN75C185N Datasheet
305Kb / 13P
[Old version datasheet]   LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
SN75C185NE4 TI-SN75C185NE4 Datasheet
305Kb / 13P
[Old version datasheet]   LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
More results

Similar Description - SN75C185N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C185 TI-SN75C185_06 Datasheet
305Kb / 13P
[Old version datasheet]   LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
SN75C185 TI-SN75C185 Datasheet
141Kb / 10P
[Old version datasheet]   LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
SN75LBC241 TI-SN75LBC241 Datasheet
129Kb / 8P
[Old version datasheet]   LOW-POWER LinBiCMOSE MULTIPLE DRIVERS AND RECEIVERS
SN75LBC241 TI-SN75LBC241_06 Datasheet
206Kb / 10P
[Old version datasheet]   LOW-POWER LinBiCMOS MULTIPLE DRIVERS AND RECEIVERS
SN75LBC241 TI1-SN75LBC241_14 Datasheet
519Kb / 13P
[Old version datasheet]   LOW-POWER LinBiCMOS MULTIPLE DRIVERS AND RECEIVERS
SN75LP1185 TI-SN75LP1185 Datasheet
117Kb / 8P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP196 TI-SN75LP196 Datasheet
104Kb / 8P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP1185 TI1-SN75LP1185_16 Datasheet
1Mb / 17P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP1185 TI-SN75LP1185_06 Datasheet
316Kb / 13P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75C185 STMICROELECTRONICS-ST75C185 Datasheet
111Kb / 13P
   LOW POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com