Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM8327 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM8327
Description  LM8327 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM8327 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM8327 Datasheet HTML 3Page - Texas Instruments LM8327 Datasheet HTML 4Page - Texas Instruments LM8327 Datasheet HTML 5Page - Texas Instruments LM8327 Datasheet HTML 6Page - Texas Instruments LM8327 Datasheet HTML 7Page - Texas Instruments LM8327 Datasheet HTML 8Page - Texas Instruments LM8327 Datasheet HTML 9Page - Texas Instruments LM8327 Datasheet HTML 10Page - Texas Instruments LM8327 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 65 page
background image
LM8327
www.ti.com
SNLS329A – SEPTEMBER 2011 – REVISED MAY 2013
Table 1. Definition of Terms used in Serial Command Example
Term
Bits
Description
S
START Condition (always generated from the master device)
ADDRESS
7
Slave address of LM8327 sent from the host
This bit determines if the following data transfer is from master to slave (data write) or from slave to
master (data read).
R/W
1
0: Write
1: Read
An acknowledge bit is mandatory and must be appended on each byte transfer. The Acknowledge status
ACK
1
is actually provided from the slave and indicates to the master that the byte transfer was successful.
The first byte after sending the slave address is the REGISTER byte which contains the physical address
REG
8
the host wants to read from or write to.
RS
Repeated START condition
DATA
8
The DATA field contains information to be stored into a register or information read from a register.
Not Acknowledge Bit. The Not Acknowledge status is assigned from the Master receiving data from a
NACK
1
slave. The NACK status will actually be assigned from the master in order to signal the end of a
communication cycle transfer
P
STOP condition (always generated from the master device).
All actions associated with the non-shaded boxes in Figure 4 are controlled from the master (host) device.
All actions associated with the shaded boxes in Figure 4 are controlled from the slave (LM8327) device.
The master device can send subsequent REGISTER addresses separated by Repeated START conditions. A
STOP condition must be set from the master at the very end of a communication cycle.
It is recommended to use Repeated START conditions in multi-Master systems when sending subsequent
REGISTER addresses. This technique will make sure that the master device communicating with the LM8327
will not loose bus arbitration.
Starting a Communication Cycle
There are two reasons for the host device to start communication to the LM8327:
1. The LM8327 device has set the IRQN line low in order to signal a key - event or any other condition which
initializes a hardware interrupt from LM8327 to the host.
2. The host device wants to set a GENIO port, read from a GENIO port, configure a GENIO port, and read the
status from a register or initialize any other function which is supported from the LM8327. In case a GENIO
shall be read it will be most likely, that the LM8327 device will be residing in “sleep mode”. In this mode the
system clock will be off to establish the lowest possible current consumption. If the host device starts the
communication under this condition the LM8327 device will not be able to acknowledge the first attempt of
sending the slave address. The LM8327 will wake up because of the START condition but it can’t establish
the internal timing to scan the first byte received. The master device must therefore apply a second attempt
to start the communication with the LM8327 device.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM8327


Similar Part No. - LM8327

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM8327 TI1-LM8327 Datasheet
740Kb / 72P
[Old version datasheet]   LM8327 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8327JGR8 TI1-LM8327JGR8 Datasheet
740Kb / 72P
[Old version datasheet]   LM8327 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8327JGR8X TI1-LM8327JGR8X Datasheet
740Kb / 72P
[Old version datasheet]   LM8327 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
More results

Similar Description - LM8327

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM8327 TI1-LM8327 Datasheet
740Kb / 72P
[Old version datasheet]   LM8327 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8328 TI1-LM8328 Datasheet
666Kb / 60P
[Old version datasheet]   LM8328 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8328 TI1-LM8328_16 Datasheet
1Mb / 56P
[Old version datasheet]   LM8328 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8323 TI1-LM8323 Datasheet
597Kb / 46P
[Old version datasheet]   LM8323 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8323 TI1-LM8323_14 Datasheet
1Mb / 47P
[Old version datasheet]   LM8323 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8325-1 TI1-LM8325-1_13 Datasheet
1Mb / 57P
[Old version datasheet]   LM8325-1 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8325-1 TI1-LM8325-1 Datasheet
674Kb / 60P
[Old version datasheet]   LM8325-1 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
logo
National Semiconductor ...
LM8333 NSC-LM8333_07 Datasheet
620Kb / 18P
   Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8322 NSC-LM8322 Datasheet
897Kb / 42P
   Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
logo
Texas Instruments
LM8333 TI1-LM8333 Datasheet
1Mb / 26P
[Old version datasheet]   Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM and ACCESS.bus Host Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com