Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75C185NE4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN75C185NE4
Description  LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75C185NE4 Datasheet(HTML) 5 Page - Texas Instruments

  SN75C185NE4 Datasheet HTML 1Page - Texas Instruments SN75C185NE4 Datasheet HTML 2Page - Texas Instruments SN75C185NE4 Datasheet HTML 3Page - Texas Instruments SN75C185NE4 Datasheet HTML 4Page - Texas Instruments SN75C185NE4 Datasheet HTML 5Page - Texas Instruments SN75C185NE4 Datasheet HTML 6Page - Texas Instruments SN75C185NE4 Datasheet HTML 7Page - Texas Instruments SN75C185NE4 Datasheet HTML 8Page - Texas Instruments SN75C185NE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
SN75C185
LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
SLLS065F – AUGUST 1989 – REVISED JANUARY 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DRIVER SECTION
electrical characteristics over operating free-air temperature range, VDD = 12 V, VSS = –12 V,
VCC = 5 V ±10% (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High level output voltage
VIL = 0.8 V,
RL = 3 kΩ, VDD = 5 V,
VSS = – 5 V
4
4.5
V
VOH
High-level output voltage
IL
,
See Figure 1
L
,
VDD = 12 V
VSS = – 12 V
10
10.8
V
VOL
Low-level output voltage
VIH = 0.8 V,
RL = 3 kΩ, VDD = 5 V,
VSS = – 5 V
– 4.4
–4
V
VOL
g
(see Note 3)
IH
,
See Figure 1
L
,
VDD = 12 V
VSS = – 12 V
– 10.7
–10
V
IIH
High-level input current
VI = 5 V,
See Figure 2
1
µA
IIL
Low-level input current
VI = 0,
See Figure 2
–1
µA
IOS(H)
High-level short-circuit
VI = 0.8 V,
VO = 0 or VO = VSS,
45
12
19 5
mA
IOS(H)
g
output current (see Note 4)
I
,
See FIgure 1
O
O
SS,
– 4.5
– 12
– 19.5
mA
IOS(L)
Low-level short-circuit
VI = 2 V,
VO = 0 or VO = VDD,
45
12
19 5
mA
IOS(L)
output current (see Note 4)
I
,
See Figure 1
OO
DD,
4.5
12
19.5
mA
ro
Output resistance
VDD = VSS = VCC = 0,
See Note 5
VO = – 2 V to 2 V,
300
400
† All typical values are at TA = 25°C.
NOTES:
3. The algebraic convention, where the more positive (less negative) limit is designated as maximum, is used in this data sheet for logic
levels only, e.g., if – 10 V is a maximum, the typical value is a more negative voltage.
4. Not more than one output should be shorted at one time.
5. Test conditions are those specified by TIA/EIA-232-F.
switching characteristics, VDD = 12 V, VSS = –12 V, VCC = 5 V ±10%, TA = 25°C (unless otherwise
noted) (see Figure 3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time,
low- to high-level output (see Note 6)
1.2
3
µs
tPHL
Propagation delay time,
high- to low-level output (see Note 6)
RL = 3 kΩ to 7 kΩ,
CL = 15 pF
2.5
3.5
µs
tTLH
Transition time, low- to high-level output
0.53
2
3.2
µs
tTHL
Transition time, high- to low-level output
0.53
2
3.2
µs
tTLH
Transition time, low- to high-level output (see Note 7)
RL =3kΩ to7kΩ
CL = 2500 pF
1
µs
tTHL
Transition time, high- to low-level output (see Note 7)
RL = 3 kΩ to 7 kΩ,
CL = 2500 pF
1
µs
SR
Output slew rate (see Note 7)
RL = 3 kΩ to 7 kΩ,
CL = 15 pF
4
10
30
V/
µs
NOTES: 6.
tPHL and tPLH include the additional time due to on-chip slew rate and are measured at the 50% points.
7.
Measured between 3-V and – 3-V points of output waveform TIA/EIA-232-F conditions), and all unused inputs are tied either high
or low.


Similar Part No. - SN75C185NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C185NE4 TI-SN75C185NE4 Datasheet
305Kb / 13P
[Old version datasheet]   LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
More results

Similar Description - SN75C185NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C185 TI-SN75C185_06 Datasheet
305Kb / 13P
[Old version datasheet]   LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
SN75C185 TI-SN75C185 Datasheet
141Kb / 10P
[Old version datasheet]   LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
SN75LBC241 TI-SN75LBC241 Datasheet
129Kb / 8P
[Old version datasheet]   LOW-POWER LinBiCMOSE MULTIPLE DRIVERS AND RECEIVERS
SN75LBC241 TI-SN75LBC241_06 Datasheet
206Kb / 10P
[Old version datasheet]   LOW-POWER LinBiCMOS MULTIPLE DRIVERS AND RECEIVERS
SN75LBC241 TI1-SN75LBC241_14 Datasheet
519Kb / 13P
[Old version datasheet]   LOW-POWER LinBiCMOS MULTIPLE DRIVERS AND RECEIVERS
SN75LP1185 TI-SN75LP1185 Datasheet
117Kb / 8P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP196 TI-SN75LP196 Datasheet
104Kb / 8P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP1185 TI1-SN75LP1185_16 Datasheet
1Mb / 17P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP1185 TI-SN75LP1185_06 Datasheet
316Kb / 13P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75C185 STMICROELECTRONICS-ST75C185 Datasheet
111Kb / 13P
   LOW POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com