Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73E0R020F Datasheet(PDF) 4 Page - CTS Corporation

Part # 73E0R020F
Description  Current Sensing Resistors ??Thick Film
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

73E0R020F Datasheet(HTML) 4 Page - CTS Corporation

  73E0R020F Datasheet HTML 1Page - CTS Corporation 73E0R020F Datasheet HTML 2Page - CTS Corporation 73E0R020F Datasheet HTML 3Page - CTS Corporation 73E0R020F Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Document No. 008-0337-0
Page 4 - 4
Rev. A
Series 73Lx & 73Ex
Current Sensing Resistor – Thick Film
PACKAGING INFORMATION
PAPER TAPE [mm], For Type 73L0 – 73L5, 73E3 and 73E4
Type
t
73L0
0.48 ±0.05
73L1
0.50 ±0.10
73L2
0.70 ±0.10
73L3
73E3
0.80 ±0.20
+1.1
+0.1
-0.15
-0.15
73L5
0.80 ±0.20
2.90 ±0.10
3.60 ±0.10
1.65 ±0.20
2.40 ±0.20
AB
73L4
73E4
2.00
3.75
0.70 ±0.08
1.20 ±0.08
1.10 ±0.20
1.90 ±0.20
0.38 ±0.05
0.68 ±0.05
0.80 ±0.20
REEL [mm]
Type
Package Code
Inch (mm)
Qty/Reel
A
(mm)
11.4 ±1.1
73L0
0201 (0603)
15,000
11.4 ±1.1
73L2
5,000
11.4 ±1.1
73L1
10,000
0402 (1005)
0603 (1608)
15.4 ±1.0
5,000
11.4 ±1.1
73L4
73E4
5,000
11.4 ±1.1
0805 (2012)
1206 (3216)
73L5
73L3
73E3
5,000
11.4 ±1.1
1210 (3225)
73L7
4,000
15.4 ±1.0
2010 (5025)
2512 (6432)
73L6
73E6
4,000
EMBOSSED TAPE [mm], For Type 73L6, 73L7 and 73E6
Type
A
B
73L6
73E6
2.90 ±0.10
5.30 ±0.10
73L7
3.40 ±0.10
6.60 ±0.10


Similar Part No. - 73E0R020F

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
73E4 CTS-73E4 Datasheet
187Kb / 4P
   Thick Film Current Sensing Resistors
73E6 CTS-73E6 Datasheet
187Kb / 4P
   Thick Film Current Sensing Resistors
logo
NIHON DEMPA KOGYO
73EE15AA NDK-73EE15AA Datasheet
461Kb / 1P
   4 Pole MCF
73EE15AA NDK-73EE15AA Datasheet
452Kb / 1P
   4 Pole SMD MCF
More results

Similar Description - 73E0R020F

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
73L1 CTS-73L1 Datasheet
187Kb / 4P
   Thick Film Current Sensing Resistors
logo
WALSIN TECHNOLOGY CORPO...
WWXXP WALSIN-WWXXP Datasheet
422Kb / 10P
   Thick Film High Power Current Sensing Chip Resistors
logo
Stackpole Electronics, ...
CSR SEI-CSR Datasheet
367Kb / 9P
   Thick Film Current Sensing Resistor
6/21/202
logo
List of Unclassifed Man...
RS02 ETC-RS02 Datasheet
1Mb / 3P
   CURRENT SENSING THICK FILM CHIP RESISTROS
CSTN02 ETC-CSTN02 Datasheet
1Mb / 3P
   THIN FILM CURRENT SENSING CHIP RESISTORS
logo
TT Electronics.
F43D TTELEC-F43D Datasheet
385Kb / 3P
   Thick Film Resistors
logo
Vishay Siliconix
SA VISHAY-SA_15 Datasheet
82Kb / 3P
   Current Sensing Wirebondable Thin Film Chip Resistors
Revision: 13-Mar-15
logo
Riedon Powertron
TF2003 RIEDON-TF2003 Datasheet
306Kb / 2P
   Thick Film Resistors
TF2003 RIEDON-TF2003_13 Datasheet
177Kb / 2P
   Thick Film Resistors
logo
List of Unclassifed Man...
CSRN2512FKR150 ETC2-CSRN2512FKR150 Datasheet
116Kb / 6P
   CSR/CSRN Series Thick Film Current Sensing Resistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com