Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75112DR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN75112DR
Description  DUAL LINE DRIVERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75112DR Datasheet(HTML) 1 Page - Texas Instruments

  SN75112DR Datasheet HTML 1Page - Texas Instruments SN75112DR Datasheet HTML 2Page - Texas Instruments SN75112DR Datasheet HTML 3Page - Texas Instruments SN75112DR Datasheet HTML 4Page - Texas Instruments SN75112DR Datasheet HTML 5Page - Texas Instruments SN75112DR Datasheet HTML 6Page - Texas Instruments SN75112DR Datasheet HTML 7Page - Texas Instruments SN75112DR Datasheet HTML 8Page - Texas Instruments SN75112DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
SN55110A, SN75110A, SN75112
DUAL LINE DRIVERS
SLLS106G − DECEMBER 1975 − REVISED NOVEMBER 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Improved Stability Over Supply Voltage and
Temperature Ranges
D Constant-Current Outputs
D High Speed
D Standard Supply Voltages
D High Output Impedance
D High Common-Mode Output Voltage Range
. . . −3 V to 10 V
D TTL-Input Compatibility
D Inhibitor Available for Driver Selection
D Glitch Free During Power Up/Power Down
D SN75112 and External Circuit Meets or
Exceeds the Requirements of CCITT
Recommendation V.35
description/ordering information
The SN55110A, SN75110A, and SN75112 dual
line
drivers
have
improved
output
current
regulation with supply-voltage and temperature
variations. In addition, the higher current of the
SN75112 (27 mA) allows data to be transmitted
over longer lines. These drivers offer optimum
performance when used with the SN55107A,
SN75107A, and SN75108A line receivers.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP (N)
Tube of 25
SN75110AN
SN75110AN
PDIP (N)
Tube of 25
SN75112N
SN75112N
Tube of 50
SN75110AD
SN75110A
0
°C to 70°C
SOIC (D)
Reel of 2500
SN75110ADR
SN75110A
0 C to 70 C
SOIC (D)
Tube of 50
SN75112D
SN75112
Reel of 2500
SN75112DR
SN75112
SOP (NS)
Reel of 2000
SN75110ANSR
SN75110A
CDIP (J)
Tube of 25
SN55110AJ
SN55110AJ
−55
°C to 125°C
CDIP (J)
Tube of 25
SNJ55110AJ
SNJ55110AJ
−55
°C to 125°C
CFP (W)
Tube of 150
SNJ55110AW
SNJ55110AW
LCCC (FK)
Tube of 55
SNJ55110AFK
SNJ55110AFK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1C
2C
2A
2B
GND
VCC+
1Y
1Z
VCC−
D
2Z
2Y
SN55110A ...J OR W PACKAGE
SN75110A . . . D, N, OR NS PACKAGE
SN75112 ...D OR N PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
1Z
NC
VCC−
NC
D
1C
NC
2C
NC
2A
SN55110A . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN75112DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75112DR TI-SN75112DR Datasheet
374Kb / 16P
[Old version datasheet]   DUAL LINE DRIVERS
SN75112DR TI-SN75112DR Datasheet
547Kb / 18P
[Old version datasheet]   DUAL LINE DRIVERS
SN75112DR TI-SN75112DR Datasheet
1Mb / 23P
[Old version datasheet]   DUAL LINE DRIVERS
REVISED NOVEMBER 2024
SN75112DRE4 TI-SN75112DRE4 Datasheet
547Kb / 18P
[Old version datasheet]   DUAL LINE DRIVERS
More results

Similar Description - SN75112DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55110A TI-SN55110A Datasheet
148Kb / 10P
[Old version datasheet]   DUAL LINE DRIVERS
SN55121 TI-SN55121 Datasheet
117Kb / 7P
[Old version datasheet]   DUAL LINE DRIVERS
logo
National Semiconductor ...
DS75110A NSC-DS75110A Datasheet
306Kb / 7P
   Dual Line Drivers
logo
Texas Instruments
SN55110A TI-SN55110A_03 Datasheet
374Kb / 16P
[Old version datasheet]   DUAL LINE DRIVERS
SN55110A TI-SN55110A_V01 Datasheet
1Mb / 23P
[Old version datasheet]   DUAL LINE DRIVERS
REVISED NOVEMBER 2024
SN55110A TI-SN55110A_06 Datasheet
547Kb / 18P
[Old version datasheet]   DUAL LINE DRIVERS
SN55109A TI-SN55109A Datasheet
172Kb / 11P
[Old version datasheet]   DUAL LINE DRIVERS
SN55121 TI1-SN55121_14 Datasheet
441Kb / 14P
[Old version datasheet]   DUAL LINE DRIVERS
SN55113 TI1-SN55113_14 Datasheet
859Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SN55113 TI-SN55113 Datasheet
213Kb / 12P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com