Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74S225 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74S225
Description  16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74S225 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74S225_06 Datasheet HTML 2Page - Texas Instruments SN74S225_06 Datasheet HTML 3Page - Texas Instruments SN74S225_06 Datasheet HTML 4Page - Texas Instruments SN74S225_06 Datasheet HTML 5Page - Texas Instruments SN74S225_06 Datasheet HTML 6Page - Texas Instruments SN74S225_06 Datasheet HTML 7Page - Texas Instruments SN74S225_06 Datasheet HTML 8Page - Texas Instruments SN74S225_06 Datasheet HTML 9Page - Texas Instruments SN74S225_06 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
SN74S225
16
× 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
WITH 3-STATE OUTPUTS
SDLS207B – SEPTEMBER 1976 – REVISED APRIL 1998
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
CLKA
10
20
fmax
CLKB
CL = 30 pF
10
20
MHz
UNCK IN
10
20
tw
UNCK OUT
CL = 30 pF
7
14
ns
tdis
OE
Any Q
CL = 5 pF
10
25
ns
ten
OE
Any Q
CL = 30 pF
25
40
ns
tPLH
UNCK IN
Any Q
CL =30 pF
50
75
ns
tPHL
UNCK IN
Any Q
CL = 30 pF
50
75
ns
tPLH
CLKA or CLKB
OR
CL = 30 pF
190
300
ns
tPLH
UNCK IN
OR
CL =30 pF
40
60
ns
tPHL
UNCK IN
OR
CL = 30 pF
30
45
ns
CLR
OR
35
60
tPHL
CLKA or CLKB
UNCK OUT
CL =30 pF
25
45
ns
tPHL
UNCK IN
UNCK OUT
CL = 30 pF
270
400
ns
CLKA or CLKB
IR
55
75
UNCK IN
IR
255
400
tPLH
CLR
IR
CL = 30 pF
16
35
ns
OR
Any Q
10
20
† All typical values are at VCC = 5 V, TA = 25°C.


Similar Part No. - SN74S225_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74S225N TI-SN74S225N Datasheet
145Kb / 10P
[Old version datasheet]   16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY WITH 3-STATE OUTPUTS
More results

Similar Description - SN74S225_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74S225 TI-SN74S225 Datasheet
145Kb / 10P
[Old version datasheet]   16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY WITH 3-STATE OUTPUTS
SN74ALS229B TI-SN74ALS229B Datasheet
287Kb / 12P
[Old version datasheet]   16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS233B TI-SN74ALS233B Datasheet
112Kb / 8P
[Old version datasheet]   16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN54LS222A TI1-SN54LS222A Datasheet
252Kb / 12P
[Old version datasheet]   16 횞 4 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY WITH 3-STATE OUTPUTS
SN74ALS232B TI-SN74ALS232B Datasheet
124Kb / 8P
[Old version datasheet]   16 횞 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74LS224A TI-SN74LS224A Datasheet
135Kb / 9P
[Old version datasheet]   16 횞 4 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY WITH 3-STATE OUTPUTS
SN74ALS236 TI-SN74ALS236 Datasheet
174Kb / 11P
[Old version datasheet]   64 횞 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN54LS224A TI1-SN54LS224A Datasheet
355Kb / 13P
[Old version datasheet]   16 횞 4 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES WITH 3-STATE OUTPUTS
SN74ALS2232A TI1-SN74ALS2232A Datasheet
130Kb / 9P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS233B TI1-SN74ALS233B_16 Datasheet
752Kb / 18P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com