Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65C1406 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN65C1406
Description  TRIPLE LOW-POWER DRIVERS/RECEIVERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65C1406 Datasheet(HTML) 1 Page - Texas Instruments

  SN65C1406_15 Datasheet HTML 1Page - Texas Instruments SN65C1406_15 Datasheet HTML 2Page - Texas Instruments SN65C1406_15 Datasheet HTML 3Page - Texas Instruments SN65C1406_15 Datasheet HTML 4Page - Texas Instruments SN65C1406_15 Datasheet HTML 5Page - Texas Instruments SN65C1406_15 Datasheet HTML 6Page - Texas Instruments SN65C1406_15 Datasheet HTML 7Page - Texas Instruments SN65C1406_15 Datasheet HTML 8Page - Texas Instruments SN65C1406_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SN65C1406, SN75C1406
TRIPLE LOW-POWER DRIVERS/RECEIVERS
SLLS148E – MAY 1990 – REVISED OCTOBER 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Meet or Exceed the Requirements of
TIA/EIA-232-F and ITU Recommendation
V.28
D Very Low Power Consumption . . .
5 mW Typ
D Wide Driver Supply Voltage Range . . .
±4.5 V to ±15 V
D Driver Output Slew Rate Limited to
30 V/
µs Max
D Receiver Input Hysteresis . . . 1000 mV Typ
D Push-Pull Receiver Outputs
D On-Chip Receiver 1-µs Noise Filter
D Functionally Interchangeable With Motorola
MC145406 and Texas Instruments
TL145406
D Package Options Include Plastic
Small-Outline (D, DW, NS) Packages and
DIPs (N)
description
The SN65C1406 and SN75C1406 are low-power BiMOS devices containing three independent drivers and
receivers that are used to interface data terminal equipment (DTE) with data circuit-terminating equipment
(DCE). These devices are designed to conform to TIA/EIA-232-F. The drivers and receivers of the SN65C1406
and SN75C1406 are similar to those of the SN75C188 quadruple driver and SN75C189A quadruple receiver,
respectively. The drivers have a controlled output slew rate that is limited to a maximum of 30 V/
µs, and the
receivers have filters that reject input noise pulses shorter than 1
µs. Both these features eliminate the need
for external components.
The SN65C1406 and SN75C1406 are designed using low-power techniques in a BiMOS technology. In most
applications, the receivers contained in these devices interface to single inputs of peripheral devices such as
ACEs, UARTs, or microprocessors. By using sampling, such peripheral devices are usually insensitive to the
transition times of the input signals. If this is not the case, or for other uses, it is recommended that the
SN65C1406 and SN75C1406 receiver outputs be buffered by single Schmitt input gates or single gates of the
HCMOS, ALS, or 74F logic families.
The SN65C1406 is characterized for operation from –40
°C to 85°C. The SN75C1406 is characterized for
operation from 0
°C to 70°C.
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
SMALL
OUTLINE
(D)
SMALL
OUTLINE
(DW)
PLASTIC
DIP
(N)
PLASTIC
SMALL OUTLINE
(NS)
–40
°C to 85°C
SN65C1406D
0
°C to 70°C
SN75C1406D
SN75C1406DW
SN75C1406N
SN75C1406NS
The D, DW, and PW packages are available taped and reeled. Add the suffix R to device type
(e.g., SN75C1406DR).
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VDD
1RA
1DY
2RA
2DY
3RA
3DY
VSS
VCC
1RY
1DA
2RY
2DA
3RY
3DA
GND
SN65C1406 ...D PACKAGE
SN75C1406 . . . D, DW, N, OR NS PACKAGE
(TOP VIEW)


Similar Part No. - SN65C1406_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C1406D TI-SN65C1406D Datasheet
148Kb / 9P
[Old version datasheet]   TRIPLE LOW-POWER DRIVERS/RECEIVERS
SN65C1406D TI-SN65C1406D Datasheet
435Kb / 15P
[Old version datasheet]   TRIPLE LOW-POWER DRIVERS/RECEIVERS
SN65C1406DE4 TI-SN65C1406DE4 Datasheet
435Kb / 15P
[Old version datasheet]   TRIPLE LOW-POWER DRIVERS/RECEIVERS
SN65C1406DR TI-SN65C1406DR Datasheet
435Kb / 15P
[Old version datasheet]   TRIPLE LOW-POWER DRIVERS/RECEIVERS
SN65C1406DRE4 TI-SN65C1406DRE4 Datasheet
435Kb / 15P
[Old version datasheet]   TRIPLE LOW-POWER DRIVERS/RECEIVERS
More results

Similar Description - SN65C1406_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C1406 TI-SN75C1406 Datasheet
126Kb / 8P
[Old version datasheet]   TRIPLE LOW-POWER DRIVERS/RECEIVERS
SN65C1406 TI-SN65C1406 Datasheet
148Kb / 9P
[Old version datasheet]   TRIPLE LOW-POWER DRIVERS/RECEIVERS
SN65C1406 TI-SN65C1406_06 Datasheet
435Kb / 15P
[Old version datasheet]   TRIPLE LOW-POWER DRIVERS/RECEIVERS
logo
List of Unclassifed Man...
HD29468 ETC-HD29468 Datasheet
25Kb / 7P
   Triple Line Drivers / Receivers
logo
Renesas Technology Corp
HD29468 RENESAS-HD29468 Datasheet
205Kb / 8P
   Triple Line Drivers/Receivers
logo
Texas Instruments
TL145406 TI-TL145406_06 Datasheet
345Kb / 14P
[Old version datasheet]   TRIPLE RS-232 DRIVERS/RECEIVERS
TL145406 TI-TL145406 Datasheet
165Kb / 10P
[Old version datasheet]   TRIPLE RS-232 DRIVERS/RECEIVERS
TL145406 TI1-TL145406_14 Datasheet
675Kb / 18P
[Old version datasheet]   TRIPLE RS-232 DRIVERS/RECEIVERS
SN65C1154 TI-SN65C1154_06 Datasheet
365Kb / 14P
[Old version datasheet]   QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
SN65C1154 TI1-SN65C1154_16 Datasheet
1Mb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com