Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75113DR Datasheet(PDF) 4 Page - Texas Instruments

Part # SN75113DR
Description  DUAL DIFFERENTIAL LINE DRIVERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75113DR Datasheet(HTML) 4 Page - Texas Instruments

  SN75113DR Datasheet HTML 1Page - Texas Instruments SN75113DR Datasheet HTML 2Page - Texas Instruments SN75113DR Datasheet HTML 3Page - Texas Instruments SN75113DR Datasheet HTML 4Page - Texas Instruments SN75113DR Datasheet HTML 5Page - Texas Instruments SN75113DR Datasheet HTML 6Page - Texas Instruments SN75113DR Datasheet HTML 7Page - Texas Instruments SN75113DR Datasheet HTML 8Page - Texas Instruments SN75113DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
SN55113, SN75113
DUAL DIFFERENTIAL LINE DRIVERS
SLLS070C − SEPTEMBER 1973 − REVISED MARCH 1997
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
SN55113
SN75113
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.5
5
5.5
4.75
5
5.25
V
High-level input voltage, VIH
2
2
V
Low-level input voltage, VIL
0.8
0.8
V
High-level output current, IOH
− 40
− 40
mA
Low-level output current, IOL
40
40
mA
Operating free-air temperature, TA
−55
125
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN55113
SN75113
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIK
Input clamp voltage
VCC = MIN,
II = − 12 mA
− 0.9
− 1.5
− 0.9
− 1.5
V
V
High-level output
VCC = MIN,
VIH = 2 V,
IOH = −10 mA
2.4
3.4
2.4
3.4
V
VOH
High level output
voltage
VCC = MIN,
VIL = 0.8 V
VIH = 2 V,
IOH = − 40 mA
2
3.0
2
3.0
V
V
Low-level output
VCC = MIN,
VIH = 2 V,
VIL = 0.8 V,
023
04
023
04
V
VOL
Low level output
voltage
VCC = MIN,
IOL = 40 mA
VIH = 2 V,
VIL = 0.8 V,
0.23
0.4
0.23
0.4
V
VOK
Output clamp voltage
VCC = MAX,
IO = − 40 mA
−1.1
−1.5
−1.1
−1.5
V
V
12 V
TA = 25°C
1
10
I
Off-state
open collector output
V
MAX
VOH = 12 V
TA = 125°C
200
A
IO(off)
open-collector output
current
VCC = MAX
V
525V
TA = 25°C
1
10
μA
current
VOH = 5.25 V
TA = 70°C
20
TA = 25°C,
VO = 0 to VCC
±10
±10
Off-state
VCC = MAX,
O
VO = 0
− 150
−20
IOZ
Off-state
(high-impedance-state)
CC
Output
controls at
T
MAX
VO = 0.4 V
±80
±20
μA
IOZ
(high impedance state)
output current
controls at
0.8 V
TA = MAX
VO = 2.4 V
±80
±20
μA
0.8 V
VO = VCC
80
20
I
Input current
at maximum
A, B, C
V
MAX
V
55V
1
1
mA
II
at maximum
input voltage
CC
VCC = MAX,
VI = 5.5 V
2
2
mA
I
High-level
A, B, C
V
MAX
V
24V
40
40
A
IIH
High level
input current
CC
VCC = MAX,
VI = 2.4 V
80
80
μA
I
Low-level
A, B, C
V
MAX
V
04V
− 1.6
− 1.6
mA
IIL
Low level
input current
CC
VCC = MAX,
VI = 0.4 V
− 3.2
− 3.2
mA
I
Short-circuit
V
MAX
V
0
T
25
°C
40
90
120
40
90
120
mA
IOS
Short circuit
output current§
VCC = MAX,
VO = 0,
TA = 25°C−40
−90
− 120
−40
− 90
− 120
mA
I
Supply current
All inputs at 0 V, No load,
VCC = MAX
47
65
47
65
mA
ICC
Supply current
(both drivers)
All inputs at 0 V, No load,
TA = 25°C
VCC = 7 V
65
85
65
85
mA
All parameters with the exception of off-state open-collector output current are measured with the active pullup connected to the sink output. For
conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
All typical values are at TA = 25°C and VCC = 5 V, with the exception of VCC at 7 V.
§ Only one output should be shorted at a time, and duration of the short-circuit should not exceed one second.


Similar Part No. - SN75113DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75113DR TI-SN75113DR Datasheet
228Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
More results

Similar Description - SN75113DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55113 TI-SN55113 Datasheet
213Kb / 12P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
DS8830 TI1-DS8830_15 Datasheet
782Kb / 19P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SNJ55113 TI-SNJ55113 Datasheet
228Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SNJ75113 TI-SNJ75113 Datasheet
2Mb / 13P
[Old version datasheet]   Dual differential line drivers
DS8830 TI-DS8830 Datasheet
153Kb / 17P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SN55114 TI-SN55114 Datasheet
490Kb / 15P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
logo
National Semiconductor ...
DS75114 NSC-DS75114 Datasheet
135Kb / 6P
   Dual Differential Line Drivers
logo
Texas Instruments
SN55114 TI1-SN55114_15 Datasheet
476Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
logo
Motorola, Inc
AM26LS30 MOTOROLA-AM26LS30 Datasheet
167Kb / 14P
   DUAL DIFFERENTIAL/ QUAD SINGLE.ENDED LINE DRIVERS
logo
Texas Instruments
THS6002 TI-THS6002 Datasheet
718Kb / 40P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com