Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C1024-15J4C Datasheet(PDF) 7 Page - Pyramid Semiconductor Corporation

Part # P4C1024-15J4C
Description  HIGH SPEED 128K X 8 CMOS STATIC RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1024-15J4C Datasheet(HTML) 7 Page - Pyramid Semiconductor Corporation

  P4C1024-15J4C Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C1024-15J4C Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C1024-15J4C Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1024-15J4C Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1024-15J4C Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1024-15J4C Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1024-15J4C Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1024-15J4C Datasheet HTML 8Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
P4C1024
Page 7 of 14
Document # SRAM124 REV A
TIMING WAVEFORM OF WRITE CYCLE NO. 2 (CE
CE
CE
CE
CE CONTROLLED)(11)
1.5V
Write
Active
Read
* including scope and test fixture.
Note:
Because of the ultra-high speed of the P4C1024, care must be
taken when testing this device; an inadequate setup can cause a
normal functioning part to be rejected as faulty. Long high-
inductance leads that cause supply bounce must be avoided by
bringing the V
CC and ground planes directly up to the contactor
fingers. A 0.01 µF high frequency capacitor is also required
between V
CC and ground.
To avoid signal reflections, proper termination must be used; for
example, a 50
Ω test environment should be terminated into a 50Ω load
with 1.73V (Thevenin Voltage) at the comparator input, and a 116
resistor must be used in series with D
OUT to match 166Ω (Thevenin
Resistance).
AC TEST CONDITIONS
TRUTH TABLE
Input Pulse Levels
Input Rise and Fall Times
Input Timing Reference Level
Output Timing Reference Level
Output Load
GND to 3.0V
3ns
1.5V
See Fig. 1 and 2
Mode
Standby
Standby
D
OUT Disabled
Standby
Power
I/O
WE
WE
WE
WE
WE
OE
OE
OE
OE
OE
CE
2
CE
CE
CE
CE
CE
1
High Z
High Z
D
OUT
High Z
X
X
H
H
L
X
X
H
L
X
X
L
H
H
H
H
X
L
L
L
Standby
Active
Active
High Z
Figure 1. Output Load
Figure 2. Thevenin Equivalent


Similar Part No. - P4C1024-15J4C

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1024L PYRAMID-P4C1024L Datasheet
281Kb / 11P
   LOW POWER 128K x 8 CMOS STATIC RAM
P4C1024L55CWC PYRAMID-P4C1024L55CWC Datasheet
281Kb / 11P
   LOW POWER 128K x 8 CMOS STATIC RAM
P4C1024L55CWI PYRAMID-P4C1024L55CWI Datasheet
281Kb / 11P
   LOW POWER 128K x 8 CMOS STATIC RAM
P4C1024L55PC PYRAMID-P4C1024L55PC Datasheet
281Kb / 11P
   LOW POWER 128K x 8 CMOS STATIC RAM
P4C1024L55PI PYRAMID-P4C1024L55PI Datasheet
281Kb / 11P
   LOW POWER 128K x 8 CMOS STATIC RAM
More results

Similar Description - P4C1024-15J4C

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L1024A TMT-T14L1024A Datasheet
86Kb / 12P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Winbond
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L11 WINBOND-W24L11 Datasheet
170Kb / 11P
   128K X 8 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS62C1024 ICSI-IS62C1024 Datasheet
423Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C1024 ISSI-IS62C1024 Datasheet
67Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12JLI-TR ISSI-IS61C1024AL-12JLI-TR Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL ISSI-IS61C1024AL Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W24L011A WINBOND-W24L011A Datasheet
131Kb / 10P
   128K X 8 High Speed CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com