Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75119P Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN75119P
Description  DIFFERENTIAL LINE TRANSCEIVERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75119P Datasheet(HTML) 5 Page - Texas Instruments

  SN75119P Datasheet HTML 1Page - Texas Instruments SN75119P Datasheet HTML 2Page - Texas Instruments SN75119P Datasheet HTML 3Page - Texas Instruments SN75119P Datasheet HTML 4Page - Texas Instruments SN75119P Datasheet HTML 5Page - Texas Instruments SN75119P Datasheet HTML 6Page - Texas Instruments SN75119P Datasheet HTML 7Page - Texas Instruments SN75119P Datasheet HTML 8Page - Texas Instruments SN75119P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
SN55116, SN75116, SN75117, SN75118, SN75119
DIFFERENTIAL LINE TRANSCEIVERS
SLLS073D − MAY 1976 − REVISED MAY 1998
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 125°C
POWER RATING
D (8 pin)
725 mW
5.8 mW/
°C
464 mW
D (16 pin)
950 mW
7.6 mW/
°C
608 mW
FK
1375 mW
11.0 mW/
°C
880 mW
275 mW
J
1375 mW
11.0 mW/
°C
880 mW
275 mW
N
1150 mW
9.2 mW/
°C
736 mW
P
1000 mW
8.0 mW/
°C
640 mW
recommended operating conditions
PARAMETER
SN55116
SN75116, SN75117,
SN75118, SN75119
UNIT
PARAMETER
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.5
5
5.5
4.5
5
5.5
V
High-level input voltage, VIH
All inputs except differential
2
2
V
Low-level input voltage, VIL
All inputs except differential
inputs
0.8
0.8
V
High level output current I
Drivers
−40
−40
mA
High-level output current, IOH
Receivers
−5
−5
mA
Low level output current I
Drivers
40
40
mA
Low-level output current, IOL
Receivers
15
15
mA
Receiver input voltage V
’116, SN75118
±15
±15
V
Receiver input voltage, VI
SN75117, SN75119
0
6
0
6
V
Common mode receiver input voltage V
’116, SN75118
±15
±15
V
Common-mode receiver input voltage, VICR
SN75117, SN75119
0
6
0
6
V
Operating free-air temperature, TA
−55
125
0
70
°C


Similar Part No. - SN75119P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75119P TI-SN75119P Datasheet
239Kb / 15P
[Old version datasheet]   DIFFERENTIAL LINE TRANSCEIVERS
More results

Similar Description - SN75119P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ55118 TI-SNJ55118 Datasheet
484Kb / 12P
[Old version datasheet]   Differential line transceivers
SN55116 TI-SN55116 Datasheet
239Kb / 15P
[Old version datasheet]   DIFFERENTIAL LINE TRANSCEIVERS
SN55116 TI1-SN55116_13 Datasheet
311Kb / 15P
[Old version datasheet]   DIFFERENTIAL LINE TRANSCEIVERS
SN65LVDM1677 TI-SN65LVDM1677 Datasheet
341Kb / 20P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE TRANSCEIVERS
SN65LVDM1677 TI-SN65LVDM1677_07 Datasheet
421Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVERS
SN65LVDM1676 TI-SN65LVDM1676_08 Datasheet
450Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVERS
SN65ALS176 TI-SN65ALS176 Datasheet
212Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
logo
National Semiconductor ...
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
   Differential Bus Transceivers
logo
Texas Instruments
SN65LBC176A TI-SN65LBC176A Datasheet
342Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC170 TI-SN65LBC170_08 Datasheet
474Kb / 19P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com