Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75C1154NSR Datasheet(PDF) 4 Page - Texas Instruments

Part # SN75C1154NSR
Description  QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75C1154NSR Datasheet(HTML) 4 Page - Texas Instruments

  SN75C1154NSR Datasheet HTML 1Page - Texas Instruments SN75C1154NSR Datasheet HTML 2Page - Texas Instruments SN75C1154NSR Datasheet HTML 3Page - Texas Instruments SN75C1154NSR Datasheet HTML 4Page - Texas Instruments SN75C1154NSR Datasheet HTML 5Page - Texas Instruments SN75C1154NSR Datasheet HTML 6Page - Texas Instruments SN75C1154NSR Datasheet HTML 7Page - Texas Instruments SN75C1154NSR Datasheet HTML 8Page - Texas Instruments SN75C1154NSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SN65C1154, SN75C1154
QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
SLLS151D – DECEMBER 1988 – REVISED APRIL 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage: VDD (see Note 1)
15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VSS
–15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI: Driver
VSS to VDD
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Receiver
–30 V to 30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO:Driver
(VSS – 6 V) to (VDD + 6 V)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Receiver
–0.3 V to (VCC + 0.3 V)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Notes 2 and 3): DW package
58
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . .
N package
69
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
NS package
60
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage s are with respect to the network GND terminal.
2. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable
ambient temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
3. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions
MIN
NOM
MAX
UNIT
VDD
Supply voltage
4.5
12
15
V
VSS
Supply voltage
–4.5
–12
–15
V
VCC
Supply voltage
4.5
5
6
V
VI
Input voltage
Driver
VSS + 2
VDD
V
VI
Input voltage
Receiver
±25
V
VIH
High-level input voltage
Driver
2
V
VIL
Low-level input voltage
Driver
0.8
V
IOH
High-level output current
Receiver
–1
mA
IOL
High-level output current
Receiver
3.2
mA
TA
Operating free-air temperature
SN65C1154
–40
85
°C
TA
O erating free-air tem erature
SN75C1154
0
70
°C


Similar Part No. - SN75C1154NSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C1154NSR TI-SN75C1154NSR Datasheet
361Kb / 8P
[Old version datasheet]   QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
SN75C1154NSR TI-SN75C1154NSR Datasheet
365Kb / 14P
[Old version datasheet]   QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
SN75C1154NSRE4 TI-SN75C1154NSRE4 Datasheet
365Kb / 14P
[Old version datasheet]   QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
More results

Similar Description - SN75C1154NSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C1154 TI-SN65C1154_06 Datasheet
365Kb / 14P
[Old version datasheet]   QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
SN65C1154 TI-SN65C1154 Datasheet
361Kb / 8P
[Old version datasheet]   QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
SN75C1154 TI-SN75C1154 Datasheet
139Kb / 8P
[Old version datasheet]   QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
SN75C189 TI-SN75C189_07 Datasheet
564Kb / 20P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE RECEIVERS
SN75C189 TI-SN75C189_06 Datasheet
397Kb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE RECEIVERS
SN75C189 TI-SN75C189_08 Datasheet
594Kb / 20P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE RECEIVERS
SN75C189 TI-SN75C189 Datasheet
150Kb / 11P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE RECEIVERS
SN75C1406 TI-SN75C1406 Datasheet
126Kb / 8P
[Old version datasheet]   TRIPLE LOW-POWER DRIVERS/RECEIVERS
SN65C1406 TI-SN65C1406 Datasheet
148Kb / 9P
[Old version datasheet]   TRIPLE LOW-POWER DRIVERS/RECEIVERS
SN65C1406 TI1-SN65C1406_15 Datasheet
794Kb / 19P
[Old version datasheet]   TRIPLE LOW-POWER DRIVERS/RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com