Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75124N Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN75124N
Description  TRIPLE LINE RECEIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75124N Datasheet(HTML) 1 Page - Texas Instruments

  SN75124N Datasheet HTML 1Page - Texas Instruments SN75124N Datasheet HTML 2Page - Texas Instruments SN75124N Datasheet HTML 3Page - Texas Instruments SN75124N Datasheet HTML 4Page - Texas Instruments SN75124N Datasheet HTML 5Page - Texas Instruments SN75124N Datasheet HTML 6Page - Texas Instruments SN75124N Datasheet HTML 7Page - Texas Instruments SN75124N Datasheet HTML 8Page - Texas Instruments SN75124N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SN75124
TRIPLE LINE RECEIVER
SLLS058B – SEPTEMBER 1973 – REVISED MAY 1995
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Meets or Exceeds the Requirements of
IBM
™ System 360 Input/Output Interface
Specification
D Operates From Single 5-V Supply
D TTL Compatible
D Built-In Input Threshold Hysteresis
D High Speed . . . Typical Propagation Delay
Time = 20 ns
D Independent Channel Strobes
D Input Gating Increases Application
Flexibility
D Designed for Use With Dual Line Driver
SN75123
D Designed to Be Interchangeable With
Signetics N8T24
description
The SN75124 triple line receiver is specifically designed to meet the input/output interface specifications for IBM
System 360. It is also compatible with standard TTL logic and supply voltage levels.
The SN75124 has receiver inputs with built-in hysteresis to provide increased noise margin for single-ended
systems. An open line affects the receiver input as does a low-level input voltage, and the receiver input can
withstand a level of – 0.15 V with power on or off. The other inputs are in TTL configuration. The S input must
be high to enable the receiver input. Two of the line receivers have A and B inputs that, if both are high, hold
the output low. The third receiver has only an A input that, if high, holds the output low.
See the SN751730 for new IBM 360/370 interface designs.
The SN75124 is characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
INPUTS
OUTPUT
A
B†
R
S
OUTPUT
Y
H
H
X
X
L
X
XL
H
L
L
XHX
H
L
XX
L
H
X
LH
X
H
X
L
X
L
H
† B input and last two lines of the function table are
applicable to receivers 1 and 2 only.
Copyright
© 1995, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1A
1B
2R
2S
2A
2B
2Y
GND
VCC
1S
1R
1Y
3A
3S
3R
3Y
D OR N PACKAGE
(TOP VIEW)
IBM is a trademark of International Business Machines Corp.


Similar Part No. - SN75124N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75124N TI-SN75124N Datasheet
106Kb / 6P
[Old version datasheet]   TRIPLE LINE RECEIVER
More results

Similar Description - SN75124N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H116 ONSEMI-MC10H116 Datasheet
110Kb / 4P
   Triple Line Receiver
REV 6
MC10116 ONSEMI-MC10116 Datasheet
101Kb / 5P
   Triple Line Receiver
1996 REV 5
MC10H116 ONSEMI-MC10H116_16 Datasheet
151Kb / 5P
   Triple Line Receiver
August, 2016 ??Rev. 11
logo
National Semiconductor ...
DS75124 NSC-DS75124 Datasheet
99Kb / 4P
   Triple Line Receiver
logo
Texas Instruments
SN75124 TI-SN75124 Datasheet
106Kb / 6P
[Old version datasheet]   TRIPLE LINE RECEIVER
logo
ON Semiconductor
MC10114 ONSEMI-MC10114_02 Datasheet
112Kb / 8P
   Triple Line Receiver
January, 2002 ??Rev. 7
MC10114 ONSEMI-MC10114 Datasheet
110Kb / 6P
   Triple Line Receiver
1996 REV 5
MC10H116 ONSEMI-MC10H116_06 Datasheet
163Kb / 6P
   Triple Line Receiver
February, 2006 ??Rev. 10
MC10116 ONSEMI-MC10116_02 Datasheet
108Kb / 8P
   Triple Line Receiver
January, 2002 ??Rev. 7
logo
NXP Semiconductors
10116 PHILIPS-10116 Datasheet
258Kb / 5P
   Triple Differential Line Receiver
June 14 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com