Electronic Components Datasheet Search |
|
SN75129N Datasheet(PDF) 3 Page - Texas Instruments |
|
SN75129N Datasheet(HTML) 3 Page - Texas Instruments |
3 / 11 page SN75128, SN75129 EIGHT CHANNEL LINE RECEIVERS SLLS076B − JANUARY 1977 − REVISED MAY 1995 2−3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage, VCC (see Note 1) 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI (A) −0.15 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage, VI (S) 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous total power dissipation See Dissipation Rating Table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range, TA 0 °C to 70°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds 260 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTE 1: All voltage values are with respect to network ground terminal. DISSIPATION RATING TABLE PACKAGE TA ≤ 25°C DERATING FACTOR TA = 70°C PACKAGE TA ≤ 25 C POWER RATING DERATING FACTOR ABOVE TA = 25°C TA = 70 C POWER RATING N 1150 mW 9.2 mW/ °C 736 mW recommended operating conditions MIN NOM MAX UNIT Supply voltage, VCC 4.5 5 5.5 V High-level input voltage, VIH A 1.7 V High-level input voltage, VIH S 2 V Low-level input voltage, VIL A 0.7 V Low-level input voltage, VIL S 0.7 V High-level output current, IOH − 0.4 mA Low-level output current, IOL 16 mA Operating free-air temperature, TA 0 70 °C electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP† MAX UNIT VOH High-level output voltage VCC = 4.5 V, VIL = 0.7 V, IOH = − 0.4 mA 2.4 3.1 V VOL Low-level output voltage VCC = 4.5 V, VIH = 1.7 V, IOL = 16 mA 0.4 0.5 V VIK Input clamp voltage S VCC = 4.5 V, II = − 18 mA − 1.5 V IIH High-level input current A VCC = 5.5 V, VI = 3.11 V 0.3 0.42 mA IIH High-level input current S VCC = 5.5 V, VI = 2.7 V 20 µA IIL Low-level input current A VCC = 5.5 V, VI = 0.15 V 30 µA IIL Low-level input current S VCC = 5.5 V, VI = 0.4 V − 0.4 mA IOS Short-circuit output current‡ VCC = 5.5 V, VO = 0 −18 −60 mA rI Input resistance VCC = 4.5 V, 0 V or open, ∆VI = 0.15 V to 4.15 V 7 20 k Ω SN75128 VCC = 5.5 V, Strobe at 2.4 V, All A inputs at 0.7 V 19 31 ICC Supply current SN75129 VCC = 5.5 V, Strobe at 0.4 V, All A inputs at 0.7 V 19 31 mA ICC Supply current SN75128 VCC = 5.5 V, Strobe at 2.4 V, All A inputs at 4 V 32 53 mA SN75129 VCC = 5.5 V, Strobe at 0.4 V, All A inputs at 4 V 32 53 † All typical values are at VCC = 5 V, TA = 25°C. ‡ Not more than one output should be shorted at a time. |
Similar Part No. - SN75129N |
|
Similar Description - SN75129N |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |