Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75196DW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN75196DW
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75196DW Datasheet(HTML) 5 Page - Texas Instruments

  SN75196DW Datasheet HTML 1Page - Texas Instruments SN75196DW Datasheet HTML 2Page - Texas Instruments SN75196DW Datasheet HTML 3Page - Texas Instruments SN75196DW Datasheet HTML 4Page - Texas Instruments SN75196DW Datasheet HTML 5Page - Texas Instruments SN75196DW Datasheet HTML 6Page - Texas Instruments SN75196DW Datasheet HTML 7Page - Texas Instruments SN75196DW Datasheet HTML 8Page - Texas Instruments SN75196DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
SN75196
MULTIPLE RS-232 DRIVERS AND RECEIVERS
SLLS188B – MAY 1995 – REVISED APRIL 1998
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
supply currents over operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
All inputs at 1 9 V
No load
VDD = 9 V,
VSS = –9 V
25
IDD
Supply current from VDD
All inputs at 1.9 V,
No load
VDD = 12 V,
VSS = –12 V
32
mA
IDD
Supply current from VDD
All inputs at 0 8 V
No load
VDD = 9 V,
VSS = –9 V
7.5
mA
All inputs at 0.8 V,
No load
VDD = 12 V,
VSS = –12 V
9.5
All inputs at 1 9 V
No load
VDD = 9 V,
VSS = –9 V
–25
ISS
Supply current from VSS
All inputs at 1.9 V,
No load
VDD = 12 V,
VSS = –12 V
–32
mA
ISS
Supply current from VSS
All inputs at 0 8 V
No load
VDD = 9 V,
VSS = –9 V
–5.3
mA
All inputs at 0.8 V,
No load
VDD = 12 V,
VSS = –12 V
–5.3
ICC
Supply current from VCC
VCC = 5 V,
All inputs at 5 V,
No load
20
mA
DRIVER SECTION
electrical characteristics over operating free-air temperature range, VDD = 9 V, VSS = –9 V, VCC= 5 V,
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
VIL = 0.8 V,
RL = 3 kΩ,
See Figure 1
6
7.5
V
VOL
Low-level output voltage (see Note 3)
VIH = 1.9 V,
RL = 3 kΩ,
See Figure 1
–7.5
–6
V
IIH
High-level input current
VI = 5 V,
See Figure 2
10
µA
IIL
Low-level input current
VI = 0,
See Figure 2
–1.6
mA
IOS(H)
High-level short-circuit output current
(see Note 4)
VIL = 0.8 V,
VO = 0,
See Figure 1
–4.5
–9
–19.5
mA
IOS(L)
Low-level short-circuit output current
(see Note 4)
VIH = 2 V,
VO = 0,
See Figure 1
4.5
9
19.5
mA
ro
Output resistance (see Note 5)
VCC = VDD = VSS = 0,
VO = –2 V to 2 V
300
NOTES:
3. The algebraic convention, where the more positive (less negative) limit is designated as maximum, is used in this data sheet for logic
levels only, e.g., if –10 V is a maximum, the typical value is a more negative voltage.
4. Output short-circuit conditions must maintain the total power dissipation below absolute maximum ratings.
5. Test conditions are those specified by TIA/EIA-232-F and as listed above.
switching characteristics, VDD = 12 V, VSS = –12 V, VCC = 5 V ±10%, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time,
low- to high-level output
RL = 3 kΩ to 7 kΩ,
CL = 15 pF,
See Figure 3
315
500
ns
tPHL
Propagation delay time,
high- to low-level output
RL = 3 kΩ to 7 kΩ,
CL = 15 pF,
See Figure 3
75
175
ns
tTLH
Transition time,
low to high level output
RL =3kΩ to7kΩ
CL = 15 pF,
See Figure 3
60
100
ns
tTLH
low- to high-level output
(see Note 6)
RL = 3 kΩ to 7 kΩ
CL = 2500 pF,
See Figure 3 and Note 6
1.7
2.5
µs
tTHL
Transition time,
high- to low-level output
RL =3kΩ to7kΩ
CL = 15 pF,
See Figure 3
40
75
ns
tTHL
high- to low-level out ut
(see Note 7)
RL = 3 kΩ to 7 kΩ
CL = 2500 pF,
See Figure 3 and Note 7
1.5
2.5
µs
NOTES:
6. Measured between –3-V and 3-V points of the output waveform (TIA/EIA-232-F conditions), all unused inputs are tied either high
or low.
7. Measured between 3-V and –3-V points of the output waveform (TIA/EIA-232-F conditions), all unused inputs are tied either high
or low.


Similar Part No. - SN75196DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75196DW TI-SN75196DW Datasheet
189Kb / 12P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results

Similar Description - SN75196DW

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
75232 UTC-75232 Datasheet
300Kb / 10P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI-GD75323 Datasheet
158Kb / 11P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75185 TI-SN75185_06 Datasheet
357Kb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75185 STMICROELECTRONICS-ST75185 Datasheet
478Kb / 18P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
ST75185 STMICROELECTRONICS-ST75185_06 Datasheet
376Kb / 21P
   Multiple RS-232 drivers and receivers
logo
Texas Instruments
SN75185 TI-SN75185_07 Datasheet
547Kb / 21P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Unisonic Technologies
75323 UTC-75323_15 Datasheet
383Kb / 12P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI1-GD75323_16 Datasheet
1Mb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75196 TI-SN75196 Datasheet
189Kb / 12P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Holtek Semiconductor In...
HT6571 HOLTEK-HT6571 Datasheet
483Kb / 8P
   Multiple RS-232 Drivers and Receivers
logo
STMicroelectronics
ST75285 STMICROELECTRONICS-ST75285 Datasheet
300Kb / 13P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
December 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com