Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75196DWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN75196DWR
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75196DWR Datasheet(HTML) 1 Page - Texas Instruments

  SN75196DWR Datasheet HTML 1Page - Texas Instruments SN75196DWR Datasheet HTML 2Page - Texas Instruments SN75196DWR Datasheet HTML 3Page - Texas Instruments SN75196DWR Datasheet HTML 4Page - Texas Instruments SN75196DWR Datasheet HTML 5Page - Texas Instruments SN75196DWR Datasheet HTML 6Page - Texas Instruments SN75196DWR Datasheet HTML 7Page - Texas Instruments SN75196DWR Datasheet HTML 8Page - Texas Instruments SN75196DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SN75196
MULTIPLE RS-232 DRIVERS AND RECEIVERS
SLLS188B – MAY 1995 – REVISED APRIL 1998
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Single Chip With Easy Interface Between
UART and Serial-Port Connector of an
External Modem or Other Computer
Peripheral
D Five Drivers and Three Receivers Meet or
Exceed the Requirements of TIA/EIA-232-F
and ITU Recommendation V.28
D Designed to Support Data Rates up to
120 kbit/s
D ESD Protection Meets Or Exceeds 10 kV on
RS-232 Pins and 5 kV on All Other Pins
(Human-Body Model)
D Complement to the SN75185
D Pin-to-Pin Replacement for the Goldstar
GD75323
D Functional Replacement for the MC145405
description
The SN75196 combines five drivers and three receivers from the trade-standard SN75188 and SN75189
bipolar quadruple drivers and receivers, respectively. The flow-through design of the SN75196 decreases the
part count, reduces the board space required, and allows easy interconnection of the UART and serial-port
connector. The all-bipolar circuits and processing of the SN75196 provide a rugged, low-cost solution for this
function.
The SN75196 complies with the requirements of TIA/EIA-232-F and ITU (formerly CCITT) V.28 standards.
These standards are for data interchange between a host computer and peripheral at signal rates of up to
20 kbit/s. The switching speeds of the SN75196 are fast enough to support rates of up to 120 kbit/s with lower
capacitive loads (shorter cables). Interoperability at the higher signaling rates cannot be assured unless the
designer has design control of the cable and the interface circuits at both ends. For interoperability at signaling
rates of up to 120 kbit/s, use of TIA/EIA-423-B (ITU V.10) and TIA/EIA-422-B (ITU V.11) standards are
recommended.
The SN75196 is characterized for operation over a temperature range of 0
°C to 70°C.
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VCC
1DA
2DA
3DA
1RY
2RY
4DA
3RY
5DA
GND
VDD
1DY
2DY
3DY
1RA
2RA
4DY
3RA
5DY
VSS
DW OR N PACKAGE
(TOP VIEW)


Similar Part No. - SN75196DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75196DW TI-SN75196DW Datasheet
189Kb / 12P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results

Similar Description - SN75196DWR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
75232 UTC-75232 Datasheet
300Kb / 10P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI-GD75323 Datasheet
158Kb / 11P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75185 TI-SN75185_06 Datasheet
357Kb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75185 STMICROELECTRONICS-ST75185 Datasheet
478Kb / 18P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
ST75185 STMICROELECTRONICS-ST75185_06 Datasheet
376Kb / 21P
   Multiple RS-232 drivers and receivers
logo
Texas Instruments
SN75185 TI-SN75185_07 Datasheet
547Kb / 21P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Unisonic Technologies
75323 UTC-75323_15 Datasheet
383Kb / 12P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI1-GD75323_16 Datasheet
1Mb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75196 TI-SN75196 Datasheet
189Kb / 12P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Holtek Semiconductor In...
HT6571 HOLTEK-HT6571 Datasheet
483Kb / 8P
   Multiple RS-232 Drivers and Receivers
logo
STMicroelectronics
ST75285 STMICROELECTRONICS-ST75285 Datasheet
300Kb / 13P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
December 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com