Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75970BDGG Datasheet(PDF) 8 Page - Texas Instruments

Part # SN75970BDGG
Description  SCSI DIFFERENTIAL CONVERTER-CONTROL
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75970BDGG Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN75970BDGG Datasheet HTML 4Page - Texas Instruments SN75970BDGG Datasheet HTML 5Page - Texas Instruments SN75970BDGG Datasheet HTML 6Page - Texas Instruments SN75970BDGG Datasheet HTML 7Page - Texas Instruments SN75970BDGG Datasheet HTML 8Page - Texas Instruments SN75970BDGG Datasheet HTML 9Page - Texas Instruments SN75970BDGG Datasheet HTML 10Page - Texas Instruments SN75970BDGG Datasheet HTML 11Page - Texas Instruments SN75970BDGG Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
SN75970B
SCSI DIFFERENTIAL CONVERTER-CONTROL
SLLS323A – NOVEMBER 1999 – REVISED JANUARY 2000
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
AATN –
AC/D –
BATN
±
BC/D
±
See Figure 3
35
17 7
’B1
AI/O –
AMSG –
BI/O
±
BMSG
±
See Figure 3
3.5
17.7
B1
AACK
BACK
±
3.1
15.3
AACK –
AREQ –
BACK
±
BREQ
±
VCC = 5 V, TA = 25°C
4.2
12.2
td1 td2
Delay time, A to B, high- to
low level or low to high lev
AREQ –
BREQ
±
VCC = 5 V, TA = 70°C
4.7
12.7
ns
td1, td2
low-level or low- to high-lev-
el output
AATN –
AC/D –
BATN
±
BC/D
±
See Figure 3
55
15 7
ns
’B2
AI/O –
AMSG –
BI/O
±
BMSG
±
See Figure 3
5.5
15.7
B2
AACK
BACK
±
4.5
13.3
AACK –
AREQ –
BACK
±
BREQ
±
VCC = 5 V, TA = 25°C
6.2
10.2
AREQ –
BREQ
±
VCC = 5 V, TA = 70°C
6.7
10.7
t k( )
Skew part to part
’B1
AACK –
AREQ –
BACK
±
BREQ
±
See Note 4
8
ns
tsk(pp)
Skew, part-to-part
’B2
AACK –
AREQ –
BACK
±
BREQ
±
See Note 4
4
ns
t k( )
Pulse skew
’B1
AACK –
AREQ –
BACK
±
BREQ
±
See Note 5
8
ns
tsk(p)
Pulse skew
’B2
AACK –
AREQ –
BACK
±
BREQ
±
See Note 5
4
ns
’B1
BATN
±
BC/D
±
BI/O
±
BMSG
±
AATN –
AC/D –
AI/O –
AMSG –
See Figure 4
5.1
17.9
B1
BACK
±
AACK
5.3
18
BACK
±
BREQ
±
AACK –
AREQ –
VCC = 5 V, TA = 25°C
6.3
15.2
td3 td4
Delay time, B to A, high- to
low level or low to high lev
BREQ
±
AREQ –
VCC = 5 V, TA = 70°C
6.7
15.6
ns
td3, td4
low-level or low- to high-lev-
el output
’B2
BATN
±
BC/D
±
BI/O
±
BMSG
±
AATN –
AC/D –
AI/O –
AMSG –
See Figure 4
7.3
14.6
ns
B2
BACK
±
AACK
7.5
14.2
BACK
±
BREQ
±
AACK –
AREQ –
VCC = 5 V, TA = 25°C
8.5
13
BREQ
±
AREQ –
VCC = 5 V, TA = 70°C
8.9
13.4
t k( )
Skew part to part
’B1
BACK
±
BREQ
±
AACK –
AREQ –
See Note 4
9
ns
tsk(pp)
Skew part-to-part
’B2
BACK
±
BREQ
±
AACK –
AREQ –
See Note 4
4.5
ns
t k( )
Pulse skew
’B1
BACK
±
BREQ
±
AACK –
AREQ –
See Note 5
8
ns
tsk(p)
Pulse skew
’B2
BACK
±
BREQ
±
AACK –
AREQ –
See Note 5
4
ns
† All typical values are at VCC = 5 V, TA = 25°C.
NOTES:
4. Part-to-part skew is the magnitude of the difference in propagation delay times between any two devices when both operate with
the same supply voltages, the same temperature, and the same loads.
5. Pulse skew is the difference between the high-to-low and low-to-high propagation delay times of any single channel.


Similar Part No. - SN75970BDGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75970BDGG TI-SN75970BDGG Datasheet
330Kb / 23P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-CONTROL
More results

Similar Description - SN75970BDGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75970B TI-SN75970B Datasheet
330Kb / 23P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-CONTROL
SN75LBC970A TI-SN75LBC970A Datasheet
309Kb / 20P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-CONTROL
SN75LBC970A TI1-SN75LBC970A_05 Datasheet
336Kb / 21P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-CONTROL
SN75970B2DGG TI-SN75970B2DGG Datasheet
323Kb / 23P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-CONTROL
SN75971B TI-SN75971B Datasheet
208Kb / 15P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-DATA
SN75LBC971ADLR TI1-SN75LBC971ADLR Datasheet
202Kb / 15P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-DATA
SN75971B TI1-SN75971B_16 Datasheet
203Kb / 15P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-DATA
SN75LBC971A TI-SN75LBC971A Datasheet
184Kb / 14P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-DATA
logo
Dallas Semiconductor
DS2108 DALLAS-DS2108 Datasheet
68Kb / 5P
   Differential SCSI Switchable Terminator
logo
Maxim Integrated Produc...
DS2108 MAXIM-DS2108 Datasheet
73Kb / 5P
   Differential SCSI Switchable Terminator
112099
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com