Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75971B2DL Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN75971B2DL
Description  SCSI DIFFERENTIAL CONVERTER-DATA
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75971B2DL Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75971B2DL Datasheet HTML 2Page - Texas Instruments SN75971B2DL Datasheet HTML 3Page - Texas Instruments SN75971B2DL Datasheet HTML 4Page - Texas Instruments SN75971B2DL Datasheet HTML 5Page - Texas Instruments SN75971B2DL Datasheet HTML 6Page - Texas Instruments SN75971B2DL Datasheet HTML 7Page - Texas Instruments SN75971B2DL Datasheet HTML 8Page - Texas Instruments SN75971B2DL Datasheet HTML 9Page - Texas Instruments SN75971B2DL Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
SN75971B
SCSI DIFFERENTIAL CONVERTER-DATA
SLLS322A – NOVEMBER 1999 – REVISED JANUARY 2000
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOD(H) Driver high-level differential output voltage
See Figure 1
–1
–2.2
V
VOD(L)
Driver low-level differential output voltage
See Figure 1
1
1.8
V
VOH
High-level output
A side
VID = – 200 mV,
IOH = – 16 mA
2.5
4.2
V
VOH
g
voltage
B side
IOH = – 60 mA
3.4
V
VOL
Low level output voltage
A side
VID = 200 mV,
IOL = 16 mA
0.4
0.8
V
VOL
Low-level output voltage
B side
IOL = 60 mA
1.6
V
VIT+
Receiver positive-going
differential input
threshold voltage
IOH = – 16 mA
See Figure 2
0.2
V
VIT–
Receiver negative-going
differential input
threshold voltage
B side
IOL = 16 mA
See Figure 2
– 0.2§
V
Vhys
Receiver input
hysteresis voltage (VIT +
– VIT –)
35
45
mV
VI = 12 V Other input at 0 V
VCC = 5 V
0.6
1
mA
II
Bus input current
BorB
VI = 12 V, Other input at 0 V
VCC = 0
0.7
1
mA
II
Bus input current
B or B
VI = 7 V Other input at 0 V
VCC = 5 V
– 0.5
– 0.8
mA
VI = – 7 V, Other input at 0 V
VCC = 0
– 0.4
– 0.8
mA
A side
–2
–5
–8
mA
IIH
High-level input current
RESET, DSENS
VIH = 2 V
–70
– 100
µA
SDB, DRVBUS
25
µA
A side
–6
–9
mA
IIL
Low-level input current
RESET, DSENS
VIL = 0.8 V
–66
– 100
µA
SDB, DRVBUS
±30
µA
IOS
Short-circuit output
current
B side
VO = 5 V and 0
±250
mA
Hi h i
d
t t
A side
–2
–5
–8
IOZ
High-impedance-state
output current
A side
–6
–9
out ut current
B side
See II
Disabled
RESET at 0.8 V,
Others open
38
46
ICC
Supply current
B to A
Enabled
SDB and DRVBUS at 2 V,
All other inputs open,
VID = – 1 V,
No load
39
50
mA
A to B
Enabled
SDB at 0.8 V,
All other inputs open,
DRVBUS at 2 V,
No load
32
66
CO
Output capacitance
VI = 0.6 sin(2π × 106t) + 1.5 V, BDBn to GND
18
21
pF
C d
Power dissipation capacitance‡
B to A,
One channel
40
pF
Cpd
Power dissipation capacitance‡
A to B,
One channel
100
pF
† All typical values are at VCC = 5 V, TA = 25°C.
‡ Cpd determines the no-load dynamic current consumption, IS = Cpd × VCC × f + ICC.
§ The algebraic convention with the least positive (more negative) limit is designated minimum, is used in this data sheet for the differential input
voltage only.


Similar Part No. - SN75971B2DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75971B TI-SN75971B Datasheet
208Kb / 15P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-DATA
SN75971BDGG TI-SN75971BDGG Datasheet
208Kb / 15P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-DATA
SN75971BDL TI-SN75971BDL Datasheet
208Kb / 15P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-DATA
More results

Similar Description - SN75971B2DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75971B TI-SN75971B Datasheet
208Kb / 15P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-DATA
SN75LBC971ADLR TI1-SN75LBC971ADLR Datasheet
202Kb / 15P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-DATA
SN75LBC971A TI-SN75LBC971A Datasheet
184Kb / 14P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-DATA
SN75970B TI-SN75970B Datasheet
330Kb / 23P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-CONTROL
SN75LBC970A TI-SN75LBC970A Datasheet
309Kb / 20P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-CONTROL
SN75LBC970A TI1-SN75LBC970A_05 Datasheet
336Kb / 21P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-CONTROL
SN75970B2DGG TI-SN75970B2DGG Datasheet
323Kb / 23P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-CONTROL
SN75970B TI1-SN75970B_16 Datasheet
324Kb / 23P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-CONTROL
logo
Dallas Semiconductor
DS2108 DALLAS-DS2108 Datasheet
68Kb / 5P
   Differential SCSI Switchable Terminator
logo
Maxim Integrated Produc...
DS2108 MAXIM-DS2108 Datasheet
73Kb / 5P
   Differential SCSI Switchable Terminator
112099
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com