Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDEP147NP-0R5MC-125 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDEP147NP-0R5MC-125
Description  SMD Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP147NP-0R5MC-125 Datasheet(HTML) 2 Page - Sumida Corporation

  CDEP147NP-0R5MC-125 Datasheet HTML 1Page - Sumida Corporation CDEP147NP-0R5MC-125 Datasheet HTML 2Page - Sumida Corporation CDEP147NP-0R5MC-125 Datasheet HTML 3Page - Sumida Corporation CDEP147NP-0R5MC-125 Datasheet HTML 4Page - Sumida Corporation CDEP147NP-0R5MC-125 Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
Revised: 10-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDEP147
Electrical Characteristics–standard type
※1. Measuring condition: at 100kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 75% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
8.5
9.6(12.0)
11.2(14.0)
13.31(11.1)
9.5
μH±20%
9R5MS
CDEP147NP-9R5MC-95
10.0
10.6(13.2)
12.4(15.5)
9.85(8.21)
7.7
μH±20%
7R7MS
CDEP147NP-7R7MC-95
11.0
12.4(15.5)
14.8(18.5)
7.80(6.50)
6.1
μH±20%
6R1MS
CDEP147NP-6R1MC-95
12.5
14.2(17.8)
15.2(19.0)
6.03(5.02)
4.7
μH±20%
4R7MS
CDEP147NP-4R7MC-95
16.0
16.0(20.0)
18.4(23.0)
4.97(4.14)
3.4
μH±20%
3R4MS
CDEP147NP-3R4MC-95
17.5
19.2(24.0)
22.4(28.0)
3.23(2.70)
2.4
μH±20%
2R4MS
CDEP147NP-2R4MC-95
20.0
22.8(28.5)
27.2(34.0)
2.02(1.69)
1.5
μH±20%
1R5MS
CDEP147NP-1R5MC-95
21.5
30.8(38.5)
36.0(45.0)
1.46(1.22)
0.9
μH±20%
0R9MS
CDEP147NP-0R9MC-95
23.0
45.6(57.0)
52.8(66.0)
1.18(0.98)
0.4
μH±25%
0R4NS
CDEP147NP-0R4NC-95
(at100
℃)
(at 20
℃)
TEMPERATURE
RISE CURRENT
( A )
※3
SATURATION
CURRENT ( A )
※2
D.C.R. (m
Ω)
[MAX.] (Typ.)
(at 20
℃)
INDUCTANCE
[WITHIN]※1
STAMP
PART NO.
8.5
12.2(15.3)
14.6(18.3)
13.31(11.1)
7.3
μH±20%
7R3MH
CDEP147NP-7R3MC-73
10.0
14.0(17.5)
16.4(20.5)
9.85(8.21)
5.9
μH±20%
5R9MH
CDEP147NP-5R9MC-73
11.0
16.0(20.0)
17.6(22.0)
7.80(6.50)
4.7
μH±20%
4R7MH
CDEP147NP-4R7MC-73
12.5
17.2(21.5)
20.8(26.0)
6.03(5.02)
3.5
μH±20%
3R5MH
CDEP147NP-3R5MC-73
16.0
20.4(25.5)
24.4(30.5)
4.97(4.14)
2.6
μH±20%
2R6MH
CDEP147NP-2R6MC-73
17.5
24.0(30.0)
29.6(37.0)
3.23(2.70)
1.8
μH±20%
1R8MH
CDEP147NP-1R8MC-73
20.0
30.0(37.5)
35.7(44.7)
2.02(1.69)
1.2
μH±20%
1R2MH
CDEP147NP-1R2MC-73
21.5
39.2(49.0)
46.4(58.0)
1.46(1.22)
0.7
μH±20%
0R7MH
CDEP147NP-0R7MC-73
23.0
59.8(74.8)
70.0(87.6)
1.18(0.98)
0.3
μH±25%
0R3NH
CDEP147NP-0R3NC-73
(at100
℃)
(at 20
℃)
TEMPERATURE
RISE CURRENT
( A )
※3
SATURATION
CURRENT ( A )
※2
D.C.R. (m
Ω)
[MAX.] (Typ.)
(at 20
℃)
INDUCTANCE
[WITHIN]※1
STAMP
PART NO.
Electrical Characteristics–high power type


Similar Part No. - CDEP147NP-0R5MC-125

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDEP147NP-0R5M SUMIDA-CDEP147NP-0R5M Datasheet
149Kb / 3P
   POWER INDUCTORS
More results

Similar Description - CDEP147NP-0R5MC-125

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com