Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RI-I02-112B Datasheet(PDF) 1 Page - Texas Instruments

Part # RI-I02-112B
Description  Tag-it HF-I Transponder Inlay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RI-I02-112B Datasheet(HTML) 1 Page - Texas Instruments

  RI-I02-112B Datasheet HTML 1Page - Texas Instruments RI-I02-112B Datasheet HTML 2Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Tag-it HF-I Transponder Inlay is compliant
with the ISO/IEC 15693 standard. With a user
memory of 2k bits, organized in 64 blocks, the
Tag-it HF-I Transponder Inlays allows advanced
solutions for a variety of applications, including
product authentication, ticketing, library manage-
ment, supply chain management etc. The thin
and flexible Tag-it HF-I Transponder Inlays can
be easily converted into paper or plastic labels.
Specifications:
Part Number
RI-I02-112A
RI-I02-112B
Supported Standard
ISO 15693-2,-3
Recommended Operating frequency
13.56 MHz
Passive Resonance Frequency (at +25
°C)
13.86 MHz
± 200kHz (includes
frequency offset to compensate
further integration into paper)
14.4 MHz
± 200kHz (includes
frequency offset to compensate
PVC lamination)
Typ. required activation field strength read (at +25
°C)
94 dB
µA/m
#
94 dB
µA/m *
Typ. required activation field strength write (at +25
°C)
97 dB
µA/m
#
97 dB
µA/m *
Factory programmed Read Only Number
64 bits
Memory (user programmable)
2k bits organized in 64 x 32-bit blocks
Typical programming cycles (at +25
°C)
100,000
Data retention time (at +55
°C)
> 10 years
Simultaneous Identification of Tags
Up to 50 tags per second (reader/antenna dependent)
Antenna size
45 mm x 76 mm (
∼1.77 in x ∼2.99 in)
Foil width
48 mm
± 0.5 mm (1.89 in ± 0.02 in)
Foil pitch
96 mm +0.1mm/-0.4mm (
∼3.78 in)
Thickness
Chip: 0.355mm (
∼0.014 in)
Antenna: 0.085mm (
∼0.0033 in)
Base material
Substrate: PET (Polyethylenetherephtalate)
Antenna: Aluminum
Smallest bending radius allowed
18 mm (
∼0.71 in)
Operating temperature
-25
°C to +70°C
Storage temperature (single inlay)
-40
°C to +85°C (warpage may occur at upper temperature range)
Storage temperature (on reel)
-40
°C to +40°C
Delivery
Single row tape wound on cardboard reel with 500 mm diameter
Reel outer width: approx. 60 mm (
∼2.36 in)
Reel inner width: approx. 50 mm (
∼1.97 in)
Hub diameter: 76.2 mm (3 in)
Typical quantity of good units per reel
5,000
Note: For highest possible read-out coverage we recommend to operate readers at a modulation depth of 20% or higher
# After integration into paper; * After PVC Lamination
For more information, contact the sales office or distributor nearest you. This contact information can be found
on our web site at:
http://www.ti-rfid.com
Tag-itääää HF-I Transponder Inlay
- Rectangle-Large -
R ADI O F R E Q U E NCY I DENT I F I CAT I O N S YSTE M S


Similar Part No. - RI-I02-112B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-I02-112B-03 TI-RI-I02-112B-03 Datasheet
56Kb / 4P
[Old version datasheet]   Tag-it??HF-I PLUS TRANSPONDER INLAYS LARGE RECTANGLE
More results

Similar Description - RI-I02-112B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-I01-112A TI-RI-I01-112A Datasheet
191Kb / 2P
[Old version datasheet]   Tag-it HF-I Transponder Inlay - Square -
RI-I14-110A TI-RI-I14-110A Datasheet
40Kb / 1P
[Old version datasheet]   Tag-it HF Transponder Inlay - Strip
RI-I12-112A TI-RI-I12-112A Datasheet
190Kb / 2P
[Old version datasheet]   Tag-it HF-I Transponder Inlay - Rectangle-Large -
RI-I01-110A TI-RI-I01-110A Datasheet
37Kb / 1P
[Old version datasheet]   Tag-it HF Transponder Inlay Square
RI-I02-110A TI-RI-I02-110A Datasheet
53Kb / 1P
[Old version datasheet]   Tag-it??HF Transponder Inlay Rectangle - Large
RI-I03-110A TI-RI-I03-110A Datasheet
75Kb / 1P
[Old version datasheet]   Tag-it??HF Transponder Inlay Rectangle - Miniature
RF-HDT-AJLC TI-RF-HDT-AJLC Datasheet
811Kb / 30P
[Old version datasheet]   Tag-it HF-I Plus Transponder IC
RF-HDT-WNMC TI1-RF-HDT-WNMC Datasheet
811Kb / 30P
[Old version datasheet]   Tag-it HF-I Plus Transponder IC
RF-HDT-WNME-M0 TI1-RF-HDT-WNME-M0 Datasheet
933Kb / 34P
[Old version datasheet]   Tag-it HF-I Standard Transponder IC
RF-HDT-AJLE TI1-RF-HDT-AJLE Datasheet
933Kb / 34P
[Old version datasheet]   Tag-it HF-I Standard Transponder IC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com