Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD73NP-270MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CD73NP-270MC
Description  SMD Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CD73NP-270MC Datasheet(HTML) 2 Page - Sumida Corporation

  CD73NP-270MC Datasheet HTML 1Page - Sumida Corporation CD73NP-270MC Datasheet HTML 2Page - Sumida Corporation CD73NP-270MC Datasheet HTML 3Page - Sumida Corporation CD73NP-270MC Datasheet HTML 4Page - Sumida Corporation CD73NP-270MC Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
Revised: 10-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CD73
Electrical Characteristics
※1: Inductance measuring frequency: 10μH ~ 82μH;at 2.52 MHz.
100
μH ~330μH;at1 kHz.
※2: Rated current: The DC current at which the inductance decreases to 90 % of it’s initial value or when △t=40℃,
whichever is lower (Ta=20
℃).
0.28
1495(1196)
330
±10%
331K
CD73NP-331KC
0.29
1306(1045)
270
±10%
271K
CD73NP-271KC
0.31
1200(923)
220
±10%
221K
CD73NP-221KC
0.36
1022(786)
180
±10%
181K
CD73NP-181KC
0.40
755(581)
150
±10%
151K
CD73NP-151KC
0.49
536(412)
120
±10%
121K
CD73NP-121KC
0.51
481(370)
100
±10%
101K
CD73NP-101KC
0.54
406(312)
82
±10%
820K
CD73NP-820KC
0.59
332(255)
68
±10%
680K
CD73NP-680KC
0.64
282(217)
56
±10%
560K
CD73NP-560KC
0.68
252(194)
47
±20%
470M
CD73NP-470MC
0.74
217(167)
39
±20%
390M
CD73NP-390MC
0.85
170(131)
33
±20%
330M
CD73NP-330MC
0.94
153(118)
27
±20%
270M
CD73NP-270MC
1.07
129(99.2)
22
±20%
220M
CD73NP-220MC
1.12
111(85.0)
18
±20%
180M
CD73NP-180MC
1.24
104(80.3)
15
±20%
150M
CD73NP-150MC
1.39
89.7(69.0)
12
±20%
120M
CD73NP-120MC
1.44
80.3(61.8)
10
±20%
100M
CD73NP-100MC
Rated Current
(A)
※2
D.C.R. (m
Ω)
[Max.] (TYP.)
(at 20
℃)
Inductance
(
μH)
[ within ]
※1
Stamp
Part Name


Similar Part No. - CD73NP-270MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CD73NP-270MC SUMIDA-CD73NP-270MC Datasheet
170Kb / 4P
   CD73
More results

Similar Description - CD73NP-270MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com