Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54T125NP-220MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CD54T125NP-220MC
Description  SMD Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CD54T125NP-220MC Datasheet(HTML) 2 Page - Sumida Corporation

  CD54T125NP-220MC Datasheet HTML 1Page - Sumida Corporation CD54T125NP-220MC Datasheet HTML 2Page - Sumida Corporation CD54T125NP-220MC Datasheet HTML 3Page - Sumida Corporation CD54T125NP-220MC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Revised: 13-Jan-16
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CD54/T125
Electrical Characteristics
※1 Measured frequency Inductance 10μH ~ 82μH ; at 2.52 MHz
100
μH ~220μH ; at 1 kHz
※2 Saturation current: This indicates the actual value of D.C. current when the inductance becomes 10% lower
than its initial value(Ta
=20℃).
※3 Temperature rise current: The actual value of D.C. current when the temperature of coil becomes
△T=40℃ (Ta=20℃).
0.59
0.45
1.57
220
μH±10%
221
CD54T125NP-221KC
0.61
0.50
1.38
180
μH±10%
181
CD54T125NP-181KC
0.72
0.55
1.10
150
μH±10%
151
CD54T125NP-151KC
0.74
0.60
0.93
120
μH±10%
121
CD54T125NP-121KC
0.77
0.65
0.70
100
μH±10%
101
CD54T125NP-101KC
0.97
0.71
0.60
82
μH±10%
820
CD54T125NP-820KC
1.12
0.80
0.46
68
μH±10%
680
CD54T125NP-680KC
1.15
0.88
0.42
56
μH±10%
560
CD54T125NP-560KC
1.21
0.91
0.37
47
μH±15%
470
CD54T125NP-470LC
1.27
1.02
0.32
39
μH±15%
390
CD54T125NP-390LC
1.47
1.16
0.23
33
μH±15%
330
CD54T125NP-330LC
1.65
1.28
0.20
27
μH±20%
270
CD54T125NP-270MC
1.75
1.44
0.18
22
μH±20%
220
CD54T125NP-220MC
1.93
1.49
0.15
18
μH±20%
180
CD54T125NP-180MC
2.15
1.58
0.14
15
μH±20%
150
CD54T125NP-150MC
2.45
1.82
0.12
12
μH±20%
120
CD54T125NP-120MC
2.55
1.94
0.10
10
μH±20%
100
CD54T125NP-100MC
Temperature rise
current
(A)
※3
Saturation
current
(A)
※2
D.C.R.
(
Ω)
(Max.)
(at 20
℃)
Inductance
[Within]
※1
Stamp
Part No.


Similar Part No. - CD54T125NP-220MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CD54 SUMIDA-CD54 Datasheet
171Kb / 4P
   CD54
logo
ECM Electronics Limited...
CD54 ECM-CD54 Datasheet
80Kb / 4P
   Surface Mount Power Inductors
logo
AIT Components Ltd.
CD54 AITCOMPONENTS-CD54 Datasheet
36Kb / 1P
   CD54 SMD POWER INDUCTOR
logo
Texas Instruments
CD54 TI1-CD54 Datasheet
1Mb / 17P
[Old version datasheet]   OCTAL TRANSPARENT LATCH, 3-STATE
logo
AIT Components Ltd.
CD54-100 AITCOMPONENTS-CD54-100 Datasheet
36Kb / 1P
   CD54 SMD POWER INDUCTOR
More results

Similar Description - CD54T125NP-220MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com