Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD105NP-100MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CD105NP-100MC
Description  SMD Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CD105NP-100MC Datasheet(HTML) 2 Page - Sumida Corporation

  CD105NP-100MC Datasheet HTML 1Page - Sumida Corporation CD105NP-100MC Datasheet HTML 2Page - Sumida Corporation CD105NP-100MC Datasheet HTML 3Page - Sumida Corporation CD105NP-100MC Datasheet HTML 4Page - Sumida Corporation CD105NP-100MC Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
Revised: 10-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CD105
Electrical Characteristics
※1: Inductance measuring frequency: 10μH ~ 82μH; at 2.52MHz.
100
μH ~820μH;at
1kHz.
※2: Rated current: The DC current at which the inductance decreases to 90 % of it’s initial value or when △t=40℃,
whichever is lower (Ta=20
℃).
0.24
2.55
820
±10%
CD105NP-821KC
0.28
2.25
680
±10%
CD105NP-681KC
0.33
1.90
560
±10%
CD105NP-561KC
0.42
1.48
470
±10%
CD105NP-471KC
0.48
1.30
390
±10%
CD105NP-391KC
0.52
1.15
330
±10%
CD105NP-331KC
0.57
0.97
270
±10%
CD105NP-271KC
0.66
0.73
220
±10%
CD105NP-221KC
0.72
0.63
180
±10%
CD105NP-181KC
0.78
0.47
150
±10%
CD105NP-151KC
0.89
0.40
120
±10%
CD105NP-121KC
0.97
0.35
100
±10%
CD105NP-101KC
1.00
0.25
82
±10%
CD105NP-820KC
1.11
0.22
68
±10%
CD105NP-680KC
1.17
0.19
56
±10%
CD105NP-560KC
1.28
0.17
47
±10%
CD105NP-470KC
1.37
0.14
39
±20%
CD105NP-390MC
1.50
0.12
33
±20%
CD105NP-330MC
1.76
0.11
27
±20%
CD105NP-270MC
1.95
0.10
22
±20%
CD105NP-220MC
2.15
0.09
18
±20%
CD105NP-180MC
2.27
0.08
15
±20%
CD105NP-150MC
2.45
0.07
12
±20%
CD105NP-120MC
2.60
0.06
10
±20%
CD105NP-100MC
Rated Current
(A)
※2
D.C.R. (
Ω)
[MAX.] (at 20
℃)
Inductance ( H)
[Within]
※1
Part Name


Similar Part No. - CD105NP-100MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CD105NP-100MC SUMIDA-CD105NP-100MC Datasheet
174Kb / 6P
   CD105
More results

Similar Description - CD105NP-100MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com