Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD43NP-6R8MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CD43NP-6R8MC
Description  SMD Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CD43NP-6R8MC Datasheet(HTML) 2 Page - Sumida Corporation

  CD43NP-6R8MC Datasheet HTML 1Page - Sumida Corporation CD43NP-6R8MC Datasheet HTML 2Page - Sumida Corporation CD43NP-6R8MC Datasheet HTML 3Page - Sumida Corporation CD43NP-6R8MC Datasheet HTML 4Page - Sumida Corporation CD43NP-6R8MC Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
Revised: 10-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CD43
Electrical Characteristics
※1: Inductance measuring frequency: 1.0μH ~ 8.2μH;at 7.96 MHz.
10
μH ~68μH ;at 2.52 MHz.
※2: Rated current: The DC current at which the inductance decreases to 90 % of it’s initial value or when △t=40℃,
whichever is lower (Ta=20
℃).
0.37
1117
68
±10%
680
CD43NP-680KC
0.42
937
56
±10%
560
CD43NP-560KC
0.44
844
47
±10%
470
CD43NP-470KC
0.52
587
39
±10%
390
CD43NP-390KC
0.56
540
33
±10%
330
CD43NP-330KC
0.62
522
27
±20%
270
CD43NP-270MC
0.68
378
22
±20%
220
CD43NP-220MC
0.74
338
18
±20%
180
CD43NP-180MC
0.85
235
15
±20%
150
CD43NP-150MC
0.97
210
12
±20%
120
CD43NP-120MC
1.04
182
10
±20%
100
CD43NP-100MC
1.37
146.2
8.2
±20%
8R2
CD43NP-8R2MC
1.43
131.2
6.8
±20%
6R8
CD43NP-6R8MC
1.48
125.7
5.6
±20%
5R6
CD43NP-5R6MC
1.62
108.7
4.7
±20%
4R7
CD43NP-4R7MC
1.84
93.7
3.9
±20%
3R9
CD43NP-3R9MC
2.00
86.2
3.3
±20%
3R3
CD43NP-3R3MC
2.16
78.7
2.7
±20%
2R7
CD43NP-2R7MC
2.25
71.2
2.2
±20%
2R2
CD43NP-2R2MC
2.33
63.7
1.8
±20%
1R8
CD43NP-1R8MC
2.50
56.2
1.4
±20%
1R4
CD43NP-1R4MC
2.70
48.7
1.0
±20%
1R0
CD43NP-1R0MC
Rated Current
(A)
※2
D.C.R. (m
Ω)
[Max.] ( 20
℃)
Inductance
(
μH)
[Within]
※1
Stamp
Part Name


Similar Part No. - CD43NP-6R8MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CD43NP-6R8MC SUMIDA-CD43NP-6R8MC Datasheet
185Kb / 6P
   CD43
More results

Similar Description - CD43NP-6R8MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com