Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAS19D17C-702 Datasheet(PDF) 3 Page - Sumida Corporation

Part # CAS19D17C-702
Description  Antenna < Transponder: RF-ID ( RX ) >
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CAS19D17C-702 Datasheet(HTML) 3 Page - Sumida Corporation

  CAS19D17C-702 Datasheet HTML 1Page - Sumida Corporation CAS19D17C-702 Datasheet HTML 2Page - Sumida Corporation CAS19D17C-702 Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Antenna < Transponder: RF-ID ( RX ) >
Type: CAS19D17C
Please refer to the sales offices on our website for a representative near you
www.sumida.com
3/3
Packaging specification
Taping specification ( According to EIA481 )
REEL
Packaging: 2000pcs/reel
Item
Materials
Carrier tape
Polystyrene or Polypropylene
Cover tape
Polyester
Reel
Cardboard
Taping
8.0±0.1
32
±
0.
3
2.0±0.1
4.0±0.1
φ1.5
+0.1
0
28
.4
±
0.
1
14
.2
±
0.
1
1.
75
±
0.
1
2.0-0
+1.0
φ13±0.5
φ21±1.0
φ
80
W1
-0
+2.0
W2
W3
MAX.38.4
31.9~35.4
32.4
φ370±2.0
Leader 400mm Min.
Trailer 160mm Min.
Goods 2000pcs
Start carrier tape
100mm Min.
Cover tape
Long holes
Sprocket holes


Similar Part No. - CAS19D17C-702

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CAS19D17C SUMIDA-CAS19D17C Datasheet
31Kb / 1P
   19.0횞5.3mm Max.(L횞W),1.9mm Max. Height
More results

Similar Description - CAS19D17C-702

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
AS224 SUMIDA-AS224 Datasheet
174Kb / 2P
   Antenna < Transponder: RF-ID ( TX ) >
AS705B SUMIDA-AS705B Datasheet
50Kb / 2P
   Antenna < Transponder : RF-ID [TX] >
AS705A SUMIDA-AS705A Datasheet
128Kb / 2P
   Antenna < Transponder: RF-ID ( TX ) >
AR10D23 SUMIDA-AR10D23 Datasheet
203Kb / 1P
   Transponder RX antenna
AR9D27 SUMIDA-AR9D27 Datasheet
210Kb / 1P
   Transponder RX antenna
AR13D28 SUMIDA-AR13D28 Datasheet
203Kb / 1P
   Transponder RX antenna
AR19D28 SUMIDA-AR19D28 Datasheet
199Kb / 1P
   Transponder RX antenna
CAS16D14 SUMIDA-CAS16D14 Datasheet
200Kb / 1P
   Transponder RX antenna< SMD Type: CAS Series>
CAS14D26 SUMIDA-CAS14D26 Datasheet
204Kb / 1P
   Transponder RX antenna< SMD Type: CAS Series>
logo
KOA Speer Electronics, ...
KT11835TTEG722J KOA-KT11835TTEG722J Datasheet
182Kb / 2P
   transponder coil (Rx)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com