Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54LBTH241 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN54LBTH241
Description  3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54LBTH241 Datasheet(HTML) 5 Page - Texas Instruments

  SN54LBTH241 Datasheet HTML 1Page - Texas Instruments SN54LBTH241 Datasheet HTML 2Page - Texas Instruments SN54LBTH241 Datasheet HTML 3Page - Texas Instruments SN54LBTH241 Datasheet HTML 4Page - Texas Instruments SN54LBTH241 Datasheet HTML 5Page - Texas Instruments SN54LBTH241 Datasheet HTML 6Page - Texas Instruments SN54LBTH241 Datasheet HTML 7Page - Texas Instruments SN54LBTH241 Datasheet HTML 8Page - Texas Instruments SN54LBTH241 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
SN54LVTH241, SN74LVTH241
3.3V ABT OCTAL BUFFERS/DRIVERS
WITH 3STATE OUTPUTS
SCAS352K − MARCH 1994 − REVISED OCTOBER 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature range, CL = 50 pF (unless otherwise noted) (see Figure 1)
SN54LVTH241
SN74LVTH241
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
TYP†
MAX
MIN
MAX
tPLH
A
Y
1
3.7
4
1.1
2.3
3.5
3.9
ns
tPHL
A
Y
1.2
3.5
3.7
1.3
2.2
3.4
3.6
ns
tPZH
OE or OE
Y
1
4.6
5.5
1.1
2.7
4.5
5.4
ns
tPZL
OE or OE
Y
1.3
4.6
5.1
1.4
2.9
4.4
5
ns
tPHZ
OE or OE
Y
1.5
4.7
5.5
1.6
2.8
4.5
5.3
ns
tPLZ
OE or OE
Y
1.7
5
5.5
1.8
3
4.7
5.2
ns
† All typical values are at VCC = 3.3 V, TA = 25°C.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN54LBTH241

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54L00 TI-SN54L00 Datasheet
350Kb / 7P
[Old version datasheet]   Quadruple 2input positive-nand gates
SN54L01 TI-SN54L01 Datasheet
146Kb / 2P
[Old version datasheet]   Positive-nand gates and inverters with oepn-collector outputs
SN54L02 TI-SN54L02 Datasheet
310Kb / 6P
[Old version datasheet]   Quadruple 2-input positive-nor gates
SN54L03 TI-SN54L03 Datasheet
286Kb / 6P
[Old version datasheet]   Quadruple 2-input positive-nand gates with open-collector outputs
SN54L42 TI-SN54L42 Datasheet
426Kb / 9P
[Old version datasheet]   4-LINE TO 10-LINE DECODERS (1-OF-10)
More results

Similar Description - SN54LBTH241

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH244A TI-SN54LVTH244A Datasheet
691Kb / 20P
[Old version datasheet]   3.3 V ABT OCTAL BUFFERS / DRIVERS WITH 3 STATE OUTPUTS
SN54LVT240A TI-SN54LVT240A Datasheet
110Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH240 TI-SN54LVTH240 Datasheet
99Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH541 TI-SN54LVTH541 Datasheet
310Kb / 13P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH540 TI1-SN54LVTH540_16 Datasheet
885Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH244A TI-SN54LVTH244A_07 Datasheet
952Kb / 22P
[Old version datasheet]   3.3-v abt octal buffers/drivers with 3-state outputs
SN54LVTH543 TI1-SN54LVTH543_16 Datasheet
881Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH240 TI1-SN54LVTH240_16 Datasheet
1Mb / 24P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LVTZ240 TI1-SN74LVTZ240 Datasheet
228Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH540 TI-SN54LVTH540 Datasheet
103Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com