Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAK12D21-342 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CAK12D21-342
Description  LF Receiver Antenna
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CAK12D21-342 Datasheet(HTML) 2 Page - Sumida Corporation

  CAK12D21-342 Datasheet HTML 1Page - Sumida Corporation CAK12D21-342 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2 of 2
Revised: 17-Aug-11
LF Receiver Antenna
CAK12D21
Neumarkt
Obernzell
Chicago
Tel.+49-9181-4509-110
FAX. +49-9181-4509-310
Tel.+49-8591-937-0
FAX. +49-8591-937-103
Tel.+1-847-545-6700
FAX. +1-847-545-6720
Taipei
Shenzhen
Shanghai
Hong Kong
Tel.+1-408-321-9660
FAX.+1-408-321-9308
Tel.+65-6296-3388
FAX.+65-6296-3390
Tel.+82-2-6237-0777
FAX.+82-2-6237-0778
Tel.+81-3-5202-7112
FAX.+81-3-5202-7105
San Jose
Singapore
Seoul
Tokyo
For more information, please browse our website http://www.sumida.com
Tel.+886-2-8751-2737
FAX.+886-2-8751-2738
Tel.+86-755-8291-0228
FAX.+86-755-8291-0338
Tel.+86-021-5836-3299
FAX.+86-021-5836-3266
Tel.+852-2880-6688
FAX.+852-2565-9600
Electrical Characteristics
* It is possible for different inductance value.
333
550
15.3
±10%
7.2
±3%
722
CAK12D21-722
8
320
550
14.8
±10%
6.8
±3%
682
CAK12D21-682
7
302
580
13.3
±10%
6.0
±3%
602
CAK12D21-602
6
217
680
14.4
±10%
4.7
±3%
472
CAK12D21-472
5
192
740
13.5
±10%
3.8
±3%
382
CAK12D21-382
4
181
760
12.9
±10%
3.45
±3%
342
CAK12D21-342
3
118
950
13.7
±10%
2.36
±3%
232
CAK12D21-232
2
52
1500
13.9
±10%
1.0
±3%
102
CAK12D21-102
1
D.C.R
REF.(
Ω)
S.R.F.
Min. (kHz)
UNLOADED
Q
INDUCTAN
CE
(mH)
STAMP
PART NAME
NO.


Similar Part No. - CAK12D21-342

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CAK15D14 SUMIDA-CAK15D14 Datasheet
91Kb / 1P
   過14.7mm Max.(Diameter), 1.6mm Max. Height.
CAK15D14-232 SUMIDA-CAK15D14-232 Datasheet
137Kb / 2P
   LF Receiver Antenna
CAK15D14-62 SUMIDA-CAK15D14-62 Datasheet
137Kb / 2P
   LF Receiver Antenna
CAK15D14 SUMIDA-CAK15D14_11 Datasheet
137Kb / 2P
   LF Receiver Antenna
More results

Similar Description - CAK12D21-342

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CAK15D14 SUMIDA-CAK15D14_11 Datasheet
137Kb / 2P
   LF Receiver Antenna
CAD10D30 SUMIDA-CAD10D30 Datasheet
101Kb / 2P
   LF Receiver Antenna
CAS10D25 SUMIDA-CAS10D25 Datasheet
118Kb / 2P
   LF Receiver Antenna
CAS13D31B SUMIDA-CAS13D31B Datasheet
384Kb / 4P
   LF Receiver Antenna
CAS13D28 SUMIDA-CAS13D28 Datasheet
271Kb / 2P
   LF Receiver Antenna
CAS11D23 SUMIDA-CAS11D23 Datasheet
49Kb / 2P
   LF Receiver Antenna
CAS13D31 SUMIDA-CAS13D31 Datasheet
147Kb / 2P
   LF receiver antenna
CAD10D25 SUMIDA-CAD10D25 Datasheet
119Kb / 2P
   LF Receiver Antenna
CAS16D14 SUMIDA-CAS16D14_11 Datasheet
123Kb / 2P
   LF Receiver Antenna
CAD8D25 SUMIDA-CAD8D25 Datasheet
143Kb / 2P
   LF Receiver Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com