Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54LVTH273 Datasheet(PDF) 9 Page - Texas Instruments

Part # SN54LVTH273
Description  3.3-V ABT OCTALD-TYPE FLIP-FLOPS WITH CLEAR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54LVTH273 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN54LVTH273 Datasheet HTML 5Page - Texas Instruments SN54LVTH273 Datasheet HTML 6Page - Texas Instruments SN54LVTH273 Datasheet HTML 7Page - Texas Instruments SN54LVTH273 Datasheet HTML 8Page - Texas Instruments SN54LVTH273 Datasheet HTML 9Page - Texas Instruments SN54LVTH273 Datasheet HTML 10Page - Texas Instruments SN54LVTH273 Datasheet HTML 11Page - Texas Instruments SN54LVTH273 Datasheet HTML 12Page - Texas Instruments SN54LVTH273 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
SN74LVTH273DBR
SSOP
DB
20
2000
330.0
16.4
8.2
7.5
2.5
12.0
16.0
Q1
SN74LVTH273DWR
SOIC
DW
20
2000
330.0
24.4
10.8
13.3
2.7
12.0
24.0
Q1
SN74LVTH273NSR
SO
NS
20
2000
330.0
24.4
9.0
13.0
2.4
4.0
24.0
Q1
SN74LVTH273PWR
TSSOP
PW
20
2000
330.0
16.4
6.95
7.1
1.6
8.0
16.0
Q1
SN74LVTH273PWR
TSSOP
PW
20
2000
330.0
16.4
6.95
7.1
1.6
8.0
16.0
Q1
SN74LVTH273PWRG4
TSSOP
PW
20
2000
330.0
16.4
6.95
7.1
1.6
8.0
16.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
17-Apr-2015
Pack Materials-Page 1


Similar Part No. - SN54LVTH273

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH273 TI-SN54LVTH273 Datasheet
315Kb / 13P
[Old version datasheet]   3.3-V ABT OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54LVTH273FK TI-SN54LVTH273FK Datasheet
315Kb / 13P
[Old version datasheet]   3.3-V ABT OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54LVTH273J TI-SN54LVTH273J Datasheet
315Kb / 13P
[Old version datasheet]   3.3-V ABT OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
More results

Similar Description - SN54LVTH273

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH273 TI-SN54LVTH273 Datasheet
315Kb / 13P
[Old version datasheet]   3.3-V ABT OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74LVTH273-EP TI1-SN74LVTH273-EP Datasheet
435Kb / 9P
[Old version datasheet]   3.3-V ABT OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SN54LVT574 TI-SN54LVT574 Datasheet
470Kb / 15P
[Old version datasheet]   3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVTH574 TI1-SN54LVTH574_16 Datasheet
1Mb / 25P
[Old version datasheet]   3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVTH374 TI-SN54LVTH374 Datasheet
109Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVTH374 TI-SN54LVTH374_08 Datasheet
642Kb / 18P
[Old version datasheet]   3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVTH374 TI-SN54LVTH374 Datasheet
468Kb / 16P
[Old version datasheet]   3.3 V ABT OCTAL EDGE TRIGGERED D TYPE FLIP FLOPS WITH 3 STATE OUTPUTS
SN54LVTH574 TI-SN54LVTH574 Datasheet
94Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVT574 TI-SN54LVT574_06 Datasheet
460Kb / 15P
[Old version datasheet]   3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVTH162374 TI-SN54LVTH162374 Datasheet
104Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com