Electronic Components Datasheet Search |
|
SNJ54LVTH240FK Datasheet(PDF) 3 Page - Texas Instruments |
|
|
SNJ54LVTH240FK Datasheet(HTML) 3 Page - Texas Instruments |
3 / 24 page SN54LVTH240, SN74LVTH240 3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS SCBS679K − DECEMBER 1996 − REVISED SEPTEMBER 2003 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 logic diagram (positive logic) 1 218 1Y1 1OE 1A1 416 1Y2 1A2 614 1Y3 1A3 812 1Y4 1A4 19 11 9 2Y1 2OE 2A1 13 7 2Y2 2A2 15 5 2Y3 2A3 17 3 2Y4 2A4 Pin numbers shown are for the DB, DW, FK, J, NS, PW, RGY, and W packages. absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage range, VCC −0.5 V to 4.6 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI (see Note 1) −0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Voltage range applied to any output in the high-impedance or power-off state, VO (see Note 1) −0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Voltage range applied to any output in the high state, VO (see Note 1) −0.5 V to VCC + 0.5 V . . . . . . . . . . . . . Current into any output in the low state, IO: SN54LVTH240 96 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . SN74LVTH240 128 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Current into any output in the high state, IO (see Note 2): SN54LVTH240 48 mA . . . . . . . . . . . . . . . . . . . . . . . SN74LVTH240 64 mA . . . . . . . . . . . . . . . . . . . . . . . Input clamp current, IIK (VI < 0) −50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output clamp current, IOK (VO < 0) −50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Note 3): DB package 70 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . (see Note 3): DW package 58 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . (see Note 3): GQN/ZQN package 78 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . (see Note 3): NS package 60 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . (see Note 3): PW package 83 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . (see Note 4): RGY package 37 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed. 2. This current flows only when the output is in the high state and VO > VCC. 3. The package thermal impedance is calculated in accordance with JESD 51-7. 4. The package thermal impedance is calculated in accordance with JESD 51-5. |
Similar Part No. - SNJ54LVTH240FK |
|
Similar Description - SNJ54LVTH240FK |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |