Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS705B-134D Datasheet(PDF) 1 Page - Sumida Corporation

Part # AS705B-134D
Description  Antenna < Transponder : RF-ID [TX] >
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

AS705B-134D Datasheet(HTML) 1 Page - Sumida Corporation

  AS705B-134D Datasheet HTML 1Page - Sumida Corporation AS705B-134D Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Antenna < Transponder : RF-ID [TX] >
Type: AS705B
Please refer to the sales offices on our website for a representative near you
www.sumida.com
◆ Product Description
・L 80.0 mm x W 13.9mm x H 8.0mm (all max.)
・Operating temperature: -40℃~+85℃.
◆ Feature
・LF transmitter antenna.
・Small size installation space can be saved.
・Add ”U” structure to make install easily.
・Match for TI & NXP IC, resonant frequency be
pre-set to 125kHz, 134kHz or customization.
・Meeting protection against water degree IPX4K
of ISO20653 by adding water-proof part.
・Ideally used in keyless smart entry system.
・Over molding, with / without harness and connector.
・RoHS Compliance.
◆ Mechanical dimensions [ unit : mm]


Similar Part No. - AS705B-134D

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS705 ALSC-AS705 Datasheet
198Kb / 16P
   Low Power uP Supervisor Circuits
logo
Sumida Corporation
AS705-125A SUMIDA-AS705-125A Datasheet
128Kb / 2P
   Antenna < Transponder: RF-ID ( TX ) >
AS705-125B SUMIDA-AS705-125B Datasheet
128Kb / 2P
   Antenna < Transponder: RF-ID ( TX ) >
AS705-125C SUMIDA-AS705-125C Datasheet
128Kb / 2P
   Antenna < Transponder: RF-ID ( TX ) >
AS705-125D SUMIDA-AS705-125D Datasheet
128Kb / 2P
   Antenna < Transponder: RF-ID ( TX ) >
More results

Similar Description - AS705B-134D

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
AS224 SUMIDA-AS224 Datasheet
174Kb / 2P
   Antenna < Transponder: RF-ID ( TX ) >
AS705A SUMIDA-AS705A Datasheet
128Kb / 2P
   Antenna < Transponder: RF-ID ( TX ) >
CAS19D17C SUMIDA-CAS19D17C_10 Datasheet
225Kb / 3P
   Antenna < Transponder: RF-ID ( RX ) >
AS657 SUMIDA-AS657 Datasheet
24Kb / 1P
   Transponder TX Antenna
AS737D SUMIDA-AS737D Datasheet
205Kb / 1P
   Transponder TX antenna
AS737C SUMIDA-AS737C Datasheet
211Kb / 1P
   Transponder TX antenna
AS637 SUMIDA-AS637 Datasheet
234Kb / 2P
   Transponder TX Antenna
AS737 SUMIDA-AS737 Datasheet
24Kb / 1P
   Transponder TX antenna< Pin Type: AS Series>
AR10D23 SUMIDA-AR10D23 Datasheet
203Kb / 1P
   Transponder RX antenna
AR9D27 SUMIDA-AR9D27 Datasheet
210Kb / 1P
   Transponder RX antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com