Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AU5232D Datasheet(PDF) 4 Page - NXP Semiconductors

Part # AU5232D
Description  Matched dual high-performance low-voltage operational amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AU5232D Datasheet(HTML) 4 Page - NXP Semiconductors

  AU5232D Datasheet HTML 1Page - NXP Semiconductors AU5232D Datasheet HTML 2Page - NXP Semiconductors AU5232D Datasheet HTML 3Page - NXP Semiconductors AU5232D Datasheet HTML 4Page - NXP Semiconductors AU5232D Datasheet HTML 5Page - NXP Semiconductors AU5232D Datasheet HTML 6Page - NXP Semiconductors AU5232D Datasheet HTML 7Page - NXP Semiconductors AU5232D Datasheet HTML 8Page - NXP Semiconductors AU5232D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Product data
NE/SA/AU5232
Matched dual high-performance
low-voltage operational amplifier
2002 May 21
4
DC ELECTRICAL CHARACTERISTICS
VCC = 2 V to 5.5 V, VEE = 0 V, Tamb = 25 °C; VEE < Vi(CM) < VCC; unless otherwise stated.
TEST CONDITIONS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
NE5232
SA5232
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
VCC = 5.5V
1.4
2.0
1.4
2.0
ICC
Supply current
VCC = 5.5 V;
over full temp. range
1.5
2.3
1.6
2.4
mA
VOS
Offset voltage
±0.2
±4
±0.2
±4
mV
VOS
Offset voltage
Over full temp. range
±0.4
±5
±0.6
±5
mV
∆VOS/∆T
Offset voltage drift with
temperature
4
4
µV/°C
∆VOS
Offset voltage difference
between any amplifiers in
0.4
3
0.4
3
mV
∆VOS
y
the same package at the
same common mode level1
Over full temp. range
0.8
4
1.2
4
mV
IOS
Offset current
±3
±20
±3
±30
nA
IOS
Offset current
Over full temp. range
±4
±30
±6
±60
nA
∆IOS/∆T
Offset current drift with
temperature
0.02
±.3
0.03
±.3
nA/
°C
1
VEE < Vi(CM) < VEE +0.5 V
–200
–90
–200
–90
I
Input bias current1
Over full temp. range
–225
–100
–250
–150
nA
IB
Input bias current1
VEE +1 V < Vi(CM) < VCC
25
70
25
75
nA
Over full temp. range
35
100
35
120
∆IB/∆T
Input bias current drift with
temperature
0.5
0.5
nA/
°C
Input bias current
VEE < Vi(CM) < VEE +0.5 V
10
30
10
30
∆IB
difference between any
amplifier in the same
Over full temp. range
25
50
50
70
nA
amplifier in the same
package at the same
VEE +1 V < Vi(CM) < VCC
5
20
5
20
nA
ackage at the same
common mode level.
Over full temp. range
15
30
25
50
VOS ≤ 6 mV
VEE–0.25
VCC+0.25
VEE–0.25
VCC+0.25
Vi(CM)
Common-mode input range
VOS ≤ 6 mV;
Over full temp. range
VEE–0.1
VCC+0.1
VEE–0.1
VCC+0.1
V
Common-mode rejection
ratio small signal
VEE < Vi(CM) < VEE+0.5V;
VEE+1V < Vi(CM) < VCC
80
100
80
100
CMRR
ratio, small signal
Over full temp. range
75
100
75
dB
Common-mode rejection
VEE < Vi(CM) < VCC
65
90
65
90
j
ratio, large signal
Over full temp. range
60
80
60
PSRR
Power supply rejection
VEE < Vi(CM) < VCC
80
100
80
100
dB
PSRR
yj
ratio
Over full temp. range
80
90
80
90
dB
I
Peak load current, sink and
10
12
10
12
mA
IL
,
source
Over full temp. range
5
8
5
8
mA
A O
Open loop voltage gain
90
110
90
110
dB
AVOL
Open-loop voltage gain
Over full temp. range
90
90
dB
IPEAK = 0.1 mA
VEE+0.05
VCC–0.05
VEE+0.1
VCC–0.1
Output voltage swing
IPEAK = 10 mA
VEE+0.25
VCC–0.25
VEE+0.25
VCC–0.25
V
VOUT
Out ut voltage swing
IPEAK = 5 mA;
over full temp. range
VEE+0.22
VCC–0.22
VEE+0.2
VCC–0.2
V
Output voltage swing for
RL = 2 kΩ
VEE+0.2
VCC–0.2
VEE+0.2
VCC–0.2
V
gg
VCC = 2.75 V, VEE = –2.75 V
RL = 600 Ω
VEE+0.25
VCC–0.25
VEE+0.25
VCC–0.25
V
NOTE:
1. These parameters are measured for VEE < VCM < VEE+0.5 V and for VEE+1 V < VCM < VCC. By design these parameters are intermediate
for common mode ranges between the measured regions.


Similar Part No. - AU5232D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AU5232D NXP-AU5232D Datasheet
96Kb / 10P
   Matched dual high-performance low-voltage operational amplifier
2002 May 21
More results

Similar Description - AU5232D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5232 NXP-NE5232 Datasheet
96Kb / 10P
   Matched dual high-performance low-voltage operational amplifier
2002 May 21
NE5234 PHILIPS-NE5234 Datasheet
72Kb / 4P
   Matched quad high-performance low-voltage operational amplifier
August 31, 1994
logo
Analog Devices
OP-04 AD-OP-04 Datasheet
468Kb / 8P
   DUAL MATCHED HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
REV. B
OP-14 AD-OP-14_15 Datasheet
826Kb / 8P
   DUAL MATCHED HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
logo
Renesas Technology Corp
UPC259 RENESAS-UPC259 Datasheet
619Kb / 9P
   High Performance, Low Noise Dual Operational Amplifier
2019.06.13
logo
New Japan Radio
NJM2114 NJRC-NJM2114 Datasheet
257Kb / 5P
   HIGH PERFORMANCE LOW-NOISE DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
RC5532 FAIRCHILD-RC5532 Datasheet
62Kb / 8P
   High Performance Dual Low Noise Operational Amplifier
RM5532 FAIRCHILD-RM5532 Datasheet
58Kb / 12P
   High Performance Dual Low Noise Operational Amplifier
logo
New Japan Radio
NJM5532 NJRC-NJM5532 Datasheet
239Kb / 6P
   HIGH PERFORMANCE LOW-NOISE DUAL OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-5102883 INTERSIL-HA-5102883 Datasheet
553Kb / 5P
   Dual, Low Noise, High Performance Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com