Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0734153412 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0734153412
Description  50 Ohms, MMCX Jack, Crimp, Gold (Au) Plating, 1.13mm Cable, One Piece Per Bag
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0734153412 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0734153412 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 06/30/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0734153412
Status:
Active
Overview:
MMCX RF Connectors
Description:
50 Ohms, MMCX Jack, Crimp, Gold (Au) Plating, 1.13mm Cable, One Piece Per Bag
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
RF/Coax Connectors
Series
73415
Overview
MMCX RF Connectors
Product Name
MMCX
Style
Cable
UPC
884982653504
Wire/Cable Type
1.13mm max.
Physical
Gender
Jack
Keying to Mating Part
None
Orientation
Straight
PCB Mounting
N/A
Packaging Type
Bag
Panel Mount
No
Panel Mount Method
N/A
Reverse Polar
No
Electrical
Impedance
50#
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-73415-341
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
73415 Series
This document was generated on 06/30/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0734153412

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0734153410 MOLEX11-0734153410 Datasheet
48Kb / 1P
   50 Ohms, MMCX Jack, Crimp, Gold (Au) Plating, 1.13mm Cable, Bag
More results

Similar Description - 0734153412

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73415-3412 MOLEX11-73415-3412 Datasheet
33Kb / 1P
   50 Ohms, MMCX Jack, Crimp, Gold (Au) Plating, 1.13mm Cable, One Piece Per Bag
0734152252 MOLEX11-0734152252 Datasheet
29Kb / 1P
   50 Ohms, MMCX Plug, Crimp, 1.13mm Cable, One Piece Per Bag
0734153410 MOLEX11-0734153410 Datasheet
48Kb / 1P
   50 Ohms, MMCX Jack, Crimp, Gold (Au) Plating, 1.13mm Cable, Bag
0734152252 MOLEX-0734152252_V01 Datasheet
56Kb / 1P
   50 Ohms, MMCX Plug, 0.25關m Gold (Au) Plating, Crimp, 1.13mm Cable, One Piece Per Bag
0734152262 MOLEX-0734152262_V01 Datasheet
59Kb / 1P
   50 Ohms, MMCX Right-Angle Plug, Crimp, 1.13mm Cable, Plating Per Commercial Requirements, One Piece Per Bag
73415-3410 MOLEX11-73415-3410 Datasheet
29Kb / 1P
   50 Ohms, MMCX Jack, Crimp, Gold (Au) Plating, 1.13mm Cable, Bulk
0734152132 MOLEX-0734152132_V01 Datasheet
56Kb / 1P
   50 Ohms, MMCX Plug, Crimp, RD-316 Cable, Plating Per Commercial Requirements, One Piece Per Bag
0734152253 MOLEX-0734152253 Datasheet
56Kb / 1P
   50 Ohms, MMCX Plug, 0.02關m Gold (Au) Plating, Crimp, 1.13mm Cable, Bag
0734152251 MOLEX-0734152251_V01 Datasheet
56Kb / 1P
   50 Ohms, MMCX Plug, 0.25關m Gold (Au) Plating, Crimp, 1.13mm Cable, Bag
0734151002 MOLEX-0734151002_V01 Datasheet
37Kb / 1P
   50 Ohms, MMCX Right-Angle Jack, PCB, Gold (Au) Plated Body per Commercial Requirements, One Piece Per Bag
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com