Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6081-MDA Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6081-MDA
Description  LMC6081 Precision CMOS Single Operational Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6081-MDA Datasheet(HTML) 2 Page - Texas Instruments

  LMC6081-MDA Datasheet HTML 1Page - Texas Instruments LMC6081-MDA Datasheet HTML 2Page - Texas Instruments LMC6081-MDA Datasheet HTML 3Page - Texas Instruments LMC6081-MDA Datasheet HTML 4Page - Texas Instruments LMC6081-MDA Datasheet HTML 5Page - Texas Instruments LMC6081-MDA Datasheet HTML 6Page - Texas Instruments LMC6081-MDA Datasheet HTML 7Page - Texas Instruments LMC6081-MDA Datasheet HTML 8Page - Texas Instruments LMC6081-MDA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
LMC6081
SNOS649C – AUGUST 2000 – REVISED MARCH 2013
www.ti.com
Absolute Maximum Ratings
(1)
Differential Input Voltage
±Supply Voltage
Voltage at Input/Output Pin
(V+) +0.3V,
(V)
−0.3V
Supply Voltage (V+
− V)
16V
Output Short Circuit to V+
(2)
Output Short Circuit to V
(3)
Lead Temperature
(Soldering, 10 Sec.)
260°C
Storage Temp. Range
−65°C to +150°C
Junction Temperature
150°C
ESD Tolerance (4)
2 kV
Current at Input Pin
±10 mA
Current at Output Pin
±30 mA
Current at Power Supply Pin
40 mA
Power Dissipation
(5)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics. The ensured specifications apply only for the test conditions listed.
(2)
Do not connect output to V+, when V+ is greater than 13V or reliability will be adversely affected.
(3)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C. Output currents in excess of ±30 mA over long term may adversely
affect reliability.
(4)
Human body model, 1.5 k
Ω in series with 100 pF.
(5)
The maximum power dissipation is a function of TJ(Max), θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(Max) − TA) /θJA.
Operating Ratings
(1)
Temperature Range
LMC6081AM
−55°C ≤ TJ ≤ +125°C
LMC6081AI, LMC6081I
−40°C ≤ TJ ≤ +85°C
Supply Voltage
4.5V
≤ V+ ≤ 15.5V
Thermal Resistance (
θJA),
(2)
8-Pin PDIP
115°C/W
8-Pin SOIC
193°C/W
Power Dissipation (3)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics. The ensured specifications apply only for the test conditions listed.
(2)
All numbers apply for packages soldered directly into a PC board.
(3)
For operating at elevated temperatures the device must be derated based on the thermal resistance
θJA with PD = (TJ − TA)/θJA.
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LMC6081


Similar Part No. - LMC6081-MDA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6081 NSC-LMC6081 Datasheet
304Kb / 12P
   Precision CMOS Single Operational Amplifier
LMC6081AIM NSC-LMC6081AIM Datasheet
304Kb / 12P
   Precision CMOS Single Operational Amplifier
LMC6081AIN NSC-LMC6081AIN Datasheet
304Kb / 12P
   Precision CMOS Single Operational Amplifier
LMC6081AMN NSC-LMC6081AMN Datasheet
304Kb / 12P
   Precision CMOS Single Operational Amplifier
LMC6081IM NSC-LMC6081IM Datasheet
304Kb / 12P
   Precision CMOS Single Operational Amplifier
More results

Similar Description - LMC6081-MDA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6081 NSC-LMC6081 Datasheet
304Kb / 12P
   Precision CMOS Single Operational Amplifier
logo
Agamem Microelectronic ...
AA6081 AGAMEM-AA6081 Datasheet
139Kb / 6P
   Precision CMOS Single Operational Amplifier
logo
National Semiconductor ...
LMC6061 NSC-LMC6061 Datasheet
312Kb / 12P
   Precision CMOS Single Micropower Operational Amplifier
LMC6061 NSC-LMC6061_14 Datasheet
1Mb / 21P
   PRECISION CMOS SINGLE MICROPOWER OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6061 TI1-LMC6061 Datasheet
1Mb / 21P
[Old version datasheet]   PRECISION CMOS SINGLE MICROPOWER OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8500 AD-AD8500_15 Datasheet
457Kb / 12P
   Micropower Precision CMOS Operational Amplifier
REV. B
AD8500 AD-AD8500 Datasheet
630Kb / 12P
   Micropower Precision CMOS Operational Amplifier
REV. A
logo
Advanced Linear Devices
ALD1731A ALD-ALD1731A Datasheet
92Kb / 9P
   PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMC6084 NSC-LMC6084 Datasheet
729Kb / 14P
   Precision CMOS Quad Operational Amplifier
LMC6082 NSC-LMC6082 Datasheet
322Kb / 12P
   Precision CMOS Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com