Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6482 Datasheet(PDF) 3 Page - Texas Instruments

Part # LMC6482
Description  LMC6482 CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6482 Datasheet(HTML) 3 Page - Texas Instruments

  LMC6482_16 Datasheet HTML 1Page - Texas Instruments LMC6482_16 Datasheet HTML 2Page - Texas Instruments LMC6482_16 Datasheet HTML 3Page - Texas Instruments LMC6482_16 Datasheet HTML 4Page - Texas Instruments LMC6482_16 Datasheet HTML 5Page - Texas Instruments LMC6482_16 Datasheet HTML 6Page - Texas Instruments LMC6482_16 Datasheet HTML 7Page - Texas Instruments LMC6482_16 Datasheet HTML 8Page - Texas Instruments LMC6482_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
LMC6482
www.ti.com
SNOS674E – NOVEMBER 1997 – REVISED APRIL 2015
5 Pin Configuration and Functions
D, DGK and P Packages
8-Pin SOIC, VSSOP and PDIP
(Top View)
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
OUTPUT A
O
Output for Amplifier A
2
INVERTING INPUT A
I
Inverting input for Amplifier A
3
NONINVERTING INPUT A
I
Noninverting input for Amplifier A
4
V
P
Negative supply voltage input
5
NONINVERTING INPUT B
I
Noninverting input for Amplifier B
6
INVERTING INPUT B
I
Inverting input for Amplifier B
7
OUTPUT B
O
Output for Amplifier B
8
V+
P
Positive supply voltage input
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Differential Input Voltage
±Supply Voltage
Voltage at Input/Output Pin
(V)
−0.3
(V+) +0.3
V
Supply Voltage (V+
− V)
16
V
Current at Input Pin (3)
−5
5
mA
Current at Output Pin
(4) (5)
−30
30
mA
Current at Power Supply Pin
40
mA
Lead Temperature
(Soldering, 10 sec.)
260
°C
Junction Temperature (6)
150
°C
Storage temperature, Tstg
−65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(3)
Limiting input pin current is only necessary for input voltages that exceed absolute maximum input voltage ratings.
(4)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C. Output currents in excess of ±30 mA over long term may adversely
affect reliability.
(5)
Do not short circuit output to V+, when V+ is greater than 13 V or reliability will be adversely affected.
(6)
The maximum power dissipation is a function of TJ(max), RθJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(max) − TA)/θJA. All numbers apply for packages soldered directly into a PC board.
Copyright © 1997–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMC6482


Similar Part No. - LMC6482_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6482 TI1-LMC6482_15 Datasheet
2Mb / 39P
[Old version datasheet]   CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
More results

Similar Description - LMC6482_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6482AIMX TI-LMC6482AIMX Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482IMM TI1-LMC6482IMM Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482IMMX TI-LMC6482IMMX Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482QML TI1-LMC6482QML Datasheet
2Mb / 28P
[Old version datasheet]   CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482 TI1-LMC6482_15 Datasheet
2Mb / 39P
[Old version datasheet]   CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
LMC6482-MIL TI1-LMC6482-MIL Datasheet
2Mb / 31P
[Old version datasheet]   CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
logo
National Semiconductor ...
LMC6482 NSC-LMC6482 Datasheet
1,001Kb / 22P
   CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6492 NSC-LMC6492 Datasheet
705Kb / 18P
   CMOS Rail-to-Rail Input and Output Operational Amplifier
logo
Texas Instruments
LMC6482QML TI1-LMC6482QML_16 Datasheet
2Mb / 29P
[Old version datasheet]   LMC6482QML CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6484QML TI1-LMC6484QML Datasheet
2Mb / 28P
[Old version datasheet]   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com