Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6462B-MDC Datasheet(PDF) 6 Page - Texas Instruments

Part # LMC6462B-MDC
Description  LMC6462 Dual/LMC6464 Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6462B-MDC Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMC6462B-MDC Datasheet HTML 2Page - Texas Instruments LMC6462B-MDC Datasheet HTML 3Page - Texas Instruments LMC6462B-MDC Datasheet HTML 4Page - Texas Instruments LMC6462B-MDC Datasheet HTML 5Page - Texas Instruments LMC6462B-MDC Datasheet HTML 6Page - Texas Instruments LMC6462B-MDC Datasheet HTML 7Page - Texas Instruments LMC6462B-MDC Datasheet HTML 8Page - Texas Instruments LMC6462B-MDC Datasheet HTML 9Page - Texas Instruments LMC6462B-MDC Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
LMC6462, LMC6464
SNOS725D – MAY 1999 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics
VS = +5V, Single Supply, TA = 25°C unless otherwise specified
Supply Current
Sourcing Current
vs.
vs.
Supply Voltage
Output Voltage
Figure 4.
Figure 5.
Sourcing Current
Sourcing Current
vs.
vs.
Output Voltage
Output Voltage
Figure 6.
Figure 7.
Sinking Current
Sinking Current
vs.
vs.
Output Voltage
Output Voltage
Figure 8.
Figure 9.
6
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LMC6462 LMC6464


Similar Part No. - LMC6462B-MDC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6462BIM NSC-LMC6462BIM Datasheet
648Kb / 18P
   Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
LMC6462BIMNOPB NSC-LMC6462BIMNOPB Datasheet
1Mb / 32P
   LMC6462 Dual/LMC6464 Quad Micropower, Rail-to-Rail Input and Output CMOS
LMC6462BIMX NSC-LMC6462BIMX Datasheet
648Kb / 18P
   Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
LMC6462BIMXNOPB NSC-LMC6462BIMXNOPB Datasheet
1Mb / 32P
   LMC6462 Dual/LMC6464 Quad Micropower, Rail-to-Rail Input and Output CMOS
LMC6462BIN NSC-LMC6462BIN Datasheet
648Kb / 18P
   Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
More results

Similar Description - LMC6462B-MDC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6462 NSC-LMC6462_14 Datasheet
1Mb / 32P
   LMC6462 Dual/LMC6464 Quad Micropower, Rail-to-Rail Input and Output CMOS
logo
Texas Instruments
LMC6464QML TI1-LMC6464QML Datasheet
1Mb / 22P
[Old version datasheet]   Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
logo
National Semiconductor ...
LMC6464QML NSC-LMC6464QML Datasheet
1Mb / 23P
   LMC6464QML Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
LMC6462 NSC-LMC6462 Datasheet
648Kb / 18P
   Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
logo
Texas Instruments
LMC6484 TI1-LMC6484 Datasheet
2Mb / 45P
[Old version datasheet]   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
LMC6484QML TI1-LMC6484QML Datasheet
2Mb / 28P
[Old version datasheet]   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
logo
National Semiconductor ...
LMC6484 NSC-LMC6484 Datasheet
973Kb / 22P
   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
logo
Texas Instruments
LPV511 TI1-LPV511 Datasheet
985Kb / 21P
[Old version datasheet]   Micropower, Rail-to-Rail Input and Output Operational Amplifier
logo
Advanced Linear Devices
ALD4701 ALD-ALD4701_10 Datasheet
86Kb / 9P
   QUAD MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6482QML TI1-LMC6482QML Datasheet
2Mb / 28P
[Old version datasheet]   CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com