Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL256N90TAI020 Datasheet(PDF) 3 Page - SPANSION

Part # S29GL256N90TAI020
Description  MirrorBit Flash Family
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL256N90TAI020 Datasheet(HTML) 3 Page - SPANSION

  S29GL256N90TAI020 Datasheet HTML 1Page - SPANSION S29GL256N90TAI020 Datasheet HTML 2Page - SPANSION S29GL256N90TAI020 Datasheet HTML 3Page - SPANSION S29GL256N90TAI020 Datasheet HTML 4Page - SPANSION S29GL256N90TAI020 Datasheet HTML 5Page - SPANSION S29GL256N90TAI020 Datasheet HTML 6Page - SPANSION S29GL256N90TAI020 Datasheet HTML 7Page - SPANSION S29GL256N90TAI020 Datasheet HTML 8Page - SPANSION S29GL256N90TAI020 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 110 page
background image
May 13, 2004 27631A4
S29GLxxxN MirrorBitTM Flash Family
3
Ad va nc e
Inform ati o n
The hardware RESET# pin terminates any operation in progress and resets the
device, after which it is then ready for a new operation. The RESET# pin may be
tied to the system reset circuitry. A system reset would thus also reset the device,
enabling the host system to read boot-up firmware from the Flash memory
device.
The device reduces power consumption in the standby mode when it detects
specific voltage levels on CE# and RESET#, or when addresses have been stable
for a specified period of time.
The SecSi™ (Secured Silicon) Sector provides a 128-word/256-byte area for
code or data that can be permanently protected. Once this sector is protected,
no further changes within the sector can occur.
The Write Protect (WP#/ACC) feature protects the first or last sector by as-
serting a logic low on the WP# pin.
MirrorBit flash technology combines years of Flash memory manufacturing expe-
rience to produce the highest levels of quality, reliability and cost effectiveness.
The device electrically erases all bits within a sector simultaneously via hot-hole
assisted erase. The data is programmed using hot electron injection.


Similar Part No. - S29GL256N90TAI020

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL256N90TAI020 SPANSION-S29GL256N90TAI020 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
More results

Similar Description - S29GL256N90TAI020

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29NS-P SPANSION-S29NS-P Datasheet
3Mb / 86P
   MirrorBit Flash Family
S29GL-A SPANSION-S29GL-A Datasheet
3Mb / 89P
   S29GL-A MirrorBit Flash Family
S29GL01GS10TFI010 SPANSION-S29GL01GS10TFI010 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S29GL01GS11TFIV20 SPANSION-S29GL01GS11TFIV20 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S72NS-P SPANSION-S72NS-P Datasheet
461Kb / 14P
   MirrorBit Flash Memory and DRAM
S25FS-S SPANSION-S25FS-S Datasheet
8Mb / 154P
   MirrorBit Flash Non-Volatile Memory
S29GL128P10TFI020 SPANSION-S29GL128P10TFI020 Datasheet
2Mb / 81P
   MirrorBit짰 Flash Family
S29GL256P90TFCR20 SPANSION-S29GL256P90TFCR20 Datasheet
2Mb / 81P
   MirrorBit짰 Flash Family
logo
Silicon Laboratories
C8051F388 SILABS-C8051F388 Datasheet
4Mb / 285P
   Flash MCU Family
Rev. 1.2
C8051F388-B SILABS-C8051F388-B Datasheet
4Mb / 285P
   Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com